Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP42B Datasheet(PDF) 3 Page - Marktech Corporate

Part # CP42B
Description  P4 LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CP42B Datasheet(HTML) 3 Page - Marktech Corporate

  CP42B_15 Datasheet HTML 1Page - Marktech Corporate CP42B_15 Datasheet HTML 2Page - Marktech Corporate CP42B_15 Datasheet HTML 3Page - Marktech Corporate CP42B_15 Datasheet HTML 4Page - Marktech Corporate CP42B_15 Datasheet HTML 5Page - Marktech Corporate CP42B_15 Datasheet HTML 6Page - Marktech Corporate CP42B_15 Datasheet HTML 7Page - Marktech Corporate CP42B_15 Datasheet HTML 8Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
CLD-CT1133.001
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Flux Bin Limit (I
F = 70 mA)
• Tolerance of measurement of luminous flux is ±15%
Color Bin Limit (I
F = 70 mA)
VF Bin Limit (I
F = 70 mA)
• Tolerance of measurement of dominant wavelength is ±1 nm
Red
Bin Code
Min.(V)
Max.(V)
23
2.0
2.2
24
2.2
2.4
25
2.4
2.6
26
2.6
2.8
27
2.8
3.0
Amber
Bin Code
Min.(V)
Max.(V)
23
2.0
2.2
24
2.2
2.4
25
2.4
2.6
26
2.6
2.8
27
2.8
3.0
• Tolerance of measurement of VF is ± 0.05V
Amber
Bin Code
Min.(nm)
Max.(nm)
A2
584
587
A3
587
590
A4
590
593
A5
593
596
A6
596
599
Red
Bin Code
Min.(nm)
Max.(nm)
RA
618
630
Red
Bin Code
Min.(mlm)
Max.(mlm)
L0
4400
5500
M0
5500
6600
N0
6600
8730
P0
8730
11000
Amber
Bin Code
Min.(mlm)
Max.(mlm)
M0
5500
6600
N0
6600
8730
P0
8730
11000
Q0
11000
13200


Similar Part No. - CP42B_15

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CP42B-AKS CREE-CP42B-AKS Datasheet
356Kb / 6P
   P4 LED
CP42B-AKS CREE-CP42B-AKS Datasheet
519Kb / 8P
   P4 LED
CP42B-AKS-CM0Q0264 CREE-CP42B-AKS-CM0Q0264 Datasheet
519Kb / 8P
   P4 LED
logo
Marktech Corporate
CP42B-AKS-CM0Q0264 MARKTECH-CP42B-AKS-CM0Q0264 Datasheet
519Kb / 8P
   Cree짰 P4 LED
logo
Cree, Inc
CP42B-AKS-CN0Q0354 CREE-CP42B-AKS-CN0Q0354 Datasheet
519Kb / 8P
   P4 LED
More results

Similar Description - CP42B_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CP41B-WES MARKTECH-CP41B-WES_15 Datasheet
651Kb / 9P
   P4 LED
logo
Cree, Inc
LP377THR1-70G-01 CREE-LP377THR1-70G-01 Datasheet
334Kb / 5P
   P4 LED
LP377THR1-A0G CREE-LP377THR1-A0G Datasheet
336Kb / 5P
   P4 LED
LP379PBG1-C0G-03 CREE-LP379PBG1-C0G-03 Datasheet
324Kb / 5P
   P4 LED
LP476PBL1-90G-03 CREE-LP476PBL1-90G-03 Datasheet
318Kb / 5P
   P4 LED
LP476PPG1-90G-03 CREE-LP476PPG1-90G-03 Datasheet
335Kb / 5P
   P4 LED
LP476PWN1-90G CREE-LP476PWN1-90G Datasheet
362Kb / 6P
   P4 LED
CP41B-WES CREE-CP41B-WES_2 Datasheet
651Kb / 9P
   P4 LED
LP377PBG1-60G-03 CREE-LP377PBG1-60G-03 Datasheet
335Kb / 5P
   P4 LED
LP377PBL1-60G-03 CREE-LP377PBL1-60G-03 Datasheet
334Kb / 5P
   P4 LED
LP377THR1-40G CREE-LP377THR1-40G Datasheet
336Kb / 5P
   P4 LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com