Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2DA1797Q-13 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # 2DA1797Q-13
Description  50V PNP SURFACE MOUNT TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DA1797Q-13 Datasheet(HTML) 6 Page - Diodes Incorporated

  2DA1797Q-13 Datasheet HTML 1Page - Diodes Incorporated 2DA1797Q-13 Datasheet HTML 2Page - Diodes Incorporated 2DA1797Q-13 Datasheet HTML 3Page - Diodes Incorporated 2DA1797Q-13 Datasheet HTML 4Page - Diodes Incorporated 2DA1797Q-13 Datasheet HTML 5Page - Diodes Incorporated 2DA1797Q-13 Datasheet HTML 6Page - Diodes Incorporated 2DA1797Q-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2DA1797
Document number: DS31619 Rev. 4 - 2
6 of 7
www.diodes.com
November 2013
© Diodes Incorporated
2DA1797
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
SOT89
Dim
Min
Max
A
1.40
1.60
B
0.44
0.62
B1
0.35
0.54
C
0.35
0.44
D
4.40
4.60
D1
1.62
1.83
E
2.29
2.60
e
1.50 Typ
H
3.94
4.25
H1
2.63
2.93
L
0.89
1.20
All Dimensions in mm
Dimensions Value (in mm)
X
0.900
X1
1.733
X2
0.416
Y
1.300
Y1
4.600
Y2
1.475
Y3
0.950
Y4
1.125
C
1.500
E
H
D1
B1
B
e
C
L
A
D
8° (4X)
H
1
R0
.20
0
Y1
X1
Y2
Y
C
X (3x)
Y3
Y4
X2 (2x)


Similar Part No. - 2DA1797Q-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2DA1797 DIODES-2DA1797 Datasheet
111Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
2DA1797-13 DIODES-2DA1797-13 Datasheet
111Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
More results

Similar Description - 2DA1797Q-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DP0150ALP4 DIODES-DP0150ALP4_11 Datasheet
96Kb / 5P
   50V PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BC857BLP DIODES-BC857BLP_11 Datasheet
95Kb / 4P
   50V PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
2DB1184Q DIODES-2DB1184Q_11 Datasheet
157Kb / 6P
   50V PNP SURFACE MOUNT TRANSISTOR IN TO252-3L
logo
Leshan Radio Company
LBSS5350Q3T1G LRC-LBSS5350Q3T1G Datasheet
254Kb / 5P
   50V PNP Transistor
S-LBSS5350Q3T1G LRC-S-LBSS5350Q3T1G Datasheet
254Kb / 5P
   50V PNP Transistor
logo
Diodes Incorporated
BC807-16W DIODES-BC807-16W Datasheet
363Kb / 3P
   PNP SURFACE MOUNT TRANSISTOR
DS30577 Rev. 5 - 2
2DB1119S DIODES-2DB1119S_15 Datasheet
201Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
2DA1797 DIODES-2DA1797 Datasheet
111Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
logo
Weitron Technology
BC808 WEITRON-BC808 Datasheet
959Kb / 4P
   PNP Transistor Surface Mount
logo
Leshan Radio Company
L2SB772Q LRC-L2SB772Q Datasheet
137Kb / 2P
   PNP SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com