Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FZB3-NM1 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # FZB3-NM1
Description  Opti-Core 10Gig 50/125um (OM3/OM4) Patch Cords and Pigtails
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

FZB3-NM1 Datasheet(HTML) 1 Page - PANDUIT CORP.

  FZB3-NM1 Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For service and technical support, call 866-405-6654 (outside the U.S. and Canada, see
catalog back cover).
A.
System
Overview
B.
Copper
Systems
C.
Fiber
Optic
Systems
D.
Power
over
Ethernet
E.
Zone
Cabling
F.
Wireless
G.
Outlets
H.
Media
Distribution
I.
Physical
Infrastructure
Management
J.
Overhead &
Underfloor
Routing
K.
Surface
Raceway
L.
Cabinets,
Racks &
Cable
Management
M.
Grounding &
Bonding
N.
Industrial
O.
Labeling &
Identification
P.
Cable
Management
Accessories
Q.
Index
PHYSICAL INFRASTRUCTURE SOLUTIONS
Opti-Core ® 10Gig 50/125µm (OM3/OM4) Patch Cords and Pigtails
• Available in riser (OFNR) or plenum (OFNP) flame ratings;
part numbers listed are for OFNR (FXE10-10M1Y)
• For OFNP, place a P after the X in the part number
and drop the Y (FXPE10-10M1)
• Patch cords are tested to support network transmission
speeds up to 10 Gb/s for link lengths up to 300
meters with an 850nm source per IEEE 802.3ae
10 GbE standard
• Pass all TIA/EIA-568-B.3 performance requirements
• LC and SC connector housing and boot colors follow
TIA/EIA-568-C.3 suggested color identification scheme
• Insertion loss per connection: 0.10dB typical;
0.30dB maximum
• Backward compatible for use with all 50/125µm
system requirements
• Factory terminated and 100% tested for insertion loss
• Insertion loss data recorded for every multimode
patch cord
• Lifetime traceability of test data to a Q.C. number
on each patch cord
• Highest quality flame retardant fiber optic cable
with tight-buffered coating on each optical fiber
FZD3-3M*
FXB6J-NM*Y
FXD6P-6PM*Y
FXF10-10M*Y
FZB3-NM*
FXD6J-NM*Y
FZE10-10M*
FZB10-NM*
www.panduit.com
• Patch cords are tested to support network
transmission speeds up to 10 Gb/s for link lengths
up to 550 meters with an 850nm source per IEEE
802.3ae 10 GbE standard
^Additional lengths and availability: Patch cords are available in 1 – 10 meter lengths in 1 meter increments, and 15, 20, 25
and 30 meter lengths. Pigtails are available in 1, 2, and 3 meter lengths. To order lengths other than 1 meter, replace the 1
after the M (FXD3-3M1Y) with the desired length (FXD3-3M2Y for 2 meter length). The above lengths are stock items.
For other lengths, contact Customer Service for actual lead times.
For optimized OM3 or OM4 patch cords, add an “O” after the “X” or “Z” in the part number. (ex: FZOE10-10M)
Part Number
Part Description
Length
(m)^
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
LC to LC – 10Gig OM4 Multimode Duplex Patch Cords – 1.6mm Jacketed Cable
FZE10-10M1
LC to LC Patch Cord, Standard OM4, Riser, 0.25 dB IL Loss, Duplex,
1.6mm jacketed cable, 1m
1
1
10
LC to Pigtail – 10Gig OM4 Multimode Simplex Pigtails – 900µm Buffered Fiber
FZB10-NM1
LC to Pigtail Patch Cord, Standard OM4, Riser, 0.25 dB IL Loss,
Simplex Pigtails, 900µ Buffered Fiber, 1m
1
1
10
SC to SC – 10Gig OM4 Multimode Duplex Patch Cords – 3mm Jacketed Cable
FZD3-3M1
SC to SC Patch Cord, Standard OM4, Riser, 0.25 dB IL Loss, Duplex,
3.0mm jacketed cable, 1m
1
1
10
SC to Pigtail – 10Gig OM4 Multimode Simplex Pigtails – 900µm Buffered Fiber
FZB3-NM1
SC to Pigtail Patch Cord, Standard OM4, Riser, 0.25 dB IL Loss,
Simplex Pigtails, 900µ Buffered Fiber, 1m
1
1
10
SC to LC – 10Gig OM4 Multimode Duplex Patch Cords – 1.6mm Jacketed Cable
FZE3-10M1
SC to LC Patch Cord, Standard OM4, Riser, 0.25 dB IL Loss, Duplex,
1.6mm jacketed cable, 1m
1
1
10
LC to LC – 10Gig OM3 Multimode Duplex Patch Cords – 1.6mm Jacketed Cable
FXE10-10M1Y
LC to LC multimode duplex patch cord, 1.6mm jacketed cable (two
duplex LC connectors on each end) – 10Gig 50/125µm.
1
1
10
LC to Pigtail – 10Gig OM3 Multimode Simplex Pigtails – 900µm Buffered Fiber
FXB10-NM1Y
LC to pigtail multimode simplex pigtail, 900µm buffered fiber (one
LC connector on one end and open on the other end) – 10Gig
50/125µm.
1
1
10
SC to SC – 10Gig OM3 Multimode Duplex Patch Cords – 3mm Jacketed Cable
FXD3-3M1Y
SC to SC multimode duplex patch cord, 3mm jacketed cable (one
duplex SC connector on each end) – 10Gig 50/125µm.
1
1
10
SC to Pigtail – 10Gig OM3 Multimode Simplex Patch Cords – 900µm Buffered Fiber
FXB3-NM1Y
SC to pigtail multimode simplex pigtail, 900µm buffered fiber (one
SC connector on one end and open on the other end) – 10Gig
50/125µm.
1
1
10
FJ ® Plug to FJ ® Plug – 10Gig OM3 Multimode Duplex Patch Cords – 3mm Jacketed Cable
FXD6P-6PM1Y
FJ ® Plug to FJ ® Plug multimode duplex patch cord, 3mm jacketed
cable (one FJ ® plug on each end) – 10Gig 50/125µm.
1
1
10
FJ ® Jack Module to Pigtail – 10Gig OM3 Multimode Duplex Patch Cords – 3mm
Jacketed Cable
FXD6J-NM1Y
FJ ® Jack Module to pigtail multimode duplex pigtail, 3mm jacketed
cable (one FJ ® Jack Module on one end and open on the other
end) – 10Gig 50/125µm.
1
1
10
FJ ® Jack Module to Pigtail – 10Gig OM3 Multimode Duplex Pigtails – 900µm
Buffered Fiber
FXB6J-NM1Y
FJ ® Jack Module to pigtail multimode duplex pigtail, 900µm buffered
fiber (one FJ ® Jack Module on one end and open on the other end)
– 10Gig 50/125µm.
1
1
10
Table continues
next page


Similar Description - FZB3-NM1

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
F52ERLNLNSNM001 PANDUIT-F52ERLNLNSNM001 Datasheet
198Kb / 2P
   Opti-Core짰 Fiber Optic Patch Cords and Pigtails
4/2016
F9PE10-10M8 PANDUIT-F9PE10-10M8 Datasheet
168Kb / 2P
   Opti-Core Fiber Optic Patch Cords and Pigtails - Riser (OFNR) and Plenum (OFNP) Rated
FXB10A-NM1 PANDUIT-FXB10A-NM1 Datasheet
359Kb / 3P
   Keyed LC Opti-Core Patch Cords and Pigtails - Riser (OFNR) and Plenum (OFNP) Rated
F5PE3-10M1 PANDUIT-F5PE3-10M1 Datasheet
168Kb / 2P
   Opti-Core Fiber Optic Patch Cords and Pigtails - Riser (OFNR) and Plenum (OFNP) Rated
CPP24FMWBLY PANDUIT-CPP24FMWBLY Datasheet
105Kb / 2P
   TX6A??10Gig??UTP Patch Cords with MaTriX Technology
5/2011
FXLE3-10M2 PANDUIT-FXLE3-10M2 Datasheet
91Kb / 2P
   Opti-Core Fibre Optic Patch Cords - Low Smoke Zero Halogen (LSZH) Rated
logo
CONEC Elektronische Bau...
17K1A344 CONEC-17K1A344 Datasheet
273Kb / 1P
   IP67 Industrial Duplex LC (ODVA) MM Fiber Optic Patch Cords (62.5/125um)
logo
List of Unclassifed Man...
NPC-1803 ETC2-NPC-1803 Datasheet
170Kb / 1P
   Snagless cat5e patch cords
logo
PANDUIT CORP.
DPA246X88TGY PANDUIT-DPA246X88TGY Datasheet
143Kb / 1P
   DP6A 10Gig UTP Patch Panels Component Labels for DP6A 10Gig UTP Patch Panels
logo
Tripp Lite. All Rights ...
N844-LOOP-12F TRIPPLITE-N844-LOOP-12F Datasheet
157Kb / 2P
   MTP / MPO Fiber Optic Loopback Tester (Multimode 50/125um, OM3) - Female
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com