Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM2314CXRFG Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TSM2314CXRFG
Description  20V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM2314CXRFG Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TSM2314CXRFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM2314CXRFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM2314CXRFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM2314CXRFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM2314CXRFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM2314CXRFG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TSM2314
20V N-Channel MOSFET
5/6
Version: D12
SOT-23 Mechanical Drawing
Marking Diagram
14 = Device Code
Y
= Year Code
M = Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug,
I=Sep, J=Oct, K=Nov, L=Dec)
= Month Code for Halogen Free Product
(O=Jan, P=Feb, Q=Mar, R=Apl, S=May, T=Jun, U=Jul, V=Aug, W=Sep,
X=Oct, Y=Nov, Z=Dec)
L
= Lot Code
SOT-23 DIMENSION
DIM
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX.
A
0.95 BSC
0.037 BSC
A1
1.9 BSC
0.074 BSC
B
2.60
3.00
0.102
0.118
C
1.40
1.70
0.055
0.067
D
2.80
3.10
0.110
0.122
E
1.00
1.30
0.039
0.051
F
0.00
0.10
0.000
0.004
G
0.35
0.50
0.014
0.020
H
0.10
0.20
0.004
0.008
I
0.30
0.60
0.012
0.024
J
10º
10º


Similar Part No. - TSM2314CXRFG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2314CXRF TSC-TSM2314CXRF Datasheet
234Kb / 6P
   20V N-Channel MOSFET
logo
VBsemi Electronics Co.,...
TSM2314CXRF VBSEMI-TSM2314CXRF Datasheet
1Mb / 9P
   N-Channel 20 V (D-S) MOSFET
More results

Similar Description - TSM2314CXRFG

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON2408 AOSMD-AON2408 Datasheet
241Kb / 5P
   20V N-Channel MOSFET
AOL1404 AOSMD-AOL1404 Datasheet
236Kb / 6P
   20V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2318E GOOD-ARK-SSF2318E Datasheet
323Kb / 4P
   20V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO7414 AOSMD-AO7414_13 Datasheet
1Mb / 4P
   20V N-Channel MOSFET
AON3816 AOSMD-AON3816_10 Datasheet
374Kb / 5P
   20V N-Channel MOSFET
AON7436 AOSMD-AON7436 Datasheet
391Kb / 6P
   20V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF22A5E GOOD-ARK-SSF22A5E_15 Datasheet
941Kb / 5P
   20V N-Channel MOSFET
SSF2160G4 GOOD-ARK-SSF2160G4_15 Datasheet
953Kb / 8P
   20V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com