Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM3401CXRFG Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TSM3401CXRFG
Description  P-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM3401CXRFG Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TSM3401CXRFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM3401CXRFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM3401CXRFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM3401CXRFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM3401CXRFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM3401CXRFG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM3401CXRFG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TSM3401
Taiwan Semiconductor
Document Number: DS_P0000072
5
Version: C15
CHARACTERISTICS CURVES
(TA = 25°C unless otherwise noted)
On-Resistance vs. Gate-Source Voltage
Threshold Voltage
Single Pulse Power
Normalized Thermal Transient Impedance Curve
Time (sec)
VGS, Gate to Source Voltge(V)
TJ, Junction Temperature (°C)
Square Wave Pulse Duration (s)


Similar Part No. - TSM3401CXRFG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3401CXRF TSC-TSM3401CXRF Datasheet
240Kb / 6P
   30V P-Channel MOSFET
More results

Similar Description - TSM3401CXRFG

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
   P-CHANNEL POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJ3139KW JIANGSU-CJ3139KW Datasheet
1Mb / 5P
   P-Channel Power MOSFET
logo
ON Semiconductor
MTB50P03HDL ONSEMI-MTB50P03HDL_14 Datasheet
143Kb / 9P
   P-Channel Power MOSFET
January, 2014 ??Rev. 7
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
   P CHANNEL POWER MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
   p-Channel Power MOSFET
1.9, 2011-03-02
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
   P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
   P Channel Power MOSFET
logo
Micro Commercial Compon...
MCQ4435A MCC-MCQ4435A Datasheet
641Kb / 4P
   P-Channel Power MOSFET
logo
Unisonic Technologies
UT9435 UTC-UT9435_15 Datasheet
243Kb / 4P
   P-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com