Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE9.1A Datasheet(PDF) 2 Page - Littelfuse

Part # 1.5KE9.1A
Description  1500 WATT AXIAL TRANSIENT VOLTAGE SUPPRESSORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1.5KE9.1A Datasheet(HTML) 2 Page - Littelfuse

  1.5KE9.1A Datasheet HTML 1Page - Littelfuse 1.5KE9.1A Datasheet HTML 2Page - Littelfuse 1.5KE9.1A Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www .littelfuse .com
19
1.5KE6.8*
1.5KE6.8A*
1.5KE7.5
1.5KE7.5A
1.5KE8.2
1.5KE8.2A
1.5KE9.1
1.5KE9.1A
1.5KE10
1.5KE10A
1.5KE11
1.5KE11A
1.5KE12
1.5KE12A
1.5KE13
1.5KE13A
1.5KE15
1.5KE15A
1.5KE16
1.5KE16A
1.5KE18*
1.5KE18A*
1.5KE20*
1.5KE20A*
1.5KE22
1.5KE22A
1.5KE24*
1.5KE24A*
1.5KE27*
1.5KE27A*
1.5KE30
1.5KE30A
1.5KE33*
1.5KE33A*
1.5KE36
1.5KE36A
1.5KE39*
1.5KE39A*
1.5KE43
1.5KE43A
1.5KE47
1.5KE47A
1.5KE51*
1.5KE51A
Part
Number
(Uni)
Part
Number
(Bi)
1.5KE6.8C*
1.5KE6.8CA*
1.5KE7.5C
1.5KE7.5CA
1.5KE8.2C
1.5KE8.2CA
1.5KE9.1C
1.5KE9.1CA
1.5KE10C
1.5KE10CA
1.5KE11C
1.5KE11CA
1.5KE12C
1.5KE12CA
1.5KE13C
1.5KE13CA
1.5KE15C*
1.5KE15CA*
1.5KE16C
1.5KE16CA
1.5KE18C*
1.5KE18CA*
1.5KE20C
1.5KE20CA
1.5KE22C
1.5KE22CA
1.5KE24C*
1.5KE24CA*
1.5KE27C*
1.5KE27CA*
1.5KE30C
1.5KE30CA
1.5KE33C
1.5KE33CA
1.5KE36C
1.5KE36CA
1.5KE39C
1.5KE39CA
1.5KE43C
1.5KE43CA
1.5KE47C
1.5KE47CA
1.5KE51C
1.5KE51CA
Reverse
Stand off
Voltage
VR
(Volts)
5.50
5.80
6.05
6.40
6.63
7.02
7.37
7.78
8.10
8.55
8.92
9.40
9.72
10.20
10.50
11.10
12.10
12.80
12.90
13.60
14.50
15.30
16.20
17.10
17.80
18.80
19.40
20.50
21.80
23.10
24.30
25.60
26.80
28.20
29.10
30.80
31.60
33.30
34.80
36.80
38.10
40.20
41.30
43.60
Breakdown
Voltage
VBR (Volts) @ IT
MIN
6.12
6.45
6.75
7.13
7.38
7.79
8.19
8.60
9.00
9.50
9.90
10.50
10.80
11.40
11.70
12.40
13.50
14.30
14.40
15.20
16.20
17.10
18.00
19.00
19.80
20.90
21.60
22.80
24.30
25.70
27.00
28.50
29.70
31.40
32.40
34.20
35.10
37.10
38.70
40.90
42.30
44.70
45.90
48.50
MAX
7.48
7.14
8.25
7.88
9.02
8.61
10.00
9.55
11.00
10.50
12.10
11.60
13.20
12.60
14.30
13.70
16.50
15.80
17.60
16.80
19.80
18.90
22.00
21.00
24.20
23.10
26.40
25.20
29.70
28.40
33.00
31.50
36.30
34.70
39.60
37.80
42.90
41.00
47.30
45.20
51.70
49.40
56.10
53.60
mA
10.0
10.0
10.0
10.0
10.0
10.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
Maximum
Reverse
Leakage
IR @ VR
(µA)
1000.0
1000.0
500.0
500.0
200.0
200.0
50.0
50.0
10.0
10.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
Maximum
Clamping
Voltage
VC @ IPP
(Volts)
10.8
10.5
11.7
11.3
12.5
12.1
13.8
13.4
15.0
14.5
16.2
15.6
17.3
16.7
19.0
18.2
22.0
21.2
23.5
22.5
26.5
25.2
29.1
27.7
31.9
30.6
34.7
33.2
39.1
37.5
43.5
41.4
47.7
45.7
52.0
49.9
56.4
53.9
61.9
59.3
67.8
64.8
73.5
70.1
Maximum
Peak Pulse
Current
IPP
(A)
139.0
143.0
128.0
132.0
120.0
124.0
109.0
112.0
100.0
103.0
93.0
96.0
87.0
90.0
79.0
82.0
68.0
71.0
64.0
67.0
56.5
59.5
51.5
54.0
47.0
49.0
43.0
45.0
38.5
40.0
34.5
36.0
31.5
33.0
29.0
30.0
26.5
28.0
24.0
25.3
22.2
23.2
20.4
21.4
Suffix ‘C’ denotes Bi-directional device. Suffix ‘A’ denotes 5% tolerance device, no suffix denotes a 10% tolerance device.
1.
For Bi-directional devices having VR of 10 volts and below, the IR limit is doubled.
2.
VF = 3.5 Volts max. for devices of VR <100v, and VF = 5.0 Volts max for devices of VR >100V. IF = 100A, 300 µS square wave.
* Preferred voltages.
Max
Voltage
Temperature
Variation
of VBR (%/°C)
0.057
0.057
0.061
0.061
0.065
0.065
0.068
0.068
0.073
0.073
0.075
0.075
0.078
0.078
0.081
0.081
0.084
0.084
0.086
0.086
0.088
0.088
0.090
0.090
0.092
0.092
0.094
0.094
0.096
0.096
0.097
0.097
0.098
0.098
0.099
0.099
0.100
0.100
0.101
0.101
0.101
0.101
0.102
0.102
1.5KE6.8 - 1.5KE440CA series
ELECTRICAL SPECIFICATION @ Tamb 25°C


Similar Part No. - 1.5KE9.1A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE9.1A TRSYS-1.5KE9.1A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
1.5KE9.1A NJSEMI-1.5KE9.1A Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE9.1A NJSEMI-1.5KE9.1A Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
DAESAN ELECTRONIC CORP.
1.5KE9.1A DAESAN-1.5KE9.1A Datasheet
801Kb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
SeCoS Halbleitertechnol...
1.5KE9.1A SECOS-1.5KE9.1A Datasheet
218Kb / 4P
   VOLTAGE 6.8V ~ 440V 1500W Peak Power / 5.0W Steady State 1500W Peak Power TVS
More results

Similar Description - 1.5KE9.1A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SMCJ10A FAIRCHILD-SMCJ10A Datasheet
127Kb / 5P
   1500 Watt Transient Voltage Suppressors
logo
Littelfuse
1.5KE LITTELFUSE-1.5KE Datasheet
123Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
ICTEICB LITTELFUSE-ICTEICB Datasheet
161Kb / 2P
   Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors
logo
ON Semiconductor
1N6267A ONSEMI-1N6267A_05 Datasheet
78Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
July, 2005 ??Rev. 7
1.5KE18CARL4 ONSEMI-1.5KE18CARL4 Datasheet
211Kb / 7P
   1500 Watt Mosorb??Zener Transient Voltage Suppressors
August, 2006 ??Rev. 3
logo
Goodwork Semiconductor ...
1.5KE GWSEMI-1.5KE Datasheet
178Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Littelfuse
1N56 LITTELFUSE-1N56 Datasheet
201Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
1N60 LITTELFUSE-1N60 Datasheet
197Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
logo
ON Semiconductor
15KE68CA ONSEMI-15KE68CA Datasheet
58Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
February, 2002 ??Rev. 2
logo
Bytes
15KE BYTES-15KE Datasheet
304Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com