Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

130112-0116 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 130112-0116
Description  Guard Closed-End with Reflector Yellow Vinyl, 100W
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130112-0116 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  130112-0116 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 02/04/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130112-0116
Status:
Active
Overview:
Lighting Accessories
Description:
Guard Closed-End with Reflector Yellow Vinyl, 100W
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Portable Lighting
Series
130112
NEMA Configuration
N/A
Outlet
None
Overview
Lighting Accessories
Product Name
Woodhead®
Type
Accessory
UPC
78678847370
Woodhead
Yes
Physical
Cord Length - Primary
N/A
Cord Length - Secondary
N/A
Depth
N/A
Duty
General
Guard Included
No
Guard Type
N/A
Height
N/A
Length
N/A
Material - Guard
#8 Gauge Vinyl Coated Steel
Packaging Type
Carton
Socket Construction
N/A
Electrical
Bulb Type
N/A
Lamp Type
N/A
Lamp Wattage - Maximum
N/A
Lumens
N/A
On/Off Switch
No
Voltage (Fixture) - Maximum
N/A
Material Info
Old Part Number
1255RIG
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130112Series
This document was generated on 02/04/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 130112-0116

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130112-0110 MOLEX11-130112-0110 Datasheet
31Kb / 1P
   TEFLON Replacement Globe for Watertite Incandescent Hand Lamp
130112-0111 MOLEX11-130112-0111 Datasheet
31Kb / 1P
   100W Guard Closed-End without Reflector, Steel, Zinc Plated
130112-0113 MOLEX11-130112-0113 Datasheet
38Kb / 1P
   Guard Closed-End no Reflector Yellow Vinyl, 100W
130112-0114 MOLEX11-130112-0114 Datasheet
33Kb / 1P
   Guard Closed-End with Reflector Steel Zinc, 100W
130112-0118 MOLEX11-130112-0118 Datasheet
31Kb / 1P
   100W Guard Closed-End with Reflector Cast Aluminum
More results

Similar Description - 130112-0116

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301120116 MOLEX11-1301120116 Datasheet
25Kb / 1P
   Guard Closed-End with Reflector Yellow Vinyl, 100W
130112-0087 MOLEX11-130112-0087 Datasheet
33Kb / 1P
   100W Guard Closed-End with Reflector Yellow Vinyl
1301120087 MOLEX11-1301120087 Datasheet
25Kb / 1P
   100W Guard Closed-End with Reflector Yellow Vinyl
1301120113 MOLEX11-1301120113 Datasheet
30Kb / 1P
   Guard Closed-End no Reflector Yellow Vinyl, 100W
130112-0113 MOLEX11-130112-0113 Datasheet
38Kb / 1P
   Guard Closed-End no Reflector Yellow Vinyl, 100W
130112-0081 MOLEX11-130112-0081 Datasheet
33Kb / 1P
   100W Guard Closed-End no Reflector Yellow Vinyl
130112-0091 MOLEX11-130112-0091 Datasheet
33Kb / 1P
   300W Guard Closed-End with Reflector Yellow Vinyl
1301120101 MOLEX11-1301120101 Datasheet
35Kb / 1P
   100W Guard Open-End with Reflector Yellow Vinyl Coating
130112-0101 MOLEX11-130112-0101 Datasheet
42Kb / 1P
   100W Guard Open-End with Reflector Yellow Vinyl Coating
130112-0084 MOLEX11-130112-0084 Datasheet
37Kb / 1P
   300W Guard Closed-End no Reflector Yellow Vinyl
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com