Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UDZS5V1B Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # UDZS5V1B
Description  Surface Mount Flat Lead Plastic Package Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UDZS5V1B Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  UDZS5V1B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UDZS5V1B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd UDZS5V1B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd UDZS5V1B Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
(TA=25℃ unless otherwise noted)
Min.
Max
Max.
Max
Max.
UDZS3V6B
D0
3.60
3.85
5
90
1.0
600
4.50
1
UDZS3V9B
D1
3.89
4.16
5
90
1.0
600
2.70
1
UDZS4V3B
D2
4.17
4.43
5
90
1.0
600
2.70
1
UDZS4V7B
D3
4.55
4.75
5
80
1.0
500
2.70
1
UDZS5V1B
D4
4.98
5.20
5
60
1.0
500
1.80
2
UDZS5V6B
D5
5.49
5.73
5
40
1.0
300
0.90
3
UDZS6V2B
D6
6.06
6.33
5
40
1.0
150
2.70
3
UDZS6V8B
D7
6.65
6.93
5
30
1.0
75
1.80
4
UDZS7V5B
D8
7.28
7.60
5
30
1.0
75
0.90
4
UDZS8V2B
D9
8.02
8.36
5
30
1.0
75
0.63
5
UDZS9V1B
DA
8.85
9.23
5
30
1.0
90
0.45
6
UDZS10B
DB
9.77
10.21
5
20
1.0
150
0.18
7
UDZS11B
DC
10.76
11.22
5
20
1.0
150
0.09
8
UDZS12B
DE
11.74
12.24
5
20
1.0
150
0.09
9
UDZS13B
DF
12.91
13.49
5
40
1.0
160
0.045
10
UDZS15B
DG
14.34
14.98
5
40
1.0
190
0.045
11
UDZS16B
DH
15.85
16.51
5
40
1.0
190
0.045
12
UDZS18B
DJ
17.56
18.35
5
50
1.0
220
0.045
13
UDZS20B
DK
19.52
20.39
5
60
1.0
220
0.045
15
UDZS22B
DL
21.54
22.47
5
80
1.0
240
0.045
17
UDZS24B
DM
23.72
24.78
5
80
1.0
240
0.045
19
UDZS27B
DN
26.19
27.53
5
100
0.5
300
0.045
21
UDZS30B
DP
29.19
30.69
5
100
0.5
300
0.045
23
UDZS33B
DR
32.15
33.79
5
100
0.5
310
0.045
25
UDZS36B
DS
35.07
36.87
5
100
0.5
330
0.045
27
Notes:
1. The zener Voltage (VZ) is tested under pulse condition of 40ms
2. For detailed information on price, availability and delivery of nominal zener voltages between the
voltages shown and tighter voltage tolerances
3. The zener impedance is derived from the 60-cycle ac voltage, which results when anac
current having an ms value equal to 10% of the dc zener current (IZT or IZK) is superimpossed to IZT or IZK
Document Number:DS_S1402016
Version : E14
Small Signal Product
RATINGS AND CHARACTERISTICS CURVES
UDZS3V6B thru UDZS36B
Taiwan Semiconductor
IZT
(mA)
IZK
mA
VR
(V)
VZ @ IZT
(V)
ZZT @ IZT
(
Ω)
ZZK @ IZK
(
Ω)
IR @ VR
(
μA)
Device
Device
Marking
Code


Similar Part No. - UDZS5V1B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
UDZS5V1B SECOS-UDZS5V1B Datasheet
343Kb / 2P
   Surface Mount Zener Voltage Regulator Diodes
logo
Taiwan Semiconductor Co...
UDZS5V1B TSC-UDZS5V1B Datasheet
311Kb / 3P
   200mW Surface Mount Flat Lead Plastic Package Zener Diode
logo
Rectron Semiconductor
UDZS5V1B RECTRON-UDZS5V1B Datasheet
213Kb / 3P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 3.6 to 36 Volts POWER 200 mWatts
logo
Yea Shin Technology Co....
UDZS5V1B YEASHIN-UDZS5V1B Datasheet
799Kb / 3P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
logo
Tak Cheong Electronics ...
UDZS5V1BW TAK_CHEONG-UDZS5V1BW Datasheet
153Kb / 3P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
More results

Similar Description - UDZS5V1B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
UDZS3V6B TSC-UDZS3V6B_08 Datasheet
311Kb / 3P
   200mW Surface Mount Flat Lead Plastic Package Zener Diode
UDZS3V6B TSC-UDZS3V6B Datasheet
73Kb / 2P
   200mW Surface Mount Flat Lead Plastic Package Zener Diode
logo
Tak Cheong Electronics ...
MMSZ5221CW TAK_CHEONG-MMSZ5221CW Datasheet
233Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ2V4BW TAK_CHEONG-MMSZ2V4BW Datasheet
216Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ2V4BW TAK_CHEONG-MMSZ2V4BW_09 Datasheet
238Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ5221BW TAK_CHEONG-MMSZ5221BW Datasheet
216Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ2V4CW TAK_CHEONG-MMSZ2V4CW Datasheet
217Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ2V4CW TAK_CHEONG-MMSZ2V4CW_09 Datasheet
239Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ5221BSW TAK_CHEONG-MMSZ5221BSW Datasheet
222Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
logo
Yea Shin Technology Co....
UDZS2V0B YEASHIN-UDZS2V0B Datasheet
799Kb / 3P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com