Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UDZS13B Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # UDZS13B
Description  Surface Mount Flat Lead Plastic Package Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UDZS13B Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  UDZS13B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UDZS13B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd UDZS13B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd UDZS13B Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number:DS_S1402016
Small Signal Product
UDZS3V6B thru UDZS36B
Taiwan Semiconductor
Version : E14
0
50
100
150
200
250
0
25
50
75
100
125
150
Ambient Temperature(oC)
FIG.2 Derating Curve
-0.08
-0.06
-0.04
-0.02
0.00
0.02
0.04
0.06
0.08
0.10
0
4
8
12
16
20
24
28
32
36
40
Zener Voltage (V)
FIG. 3 Zener Voltage-Temp.
Coefficient Characteristics
Iz=5mA
Iz=0.5mA
0.0001
0.001
0.01
0.1
1
10
100
0
5
10
15
20
25
30
35
40
Zener Voltage , Vz (V)
FIG. 1 Zener Voltage Characteristics


Similar Part No. - UDZS13B

ManufacturerPart #DatasheetDescription
logo
Rohm
UDZS13B ROHM-UDZS13B Datasheet
158Kb / 5P
   Zener diode
UDZS13B ROHM-UDZS13B Datasheet
159Kb / 5P
   Zener diode
UDZS13B ROHM-UDZS13B Datasheet
158Kb / 5P
   Constant voltage control Can be mounted automatically, using chip mounter.
UDZS13B ROHM-UDZS13B Datasheet
158Kb / 5P
   Zener diode
UDZS13B ROHM-UDZS13B Datasheet
140Kb / 5P
   Zener diode
More results

Similar Description - UDZS13B

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
UDZS3V6B TSC-UDZS3V6B_08 Datasheet
311Kb / 3P
   200mW Surface Mount Flat Lead Plastic Package Zener Diode
UDZS3V6B TSC-UDZS3V6B Datasheet
73Kb / 2P
   200mW Surface Mount Flat Lead Plastic Package Zener Diode
logo
Tak Cheong Electronics ...
MMSZ5221CW TAK_CHEONG-MMSZ5221CW Datasheet
233Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ2V4BW TAK_CHEONG-MMSZ2V4BW Datasheet
216Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ2V4BW TAK_CHEONG-MMSZ2V4BW_09 Datasheet
238Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ5221BW TAK_CHEONG-MMSZ5221BW Datasheet
216Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ2V4CW TAK_CHEONG-MMSZ2V4CW Datasheet
217Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ2V4CW TAK_CHEONG-MMSZ2V4CW_09 Datasheet
239Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ5221BSW TAK_CHEONG-MMSZ5221BSW Datasheet
222Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
logo
Yea Shin Technology Co....
UDZS2V0B YEASHIN-UDZS2V0B Datasheet
799Kb / 3P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com