Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZM4756A Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # ZM4756A
Description  Hermetically Sealed Glass Zener Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ZM4756A Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  ZM4756A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ZM4756A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ZM4756A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd ZM4756A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS ( T
A= 25
oC unless otherwise noted )
76
1.0
1.0
69
1.0
1.0
64
1.0
1.0
58
1.0
1.0
53
1.0
1.0
49
1.0
1.0
45
1.0
2.0
41
1.0
3.0
37
1.0
4.0
34
0.5
5.0
31
0.5
6.0
28
0.5
7.0
25
0.25
7.6
23
0.25
8.4
21
0.25
9.1
19
0.25
9.9
17
0.25
11.4
15.5
0.25
12.2
14.0
0.25
13.7
12.5
0.25
15.2
11.5
0.25
16.7
10.5
0.25
18.2
9.5
0.25
20.6
8.5
0.25
22.8
7.5
0.25
25.1
7.0
0.25
27.4
6.5
0.25
29.7
6.0
0.25
32.7
5.5
0.25
35.8
5.0
0.25
38.8
4.5
0.25
42.6
Notes: 1. The device numbers listed have a standard tolerance on the nomial zener voltage of ±5%.
2. For detailed information on price, availability and delivery of nominal zener voltages between the voltages
shown and tighter voltage tolerances, contact your nearest Taiwan Semiconductor representative.
3. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an
RMS value equal to 10% of the dc zener current(IZT or IZK) is superimposed to IZT or IZK.
Document Number: DS_S1412003
Version: C14
ZM4728A
ZM4729A
ZM4730A
ZM4731A
ZM4732A
4.7
3.3
Small Signal Product
Type
Number
VZ @ IZT
(Volts)
Nominal
ZZT @ IZT
(Ohm)
Max.
ZM4728A thru ZM4758A
Taiwan Semiconductor
IZK
(mA)
ZZK @ IZK
(Ohm)
VR
(Volts)
IZT
(mA)
ZM4733A
ZM4734A
7
5
3.6
3.9
8
ZM4735A
ZM4736A
ZM4737A
ZM4738A
ZM4739A
ZM4740A
ZM4741A
ZM4742A
ZM4743A
ZM4744A
ZM4752A
ZM4746A
ZM4747A
ZM4748A
ZM4753A
ZM4754A
4.3
ZM4749A
ZM4750A
ZM4751A
ZM4745A
5.1
5.6
6.2
6.8
7.5
8.2
9.1
10
11
12
13
15
33
18
20
22
36
39
10
10
9
9
24
27
30
16
2
3.5
10
14
4.0
4.5
5.0
7.0
60
23
25
35
500
40
45
50
550
16
20
22
8.0
9.0
400
400
400
400
600
700
700
700
700
700
700
700
1000
750
750
750
1000
1000
1000
10
700
750
700
700
700
700
5.0
5.0
10
10
100
100
50
10
10
10
10
10
10
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
IR @ VR
(μA)
Max.
5.0
5.0
5.0
5.0
5.0
10
ZM4755A
43
70
1500
ZM4756A
47
80
1500
ZM4757A
51
95
1500
ZM4758A
56
110
2000


Similar Part No. - ZM4756A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZM4756A DIODES-ZM4756A Datasheet
64Kb / 3P
   1.0W SURFACE MOUNT ZENER DIODE
DS18009 Rev. 3 - 3
logo
Vishay Siliconix
ZM4756A VISHAY-ZM4756A Datasheet
90Kb / 4P
   Zener Diodes
Rev. 1.5, 17-Oct-12
logo
TAITRON Components Inco...
ZM4756A TAITRON-ZM4756A Datasheet
201Kb / 4P
   Surface Mount 1W Zener Diodes
logo
Vishay Siliconix
ZM4756A VISHAY-ZM4756A Datasheet
90Kb / 4P
   Zener Diodes
Rev. 1.5, 17-Oct-12
ZM4756A VISHAY-ZM4756A Datasheet
104Kb / 5P
   Zener Diodes
Rev. 1.4, 12-Dec-05
More results

Similar Description - ZM4756A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
1N47XXAG SECOS-1N47XXAG_15 Datasheet
218Kb / 2P
   Hermetically Sealed Glass Zener Voltage Regulators
VLZ SECOS-VLZ_15 Datasheet
416Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
VLZ SECOS-VLZ Datasheet
422Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
ON Semiconductor
BZX55C2V4RL ONSEMI-BZX55C2V4RL Datasheet
252Kb / 10P
   Hermetically Sealed Glass Zener Voltage Regulators
August, 2006 ??Rev. 1
logo
Taiwan Semiconductor Co...
LLZ2V4 TSC-LLZ2V4 Datasheet
228Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B TSC-LLZ5221B_15 Datasheet
230Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
SEC Electronics Inc.
1N47XXAG SECELECTRONICS-1N47XXAG Datasheet
218Kb / 2P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
LLZ5221B TSC-LLZ5221B Datasheet
129Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Shenzhen Luguang Electr...
BZX55C2V0 LUGUANG-BZX55C2V0 Datasheet
78Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
BZX55C LUGUANG-BZX55C Datasheet
81Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com