Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC0150ADJ Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DC0150ADJ
Description  COMPLEMENTARY NPN/PNP SURFACE MOUNT TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DC0150ADJ Datasheet(HTML) 1 Page - Diodes Incorporated

  DC0150ADJ_15 Datasheet HTML 1Page - Diodes Incorporated DC0150ADJ_15 Datasheet HTML 2Page - Diodes Incorporated DC0150ADJ_15 Datasheet HTML 3Page - Diodes Incorporated DC0150ADJ_15 Datasheet HTML 4Page - Diodes Incorporated DC0150ADJ_15 Datasheet HTML 5Page - Diodes Incorporated DC0150ADJ_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DC0150ADJ / DC0150BDJ
Document number: DS31480 Rev. 3 - 2
1 of 6
www.diodes.com
April 2009
© Diodes Incorporated
DC0150ADJ / DC0150BDJ
COMPLEMENTARY NPN/PNP SURFACE MOUNT TRANSISTOR
Features
Epitaxial Planar Die Construction
Ideally Suited for Automated Assembly Processes
Lead Free By Design/RoHS Compliant (Note 1)
"Green" Device (Note 2)
Ultra Small Package
Mechanical Data
Case: SOT-963
Case Material: Molded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020D
Terminals: Finish
⎯ Matte Tin annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
Marking Information: See Page 5
Ordering Information: See Page 5
Weight: 0.0027 grams (approximate)
Maximum Ratings–Q1 NPN
@TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
5
V
Collector Current – Continuous
IC
100
mA
Base Current
IB
30
mA
Maximum Ratings–Q2 PNP @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current - Continuous
IC
-100
mA
Base Current
IB
-30
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 3)
PD
300
mW
Thermal Resistance, Junction to Ambient (Note 3)
RθJA
417
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3. Device mounted on FR-4 PCB with minimum recommended pad layout.
Device Schematic
6
Q1
Q2
5
4
3
1
2
Top View
SOT-963


Similar Part No. - DC0150ADJ_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DC0150ADJ-7 DIODES-DC0150ADJ-7 Datasheet
266Kb / 6P
   COMPLEMENTARY NPN/PNP SURFACE MOUNT TRANSISTOR
May 2021
More results

Similar Description - DC0150ADJ_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DC0150ADJ DIODES-DC0150ADJ Datasheet
266Kb / 6P
   COMPLEMENTARY NPN/PNP SURFACE MOUNT TRANSISTOR
May 2021
DST3946DPJ DIODES-DST3946DPJ Datasheet
200Kb / 9P
   COMPLEMENTARY NPN/PNP SURFACE MOUNT TRANSISTOR
DS32040 Rev. 1 - 2
DST3946DPJ DIODES-DST3946DPJ_15 Datasheet
201Kb / 9P
   COMPLEMENTARY NPN/PNP SURFACE MOUNT TRANSISTOR
logo
TT Electronics.
2N4854U TTELEC-2N4854U Datasheet
498Kb / 4P
   Surface Mount NPN/ PNP Complementary Transistor
logo
Central Semiconductor C...
CMLT4413 CENTRAL-CMLT4413 Datasheet
584Kb / 2P
   SURFACE MOUNT COMPLEMENTARY NPN/PNP SILICON TRANSISTOR
logo
Diodes Incorporated
MMDT5451 DIODES-MMDT5451 Datasheet
45Kb / 2P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30171 Rev. C-1
MMDT4146 DIODES-MMDT4146_1 Datasheet
88Kb / 5P
   COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30162 Rev. 9 - 2
logo
Unisonic Technologies
BD2378 UTC-BD2378 Datasheet
96Kb / 4P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
MMDT4146 DIODES-MMDT4146_15 Datasheet
100Kb / 5P
   COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMDT5451 DIODES-MMDT5451_2 Datasheet
204Kb / 5P
   COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 9 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com