Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZM4758AL0G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # ZM4758AL0G
Description  Hermetically Sealed Glass Zener Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ZM4758AL0G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  ZM4758AL0G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ZM4758AL0G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ZM4758AL0G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd ZM4758AL0G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Small Signal Product
CREAT BY ART
- Zener voltage range 3.3 to 56 volts
- Ideal for automated placement
- Hermetically sealed glass
- Compression bonded construction
- All external surfaces are corrosion
resistant and leads are readily solderable
- Matte Tin (Sn) lead finish
- Blue color band indicates negative polarity
- Packing code with suffix "G" means
Halogen free
SYMBOL
UNIT
PD
W
RθJA
oC/W
TJ
oC
TSTG
oC
Note : These ratings are limiting values above which the serviceability of the diode may be impaired
Document Number: DS_S1412003
Version: C14
PARAMETER
VALUE
Power Dissipation
1
170
Storage Temperature Range
- 65 to +200
Thermal Resistance Junction to Ambient
Junction Temperature Range
175
ZM4728A thru ZM4758A
Taiwan Semiconductor
Hermetically Sealed Glass Zener Voltage Regulators
FEATURES
MELF
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)


Similar Part No. - ZM4758AL0G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZM4758A DIODES-ZM4758A Datasheet
64Kb / 3P
   1.0W SURFACE MOUNT ZENER DIODE
DS18009 Rev. 3 - 3
logo
Vishay Siliconix
ZM4758A VISHAY-ZM4758A Datasheet
90Kb / 4P
   Zener Diodes
Rev. 1.5, 17-Oct-12
logo
Taiwan Semiconductor Co...
ZM4758A TSC-ZM4758A Datasheet
85Kb / 2P
   1.0 Watt Hermetically Sealed Glass Zener Voltage Regulators
logo
Vishay Siliconix
ZM4758A VISHAY-ZM4758A Datasheet
90Kb / 4P
   Zener Diodes
Rev. 1.5, 17-Oct-12
logo
TAITRON Components Inco...
ZM4758A TAITRON-ZM4758A Datasheet
201Kb / 4P
   Surface Mount 1W Zener Diodes
More results

Similar Description - ZM4758AL0G

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
1N47XXAG SECOS-1N47XXAG_15 Datasheet
218Kb / 2P
   Hermetically Sealed Glass Zener Voltage Regulators
VLZ SECOS-VLZ_15 Datasheet
416Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
VLZ SECOS-VLZ Datasheet
422Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
ON Semiconductor
BZX55C2V4RL ONSEMI-BZX55C2V4RL Datasheet
252Kb / 10P
   Hermetically Sealed Glass Zener Voltage Regulators
August, 2006 ??Rev. 1
logo
Taiwan Semiconductor Co...
LLZ2V4 TSC-LLZ2V4 Datasheet
228Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B TSC-LLZ5221B_15 Datasheet
230Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
SEC Electronics Inc.
1N47XXAG SECELECTRONICS-1N47XXAG Datasheet
218Kb / 2P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
LLZ5221B TSC-LLZ5221B Datasheet
129Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Shenzhen Luguang Electr...
BZX55C2V0 LUGUANG-BZX55C2V0 Datasheet
78Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
BZX55C LUGUANG-BZX55C Datasheet
81Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com