Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACST-256-15 Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # ACST-256-15
Description  CURRENT SENSE TRANSFORMER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

ACST-256-15 Datasheet(HTML) 2 Page - ZETTLER Electronics

  ACST-256-15 Datasheet HTML 1Page - ZETTLER Electronics ACST-256-15 Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
2011-07-20
ACST-200
MECHANICAL DATA
NOTES:
1) “-15” indicates 5.5 mm clearance and creepage; substitute it with “-18” for 8.0 mm clearance and creepage.
2) The output voltage is linear in the whole range of primary current, if the chosen load resistor is not higher than value RLmax.
3) Measured at primary current of 10 Arms, 50 Hz and load resistor value RLmax.
4) Measured at 1 V, 100 Hz, serial.
ELECTRICAL DATA
Part Number
1)
Turns Ratio
RLmax
(Ohms)
2)
Output
(mV / A) ± 5%
3)
Secondary
Resistance
(DC / Ohms) ± 10%
Secondary
Inductance
(H) ± 30%
4)
Preferred Type
ACST-262-15
1:1500
200
123.3
236
5.2
Other Available Versions
ACST-255-15
1:50
0.2
3.75
0.198
0.008
ACST-256-15
1:100
1
9.7
0.8
0.025
ACST-257-15
1:150
2
13.9
1.7
0.06
ACST-258-15
1:200
4.7
20.0
3.2
0.12
ACST-259-15
1:300
10
31.7
7.8
0.27
ACST-260-15
1:500
20
37.2
21
0.72
ACST-261-15
1:1000
100
91.7
81
2.4
ORDERING DATA
1A
2A
5
8
Indicates Polarity
Primary
Secondary
(Sense)
Bottom View
Bottom View
ACST-2xx-15
ACST-2xx-18
Dimensions in mm.


Similar Part No. - ACST-256-15

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACST-01-08 ABRACON-ACST-01-08 Datasheet
282Kb / 1P
   CURRENT SENSING TRANSFORMER
ACST-11 ABRACON-ACST-11 Datasheet
314Kb / 1P
   CURRENT SENSING TRANSFORMER
ACST-11-100 ABRACON-ACST-11-100 Datasheet
314Kb / 1P
   CURRENT SENSING TRANSFORMER
ACST-11-125 ABRACON-ACST-11-125 Datasheet
314Kb / 1P
   CURRENT SENSING TRANSFORMER
ACST-11-20 ABRACON-ACST-11-20 Datasheet
314Kb / 1P
   CURRENT SENSING TRANSFORMER
More results

Similar Description - ACST-256-15

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
CT05-050 ICE-CT05-050 Datasheet
401Kb / 1P
   Current Sense Transformer
logo
PCA ELECTRONICS INC.
EPA3918 PCA-EPA3918 Datasheet
35Kb / 1P
   Current Sense Transformer
logo
Rhombus Industries Inc.
T-806 RHOMBUS-IND-T-806 Datasheet
29Kb / 1P
   CURRENT SENSE TRANSFORMER
logo
ice Components, Ins.
CT05 ICE-CT05 Datasheet
401Kb / 1P
   Current Sense Transformer
logo
Rhombus Industries Inc.
T-20101 RHOMBUS-IND-T-20101 Datasheet
23Kb / 1P
   CURRENT SENSE TRANSFORMER
logo
XFMRS Inc.
XF0203-CSVP XFMRS-XF0203-CSVP Datasheet
38Kb / 1P
   Current Sense Transformer
logo
ice Components, Ins.
CT03 ICE-CT03 Datasheet
262Kb / 1P
   Current Sense Transformer
CT06-050 ICE-CT06-050 Datasheet
557Kb / 1P
   Current Sense Transformer
logo
PCA ELECTRONICS INC.
EPA225 PCA-EPA225 Datasheet
31Kb / 1P
   Current Sense Transformer
logo
ice Components, Ins.
CT02 ICE-CT02_08 Datasheet
691Kb / 1P
   Current Sense Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com