Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V402AS32 Datasheet(PDF) 3 Page - Littelfuse

Part # V402AS32
Description  High Energy Metal-Oxide Arrester Blocks
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V402AS32 Datasheet(HTML) 3 Page - Littelfuse

  V402AS32 Datasheet HTML 1Page - Littelfuse V402AS32 Datasheet HTML 2Page - Littelfuse V402AS32 Datasheet HTML 3Page - Littelfuse V402AS32 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
8-5
Performance Curves
FIGURE 1. TEMPORARY OVERVOLTAGE CAPABILITY (TOV)
FOR AS SERIES ARRESTERS
FIGURE 2. V-I CHARACTERISTIC AS32 SIZE
FIGURE 3. V-I CHARACTERISTIC AS42 SIZE
FIGURE 4. V-I CHARACTERISTIC AS60 SIZE
TIME (s)
1.3
1.25
1.2
1.15
1.1
1.05
1
0.1
1
10
100
1000
10000
PEAK IMPULSE CURRENT (A)
35
1
0.01
10
0.001
1000
100,000
10,000
100
20
15
10
5
0
0.1
30
25
V602AS32
V502AS32
V402AS32
V302AS32
PEAK IMPULSE CURRENT (A)
1
0.01
10
0.001
1000
100,000
10,000
100
20
15
10
5
0
0.1
30
25
V502AS42
V402AS42
V302AS42
PEAK IMPULSE CURRENT (A)
20
1
0.01
10
0.001
1000
100,000
10,000
100
15
10
5
0
0.1
V402AS60
AS Series
OBSOLETE
PART


Similar Part No. - V402AS32

ManufacturerPart #DatasheetDescription
logo
Power-One
V4020 POWER-ONE-V4020 Datasheet
100Kb / 1P
   Primary Alkaline Manganese Clindrical
More results

Similar Description - V402AS32

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
RV-HE SEI-RV-HE Datasheet
3Mb / 27P
   Standard and High Energy Metal Oxide Varistor
2/14/2022
logo
List of Unclassifed Man...
Z660PA100C ETC2-Z660PA100C Datasheet
58Kb / 1P
   SPECIAL PACKAGE HIGH ENERGY METAL OXIDE VARISTORS
MDE-20D101 ETC-MDE-20D101 Datasheet
77Kb / 1P
   Metal Oxide Varistors
logo
HuaXinAn Electronics CO...
20D180K HUAXINAN-20D180K Datasheet
254Kb / 3P
   Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-34S201KBD-50 MDE-MDE-34S201KBD-50 Datasheet
105Kb / 1P
   Metal Oxide Varistors
V131HA40 MDE-V131HA40 Datasheet
63Kb / 1P
   Metal Oxide Varistors
B60K130 MDE-B60K130_13 Datasheet
36Kb / 1P
   Metal Oxide Varistors
logo
List of Unclassifed Man...
MDE-14D101 ETC-MDE-14D101 Datasheet
74Kb / 1P
   METAL OXIDE VARISTORS
logo
MDE Semiconductor, Inc.
MDE-34S201K MDE-MDE-34S201K Datasheet
124Kb / 1P
   Metal Oxide Varistors
logo
Ruilongyuan Electronics...
MOV-20D RUILON-MOV-20D Datasheet
769Kb / 7P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com