Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT112T-RG-A Datasheet(PDF) 5 Page - Marktech Corporate

Part # MT112T-RG-A
Description  RECTANGULAR LED LAMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MT112T-RG-A Datasheet(HTML) 5 Page - Marktech Corporate

  MT112T-RG-A_15 Datasheet HTML 1Page - Marktech Corporate MT112T-RG-A_15 Datasheet HTML 2Page - Marktech Corporate MT112T-RG-A_15 Datasheet HTML 3Page - Marktech Corporate MT112T-RG-A_15 Datasheet HTML 4Page - Marktech Corporate MT112T-RG-A_15 Datasheet HTML 5Page - Marktech Corporate MT112T-RG-A_15 Datasheet HTML 6Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MT112T-RG-A
2.0×4.0mm RECTANGULAR
LED LAMP
VER.: 01
Date: 2007/10/04
Page: 4/5
Specifications for Bin Grading:
Iv(mcd)
BIN
MIN.
MAX.
10
0.429
0.622
12
0.622
0.909
14
0.909
1.35
Specifications for Vf Group:
Vf(V)
Group
MIN.
MAX.
V1
1.6
1.8
V2
1.8
2.0
V3
2.0
2.2
V4
2.2
2.4
V5
2.4
2.6
V6
2.6
2.8
V7
2.8
3.0
*Majority VF bins are highlighted in Yellow.


Similar Part No. - MT112T-RG-A_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT112T-RG-A MARKTECH-MT112T-RG-A Datasheet
136Kb / 6P
   RECTANGULAR LED LAMP
More results

Similar Description - MT112T-RG-A_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT112T-RG-A MARKTECH-MT112T-RG-A Datasheet
136Kb / 6P
   RECTANGULAR LED LAMP
MT212T-G-A MARKTECH-MT212T-G-A Datasheet
188Kb / 5P
   RECTANGULAR LED LAMP
MT212T-G-A MARKTECH-MT212T-G-A_15 Datasheet
188Kb / 5P
   RECTANGULAR LED LAMP
logo
Siemens Semiconductor G...
LRB4801111 SIEMENS-LRB4801111 Datasheet
94Kb / 1P
   RECTANGULAR LED LAMP
logo
BetLux Electronics
BL-L2516SRC BETLUX-BL-L2516SRC Datasheet
91Kb / 3P
   Rectangular Type LED lamp
logo
Kingbright Corporation
WP113EDT KINGBRIGHT-WP113EDT Datasheet
260Kb / 6P
   2x5mm RECTANGULAR LED LAMP
WP1773ND KINGBRIGHT-WP1773ND Datasheet
74Kb / 3P
   1.75x3.9mm RECTANGULAR LED LAMP
WP113GDT KINGBRIGHT-WP113GDT Datasheet
77Kb / 3P
   2x5mm RECTANGULAR LED LAMP
WP113GDT KINGBRIGHT-WP113GDT_07 Datasheet
260Kb / 6P
   2x5mm RECTANGULAR LED LAMP
WP113SRDT KINGBRIGHT-WP113SRDT Datasheet
258Kb / 6P
   2x5mm RECTANGULAR LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com