Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0259.750 Datasheet(PDF) 1 Page - Littelfuse

Part # 0259.750
Description  Hazardous Area Fuses
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0259.750 Datasheet(HTML) 1 Page - Littelfuse

  0259.750 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Hazardous Area Fuses
326
www .littelfuse .com
Barrier Network Fuse 242 Series
Safe-T-Plus Fuse 259 Series
(.512")
13mm
(.394")
10mm
(.025")
.635mm
(.315")
8mm
(.197")
5mm
• Meets Barrier Network Standards (EN50020) for hazardous applications.
• High interrupting rating. Meets the 1500A minimum.
• Available in both axial lead and surface mount.
ELECTRICAL CHARACTERISTICS:
% of Ampere Rating
Opening Time
110%
4 hours, Minimum
300%
10 seconds, Maximum
1000%
0.002 seconds, Maximum
INTERRUPTING RATINGS: 4000 amperes at 250VAC/VDC
PACKAGING (500 pcs): For surface mount version add packaging suf-
fix UR. For Axial Leaded version add packaging suffix UA. For Axial
Leaded version, taped add packaging suffix UAT1.
ORDERING INFORMATION:
Nominal
Nominal
Catalog
Ampere
Color
Resistance
Melting I
2t
Number
Rating
Coding
Cold Ohms
A
2 Sec.
0242.050
.050
Red
11.34
0.000103
0242.080
.080
Green
8.19
0.000214
0242.100
.100
Blue
3.60
0.000977
0242.160
.160
Violet
3.00
0.00157
0242.200
.200
Brown
2.68
0.0038
0242.250
.250
Black
1.6
0.00579
• Designed to allow equipment to meet “Intrinsically Safe” certification for
applications in gas plants, petrochemical and processing industries
where there is a danger of gas explosion from faulty circuits.
• Hermetically sealed.
ELECTRICAL CHARACTERISTICS:
% of Ampere Rating
Opening Time
100%
4 hours, Minimum
200%
5 seconds, Maximum
AGENCY APPROVALS: Meets CENELEC EN500014 to 039 and
IEC 60079-11.
INTERRUPTING RATINGS:
50 amperes at 125 VAC
300 amperes at 125 VDC
ORDERING INFORMATION:
3.02mm
(.119")
8.40mm
(.331")
4.60mm
(.181")
1.90mm
(.075")
3.02mm
(.119")
8.40mm
(.331")
4.60mm
(.181")
1.90mm
(.075")
.635mm
(.025")
Maximum
Nominal
Catalog
Ampere
Voltage
Resistance
Melting I
2t
Number
Rating
Drop
Cold Ohms
A
2 Sec.
0259.062
.062
2.1
8.1
0.00016
0259.125
.125
1.3
2.4
0.0012
0259.250
.250
0.83
0.87
0.0095
0259.375
.375
0.81
0.46
0.025
0259.500
.500
0.78
0.32
0.07
0259.750
.750
0.23
0.19
0.062
0259001.
1
0.24
0.14
0.01
Schedule of limitations.
1) The fuse must be so mounted that creepage and clearance distances meet the requirements
of Table 2 of EN50020 :1977 or Table 4 of EN50020 :1994 (equivalent to IEC 60079-11 4th
Edition 1999).
2) When used in intrinsically safe apparatus it will be necessary to determine a surface
temperature classification for the fuse.
Next
Previous


Similar Part No. - 0259.750

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0259.750 LITTELFUSE-0259.750 Datasheet
78Kb / 1P
   High interrupting rating
0259.750 LITTELFUSE-0259.750 Datasheet
86Kb / 1P
   Blade Terminal & Special Purpose Fuses
0259.750M LITTELFUSE-0259.750M Datasheet
316Kb / 2P
   Safe-T-Plus Fuse 259 Series
0259.750T LITTELFUSE-0259.750T Datasheet
316Kb / 2P
   Safe-T-Plus Fuse 259 Series
More results

Similar Description - 0259.750

ManufacturerPart #DatasheetDescription
logo
STEGO Elektrotechnik Gm...
CREX020-T5 STEGO-CREX020-T5 Datasheet
297Kb / 1P
   HAZARDOUS AREA HEATER
23.08.2022
CREX020-T4 STEGO-CREX020-T4 Datasheet
325Kb / 1P
   HAZARDOUS AREA HEATER
23.08.2022
logo
Elektron Components Ltd...
EXP BULGIN-EXP Datasheet
3Mb / 5P
   EXP Series EXPlora - Hazardous Area
logo
G.M. International
PSD1001 GMI-PSD1001 Datasheet
250Kb / 2P
   SIL 3 - SIL 2 Quad ch. Power Supply for Hazardous Area Equipment for Hazardous Area Equipment
logo
PHOENIX CONTACT
BAR-ANT-N-N-EX PHOENIX-BAR-ANT-N-N-EX Datasheet
277Kb / 9P
   Antenna barrier for the hazardous area
logo
G.M. International
PSD5201 GMI-PSD5201 Datasheet
131Kb / 2P
   I.S. SIL3 Power Supply for Hazardous Area Equipment
logo
Schneider Electric
XS9E11RPBL01MEX SCHNEIDER-XS9E11RPBL01MEX Datasheet
83Kb / 2P
   rotation monitoring hazardous area - 26x26x13- Sn 10mm - NC - M12 connector
XS9C11RPBL01MEX SCHNEIDER-XS9C11RPBL01MEX Datasheet
96Kb / 2P
   rotation monitoring hazardous area - 40x40x15 - Sn 15mm - NC - M12 connector
XS8D1A1PAL10EX SCHNEIDER-XS8D1A1PAL10EX Datasheet
89Kb / 2P
   inductive sensor hazardous area - 80x80x26 - Sn 40mm - NO - cable 10m
XS7E1A1PAL10EX SCHNEIDER-XS7E1A1PAL10EX Datasheet
98Kb / 2P
   inductive sensor hazardous area - 26x26x13 - Sn 10mm - NO - cable 10m
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com