Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT2030 Datasheet(PDF) 2 Page - Marktech Corporate

Part # MT2030
Description  ROUND BI-POLAR LAMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MT2030 Datasheet(HTML) 2 Page - Marktech Corporate

  MT2030_15 Datasheet HTML 1Page - Marktech Corporate MT2030_15 Datasheet HTML 2Page - Marktech Corporate MT2030_15 Datasheet HTML 3Page - Marktech Corporate MT2030_15 Datasheet HTML 4Page - Marktech Corporate MT2030_15 Datasheet HTML 5Page - Marktech Corporate MT2030_15 Datasheet HTML 6Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
T
-
3.0mm ROUND BI-POLAR
LAMP(2 LEADS)
REV.: 01
Date: 2005/12/11
Page: 1/
Description
This green and orange bi-color lamp is made with GaP/GaP green chip,
GaAsP/GaP orange chip and white diffused epoxy resin.
A
K
AK
Notes:
1. ALL DIMENSIONS ARE IN mm.
2. TOLERANCE IS±0.25mm UNLESS OTHERWISE NOTED.
Description
LED Chip
Part No.
Material
Emitting Color
Lens Color
GaP/GaP
Green
MT2030-HRG-A
GaAsP/GaP
Red
White diffused


Similar Part No. - MT2030_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT2030-HRG MARKTECH-MT2030-HRG Datasheet
34Kb / 1P
   Marktech 2 Leaded 3mm Tri−State LEDs
MT2030-HRG-A MARKTECH-MT2030-HRG-A Datasheet
180Kb / 3P
   Standard LEDs
MT2030-RG MARKTECH-MT2030-RG Datasheet
34Kb / 1P
   Marktech 2 Leaded 3mm Tri−State LEDs
MT2030-RG-A MARKTECH-MT2030-RG-A Datasheet
128Kb / 3P
   Standard LEDs
MT2030-YG MARKTECH-MT2030-YG Datasheet
34Kb / 1P
   Marktech 2 Leaded 3mm Tri−State LEDs
More results

Similar Description - MT2030_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT2030 MARKTECH-MT2030 Datasheet
280Kb / 6P
   ROUND BI-POLAR LAMP (2 LEADS)
MT6224-OG-A MARKTECH-MT6224-OG-A Datasheet
139Kb / 6P
   5.0mm ROUND BI- POLAR LAMP (3LEADS)
MT5491A-URG-A MARKTECH-MT5491A-URG-A Datasheet
138Kb / 6P
   5.0mm ROUND BI- POLAR LAMP (2LEADS)
MT6203-HRG-A MARKTECH-MT6203-HRG-A Datasheet
143Kb / 6P
   3.0mm ROUND BI- POLAR LAMP (3LEADS)
MT6224-AHRG-A MARKTECH-MT6224-AHRG-A Datasheet
288Kb / 6P
   ROUND BI-COLOR LAMP
logo
Lucky Light Electronic
GB-336 LUCKY-LIGHT-GB-336 Datasheet
42Kb / 1P
   Bi-Polar, Round Type LED Lamps (5mm)
logo
Marktech Corporate
MT6224-AHRG-A MARKTECH-MT6224-AHRG-A_15 Datasheet
288Kb / 6P
   ROUND BI-COLOR LAMP
logo
Lucky Light Electronic
GB-226 LUCKY-LIGHT-GB-226 Datasheet
42Kb / 1P
   Bi-Polar, Round Type LED Lamps (3mm)
logo
Kingbright Corporation
WP937GGD KINGBRIGHT-WP937GGD Datasheet
414Kb / 6P
   T-1(3mm) BI-POLAR INDICATOR LAMP
logo
Lite-On Technology Corp...
LTL-10CXJ LITEON-LTL-10CXJ Datasheet
481Kb / 4P
   T-1 (3mm) Bi-Polar Indicator LED Lamp
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com