Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30R700 Datasheet(PDF) 1 Page - Littelfuse

Part # 30R700
Description  Radial Leaded PTC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

30R700 Datasheet(HTML) 1 Page - Littelfuse

  30R700 Datasheet HTML 1Page - Littelfuse 30R700 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
252
www .littelfuse .com
Radial Leaded PTC
Resettable PTCs
30R Series
• The 30R Series Resettable devices utilize a unique polymer-based,
Positive Temperature Coefficient (PTC) material to protect electrical
circuits against overcurrent conditions.
• In normal operation, the 30R Series PTC has many conductive paths
and a very low resistance. In an overcurrent condition, the temperature
of the polymer material rises. This dramatically reduces the conductive
paths resulting in an immediate rise in resistance. In this condition, the
device provides circuit protection by significantly limiting the flow of
current. However, once the cause of the initial overcurrent condition
is eliminated, the 30R Series PTC cools down and resets to a low
resistance value permitting the normal current flow to resume.
• The 30R Series is a 30V Radial Leaded Device with a 40A Short
Circuit Rating.
AGENCY APPROVALS: Recognized under the Components Program
of Underwriters Laboratory and the Component Acceptance Program of
CSA. TUV approved.
AGENCY FILE NUMBERS: UL E183209, CSA LR 108832
PHYSICAL SPECIFICATIONS:
Materials: Leads
30R090-250: Tin plated copper-clad steel, 24 AWG
(0.020" Dia.)
30R300-900: Tin plated copper, 20 AWG (0.032" Dia.)
Lead Solderability: MIL-STD-202, Method 208E
Coating: Thermoset Coating
Device Labeling: Device is marked with the letter ‘L’, amperage rating,
voltage rating & date code.
Packaging: Standard bulk packaging is 500 pieces per container.
Optional tape and reel packaging per EIA 486-B is also available.
Standard reel quantities:
ENVIRONMENTAL SPECIFICATIONS:
Passive Aging: 85°C, 1000 Hours. ±5% typical resistance change.
Humidity Aging: 85°C, 85% R.H., 1000 hours. ±5% typical
resistance change.
Thermal Shock: 85°C / –40°C, 20 times. ±10% typical
resistance change.
Vibration: MIL-STD 202, Method 201. No resistance change.
Mechanical Shock: MIL-STD-202, Method 213 test condition I
(100 g’s, 6 sec.). No resistance change.
Max. Surface Temperature: 125°C
Operating/Storage Temperature: –40°C to 85°C
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
0
50
100
150
200
Temperature (
°C)
Part
Reel
Number
Quantity
R30R090
R30R110
R30R135
R30R160
3000
R30R185
R30R250
Part
Reel
Number
Quantity
R30R300
R30R400
1500
30R500
30R600
Bulk Only
30R700
500 Per
30R800
Container
30R900
Rerating Curve for 30R Series
®
®
Next
Previous


Similar Part No. - 30R700

ManufacturerPart #DatasheetDescription
logo
Littelfuse
30R700 LITTELFUSE-30R700 Datasheet
259Kb / 7P
   The 30R Series radial leaded device is designed to provide overcurrent
30R700 LITTELFUSE-30R700 Datasheet
182Kb / 7P
   POLYFUSE짰 Resettable PTCs Radial Leaded > 30R Series
30R700 LITTELFUSE-30R700 Datasheet
182Kb / 7P
   POLYFUSE Resettable PTCs Radial Leaded 30R Series
30R700 LITTELFUSE-30R700 Datasheet
259Kb / 7P
   POLYFUSE Resettable PTCs
30R700 LITTELFUSE-30R700 Datasheet
171Kb / 8P
   POLYFUSE Resettable PTCs
More results

Similar Description - 30R700

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0ZRB BEL-0ZRB_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRM BEL-0ZRM Datasheet
211Kb / 2P
   Radial Leaded PTC
0ZRE BEL-0ZRE Datasheet
316Kb / 2P
   Radial Leaded PTC
0ZRA BEL-0ZRA_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRE BEL-0ZRE_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRK BEL-0ZRK Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRF BEL-0ZRF_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRF BEL-0ZRF Datasheet
323Kb / 2P
   Radial Leaded PTC
logo
Littelfuse
60R LITTELFUSE-60R Datasheet
152Kb / 2P
   Radial Leaded PTC
logo
Bel Fuse Inc.
0ZRA BEL-0ZRA Datasheet
334Kb / 2P
   Radial Leaded PTC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com