Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KLPC Datasheet(PDF) 3 Page - Littelfuse

Part # KLPC
Description  KLPC Series POWR-PRO Class L Fuses
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

KLPC Datasheet(HTML) 3 Page - Littelfuse

  KLPC Datasheet HTML 1Page - Littelfuse KLPC Datasheet HTML 2Page - Littelfuse KLPC Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
9
KLPC Series POWR-PRO® Class L Fuses
600 VAC s Time-Delay s 200 – 6000 Amperes
* Prospective RMS Symmetrical
Amperes Short-Circuit Current
Note: Data derived from Peak
Let-Thru Curves
Current-Limiting
Effects of KLPC
(600V) fuses
100
200
300
400
600
800
1000
2000
3000
4000
6000
8000
10000
20000
30000
40000
60000
80000
100000
200000
300000
400000
600000
800000
1000000
6000A
5000A
4000A
3000A
2000A
1600A
1200A
800A
AVAILABLE FAULT CURRENT
SYMMETRICAL R. M. S. AMPERES
Short Circuit
Apparent RMS Symmetrical Current for various fuse ratings
Current*
800A
1200A
1600A
2000A
3000A
4000A
5000A
6000A
5,000
5,000
5,000
5,000
5,000
5,000
5,000
5,000
5,000
10,000
8,800
10,000
10,000
10,000
10,000
10,000
10,000
10,000
15,000
10,500
13,500
15,000
15,000
15,000
15,000
15,000
15,000
20,000
12,000
15,000
19,000
20,000
20,000
20,000
20,000
20,000
25,000
13,000
16,000
21,000
24,000
25,000
25,000
25,000
25,000
30,000
14,000
18,000
23,000
26,000
30,000
30,000
30,000
30,000
35,000
15,000
19,000
24,000
27,000
32,000
35,000
35,000
35,000
40,000
16,000
20,000
25,000
28,000
34,000
40,000
40,000
40,000
50,000
17,000
22,000
27,000
31,000
37,000
42,500
50,000
50,000
60,000
18,000
24,000
29,000
34,000
40,000
46,000
52,000
60,000
80,000
20,000
26,000
32,000
37,000
44,000
51,000
57,000
70,000
100,000
21,000
27,000
34,000
40,000
46,000
57,000
65,000
75,000
150,000
23,000
31,000
38,000
44,000
54,000
67,000
75,000
87,000
200,000
24,000
34,000
42,000
46,000
57,000
70,000
80,000
95,000
1000
800
600
400
300
200
100
80
60
40
30
20
10
8
6
4
3
2
1
.8
.6
.4
.3
.2
.1
.08
.06
.04
.03
.02
.01
CURRENT IN AMPERES


Similar Part No. - KLPC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
KLPC LITTELFUSE-KLPC Datasheet
460Kb / 2P
   600 VAC
KLPC800 LITTELFUSE-KLPC800 Datasheet
460Kb / 2P
   600 VAC
KLPC800.X LITTELFUSE-KLPC800.X Datasheet
460Kb / 2P
   600 VAC
KLPC800.X LITTELFUSE-KLPC800.X Datasheet
499Kb / 2P
   CLASS L ??KLPC SERIES FUSES
Rev: 060719
KLPC LITTELFUSE-KLPC_12 Datasheet
460Kb / 2P
   600 VAC
More results

Similar Description - KLPC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
KLPC LITTELFUSE-KLPC_V01 Datasheet
499Kb / 2P
   CLASS L ??KLPC SERIES FUSES
Rev: 060719
JTD LITTELFUSE-JTD Datasheet
876Kb / 3P
   JTD SERIES INDICATOR POWR-PRO FUSES
CCMR LITTELFUSE-CCMR Datasheet
111Kb / 2P
   CCMR Series POWR-PRO CC Fuses
JTD-ID LITTELFUSE-JTD-ID Datasheet
876Kb / 3P
   JTD SERIES INDICATOR POWR-PRO FUSES
LLNRK LITTELFUSE-LLNRK Datasheet
189Kb / 3P
   LLNRK/LLSRK Series POWR-PRO Class RK1
LDC LITTELFUSE-LDC Datasheet
476Kb / 2P
   CLASS L-LDC SERIES FUSES
LDC LITTELFUSE-LDC_16 Datasheet
290Kb / 13P
   CLASS L ??LDC SERIES FUSES
JTD LITTELFUSE-JTD_V01 Datasheet
441Kb / 3P
   JTD SERIES INDICATOR짰 POWR-PRO짰 FUSES
Rev: 1-B-112320
LGD0-30A LITTELFUSE-LGD0-30A Datasheet
484Kb / 1P
   LgD Series Global Pro-tection Fuses
logo
Cooper Bussmann, Inc.
KLU-601 COOPER-KLU-601 Datasheet
643Kb / 4P
   Limitron??KLU Class L 600Vac, 601-4000A, time-delay fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com