Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT5375-UV Datasheet(PDF) 1 Page - Marktech Corporate

Part # MT5375-UV
Description  Ultra Violet LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MT5375-UV Datasheet(HTML) 1 Page - Marktech Corporate

  MT5375-UV_15 Datasheet HTML 1Page - Marktech Corporate MT5375-UV_15 Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Absolute Maximum Ratings (Ta=25ºC)
ITEMS
SYMBOL
RATINGS
UNIT
Forward Current
IF
25
mA
Peak Forward Current*1
IFP
100
mA
Reverse Current
IR
85
mA
Power Dissipation
PD
100
mW
Operating Temperature Range
Topr
-30 ~ +80
ºC
Storage Temperature Range
Tstg
-30 ~ +85
ºC
Lead Soldering Temperature*2
Tls
260
ºC
*1: Test Conditions: D.C.<1/10, p. width<0.1msec. *2: Time 5 Sec max, Position: Up to 3mm from the body.
Ultra Violet LED
Product No:
MT5375-UV
Global Headquarters, 3 Northway Lane North, Latham, NY 12110, USA
www.marktechopto.com
TOLL FREE:
1-800-984-5337 PHONE: 518-956-2980 FAX: 518-785-4725 EMAIL: info@marktechopto.com
1
Electrical & Optical Characteristics (Ta = 25ºC)
ITEMS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Forward Voltage
VF
IF=20mA
3.0
3.6
4.2
V
Radiant Power
Фe
IF=20mA
--
14
--
mW
Peak Emission Wavelength
λp
IF=20mA
375
--
380
nm
Viewing Angle
Ө
IF=20mA
--
15
--
deg.
Spectral Bandwidth at 50%
λ
0.5
IF=20mA
--
15
--
nm
2014-01-27
FEATURES
> High Power
> High Reliability
> High Speed
> Narrow Beam Angle
APPLICATIONS
> UV Curing
> Currency Validation
> Document Verification
> Medical Instruments
Peak Emission Wavelength: 375-380nm
The MT5375-UV is a UV T 1 3/4, 5mm water clear LED designed for applications requiring high power and
high reliability packaged with straight leads.


Similar Part No. - MT5375-UV_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT5375-UV_1105 MARKTECH-MT5375-UV_1105 Datasheet
743Kb / 2P
   Peak Emission Wavelength: 375-380nm
More results

Similar Description - MT5375-UV_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT5385-UV MARKTECH-MT5385-UV_15 Datasheet
1Mb / 4P
   Ultra Violet LED
MT5375-UV MARKTECH-MT5375-UV Datasheet
697Kb / 2P
   Ultra Violet LED
MT5400-UV MARKTECH-MT5400-UV Datasheet
1Mb / 4P
   Ultra Violet LED
MT5355-UV MARKTECH-MT5355-UV_15 Datasheet
689Kb / 2P
   Ultra Violet LED
MT5365-UV MARKTECH-MT5365-UV_15 Datasheet
692Kb / 2P
   Ultra Violet LED
MT5385-UV MARKTECH-MT5385-UV Datasheet
1Mb / 4P
   Ultra Violet LED
MT5355-UV MARKTECH-MT5355-UV Datasheet
689Kb / 2P
   Ultra Violet LED
MT5365-UV MARKTECH-MT5365-UV Datasheet
692Kb / 2P
   Ultra Violet LED
MT5375-UV-HP MARKTECH-MT5375-UV-HP Datasheet
705Kb / 2P
   Ultra Violet LED
MT5400-UV-HP MARKTECH-MT5400-UV-HP Datasheet
706Kb / 2P
   Ultra Violet LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com