Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V150CP20 Datasheet(PDF) 4 Page - Littelfuse

Part # V150CP20
Description  Tubular Metal-Oxide Varistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V150CP20 Datasheet(HTML) 4 Page - Littelfuse

  V150CP20 Datasheet HTML 1Page - Littelfuse V150CP20 Datasheet HTML 2Page - Littelfuse V150CP20 Datasheet HTML 3Page - Littelfuse V150CP20 Datasheet HTML 4Page - Littelfuse V150CP20 Datasheet HTML 5Page - Littelfuse V150CP20 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4-85
Transient V-I Characteristics Curves
FIGURE 3. CLAMPING VOLTAGE FOR V38CP16
FIGURE 4. CLAMPING VOLTAGE FOR V130CP16 - V150CP16
FIGURE 5. CLAMPING VOLTAGE FOR V31CP20 - C38CP20
FIGURE 6. CLAMPING VOLTAGE FOR V130CP20 - V150CP20
FIGURE 7. CLAMPING VOLTAGE FOR V31CP22 - V38CP22
FIGURE 8. CLAMPING VOLTAGE FOR V130CP22 - V150CP22
300
200
100
90
80
70
60
50
40
30
20
10-3
PEAK AMPERES (A)
10-2
10-1
100
101
102
103
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 16 GAUGE
38VM(DC) RATING
TA = -55
oC TO 125oC
V38CP16
3,000
2,000
1,000
900
800
700
600
500
400
300
200
10-3
PEAK AMPERES (A)
10-2
10-1
100
101
102
103
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 16 GAUGE
130 TO 150VM(AC) RATING
TA = -55
oC TO 125oC
V150CP16
V130CP16
300
200
100
90
80
70
60
50
40
30
20
10-3
PEAK AMPERES (A)
10-2
10-1
100
101
102
103
V38CP20
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 20 GAUGE
31 TO 38VM(DC) RATING
TA = -55
oC TO 125oC
V31CP20
3,000
2,000
1,000
900
800
700
600
500
400
300
200
10-3
PEAK AMPERES (A)
10-2
10-1
100
101
102
103
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 20 GAUGE
130 TO 150VM(AC) RATING
TA = -55
oC TO 125oC
V150CP20
V130CP20
300
200
100
90
80
70
60
50
40
30
20
10-3
PEAK AMPERES (A)
10-2
10-1
100
101
102
103
V38CP22
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 22 GAUGE
31 TO 38VM(DC) RATING
TA = -55
oC TO 125oC
V31CP22
3,000
2,000
1,000
900
800
700
600
500
400
300
200
10-3
PEAK AMPERES (A)
10-2
10-1
100
101
102
103
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 22 GAUGE
130 TO 150VM(AC) RATING
TA = -55
oC TO 125oC
V150CP22
V130CP22
CP Series
OBSOLETE
PART


Similar Part No. - V150CP20

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V150C12C150BF VICOR-V150C12C150BF Datasheet
514Kb / 11P
   150V Input Micro Family DC-DC Converter Module
V150C12C150BF2 VICOR-V150C12C150BF2 Datasheet
514Kb / 11P
   150V Input Micro Family DC-DC Converter Module
V150C12C150BF3 VICOR-V150C12C150BF3 Datasheet
514Kb / 11P
   150V Input Micro Family DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL Datasheet
514Kb / 11P
   150V Input Micro Family DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL Datasheet
1Mb / 11P
   DC-DC Converter Module
More results

Similar Description - V150CP20

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com