Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78218ACW Datasheet(PDF) 3 Page - NEC

Part # UPD78218ACW
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78218ACW Datasheet(HTML) 3 Page - NEC

  UPD78218ACW Datasheet HTML 1Page - NEC UPD78218ACW Datasheet HTML 2Page - NEC UPD78218ACW Datasheet HTML 3Page - NEC UPD78218ACW Datasheet HTML 4Page - NEC UPD78218ACW Datasheet HTML 5Page - NEC UPD78218ACW Datasheet HTML 6Page - NEC UPD78218ACW Datasheet HTML 7Page - NEC UPD78218ACW Datasheet HTML 8Page - NEC UPD78218ACW Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 66 page
background image
3
µPD78217A, 78218A
65
333 ns (at 12-MHz)
16-bit operation
Multiply and divide (8 bits
× 8 bits, 16 bits ÷ 8 bits)
Bit manipulate
BCD adjust, etc.
None
32 Kbytes
1024 bytes
Program memory: 64 Kbytes, data memory: 1 Mbytes
14
12
10
28
36
54
16
34
—16
8
ROM-less version
EA pin = low level
8 bits
× 8 × 4 banks (memory mapping)
16-bit timer/counter
Timer register
× 1
Pulse output capability
Capture register
× 1
Toggle output, PWM/PPG
× 2
Compare register
× 2
One-shot pulse output
8-bit timer/counter 1
Timer register
× 1
Pulse output capability
Capture/compare register
× 1
(Real-time outputs, 4 bits
× 2)
Compare register
× 1
8-bit timer/counter 2
Timer register
× 1
Pulse output capability
Capture register
× 1
Toggle output
Compare register
× 2
PWM/PPG
× 2
8-bit timer/counter 3
Timer register
× 1
Compare register
× 1
Output port linked 8-bit timer/counter 1
4 bits
× 2 channels
UART
: 1 channel (on-chip dedicated baud rate generator)
CSI (3-wire serial I/O, SBI) : 1 channel
8-bit resolution
× 8 channels
19 sources (external 7, internal 12) + BRK instruction
2-level priority order (programmable)
2 servicing modes (vectored interrupt, macro service)
64-pin plastic shrink DIP (750 mil)
64-pin plastic QFP (14 x 14 mm)
FUNCTION LIST
Basic instructions
(mnemonic)
Minimum instruction
execution time
Instruction set
On-chip memory
capacity
Address space
I/O
pins
ROM-less mode setting
General registers
Timer/counter
Real-time output port
Serial interface
A/D converter
Interrupt
Package
µPD78218A
Item
µPD78217A
ROM
RAM
Input
Output
Input/Output
Total
Pins with pull-up resistor
LED direct drive outputs
Transistor direct drive
outputs
Note Additional function pins are included in I/O pins.
Note


Similar Part No. - UPD78218ACW

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78218ACW-XXX RENESAS-UPD78218ACW-XXX Datasheet
569Kb / 68P
   MOS INTEGRATED CIRCUIT
1991
More results

Similar Description - UPD78218ACW

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com