Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78363A Datasheet(PDF) 10 Page - NEC

Part # UPD78363A
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78363A Datasheet(HTML) 10 Page - NEC

Back Button UPD78363A Datasheet HTML 6Page - NEC UPD78363A Datasheet HTML 7Page - NEC UPD78363A Datasheet HTML 8Page - NEC UPD78363A Datasheet HTML 9Page - NEC UPD78363A Datasheet HTML 10Page - NEC UPD78363A Datasheet HTML 11Page - NEC UPD78363A Datasheet HTML 12Page - NEC UPD78363A Datasheet HTML 13Page - NEC UPD78363A Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 96 page
background image
µPD78363A, 78365A, 78366A, 78368A
10
P00-P03
P04
P05
P06
P07
P10-P17
P20
P21
P22
P23
P24
P25
P30
P31
P32
P33
P34
P35
P36
P40-P47
P50-P57
P70-P77
P80-P85
P90
P91
P92
P93
RTP0-RTP3
PWM0
TCUD/PWM1
TIUD/TO40
TCLRUD
NMI
INTP0
INTP1
INTP2
INTP3/TI
INTP4
TXD0
RXD0
SO/SB0
SI/SB1
SCK
TXD1
RXD1
AD0-AD7
A8-A15
ANI0-ANI7
TO00-TO05
RD
WR
I/O
I/O
Input
I/O
I/O
I/O
Input
I/O
I/O
Pin name
I/O
Function
Shared by:
Port 0.
8-bit I/O port.
Can be set in input or output mode in 1-bit units.
Port 1.
8-bit I/O port.
Can be set in input or output mode in 1-bit units.
Port 2.
6-bit input port.
Port 3.
7-bit I/O port.
Can be set in input or output mode in 1-bit units.
Port 4.
8-bit I/O Port.
Can be set in input or output mode in 8-bit units.
Port 5.
8-bit I/O port.
Can be set in input or output mode in 1-bit units.
Port 7.
8-bit input port
Port 8.
6-bit I/O port.
Can be set in input or output mode in 1-bit units.
Port 9.
4-bit I/O port.
Can be set in input or output mode in 1-bit units.
1.
PIN FUNCTIONS
1.1
PORT PINS


Similar Part No. - UPD78363A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78363A RENESAS-UPD78363A Datasheet
672Kb / 98P
   MOS INTEGRATED CIRCUIT
1995
UPD78363AGF-XXX-3B9 RENESAS-UPD78363AGF-XXX-3B9 Datasheet
672Kb / 98P
   MOS INTEGRATED CIRCUIT
1995
More results

Similar Description - UPD78363A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784031Y NEC-UPD784031Y Datasheet
464Kb / 88P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
UPD78F1502AGK-GAK-AX RENESAS-UPD78F1502AGK-GAK-AX Datasheet
6Mb / 1031P
   16-Bit Single-Chip Microcontrollers
logo
NEC
UPD784214A NEC-UPD784214A Datasheet
561Kb / 50P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915A NEC-UPD784915A Datasheet
446Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915B NEC-UPD784915B Datasheet
384Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784938 NEC-UPD784938 Datasheet
3Mb / 733P
   16-Bit Single-Chip Microcontrollers
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com