Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V3.5MLA0805 Datasheet(PDF) 6 Page - Littelfuse

Part # V3.5MLA0805
Description  Multilayer Transient Voltage Surge Suppressors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V3.5MLA0805 Datasheet(HTML) 6 Page - Littelfuse

Back Button V3.5MLA0805 Datasheet HTML 2Page - Littelfuse V3.5MLA0805 Datasheet HTML 3Page - Littelfuse V3.5MLA0805 Datasheet HTML 4Page - Littelfuse V3.5MLA0805 Datasheet HTML 5Page - Littelfuse V3.5MLA0805 Datasheet HTML 6Page - Littelfuse V3.5MLA0805 Datasheet HTML 7Page - Littelfuse V3.5MLA0805 Datasheet HTML 8Page - Littelfuse V3.5MLA0805 Datasheet HTML 9Page - Littelfuse V3.5MLA0805 Datasheet HTML 10Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Maximum Transient V-I Characteristic Curves (Continued)
FIGURE 7. LIMIT V-I CHARACTERISTIC FOR V3.5MLA0805 TO V26MLA0805
1mA
100
10
1
µA
CURRENT (A)
10
µA
100
µA
10mA
100mA
1A
10A
100A
1000A
V3.5MLA0805
MAXIMUM CLAMPING VOLTAGE
MAXIMUM LEAKAGE
V14MLA0805
V5.5MLA0805
V18MLA0805
V26MLA0805
FIGURE 9. LIMIT V-I CHARACTERISTIC FOR V18MLA1210 TO V120MLA1210
1mA
100
10
1
µA
CURRENT (A)
10
µA
100
µA
10mA
100mA
1A
10A
100A
1000A
MAXIMUM CLAMPING VOLTAGE
MAXIMUM LEAKAGE
1000
1
V60MLA1210
V85MLA1210
V120MLA1210
V48MLA1210, V48MLA1210L
V30MLA1210, V30MLA1210L
V26MLA1210
V18MLA1210
FIGURE 8. LIMIT V-I CHARACTERISTIC FOR V3.5MLA1206 TO V68MLA1206
1mA
1
µA
CURRENT (A)
10mA
1000A
100mA
1A
10A
100A
MAXIMUM CLAMP
VOLTAGE
10
µA
100
µA
MAXIMUM
LEAKAGE
V56MLA1206
V42MLA1206
V26MLA1206
V33MLA1206
V18MLA1206
V68MLA1206
V3.5MLA1206
V5.5MLA1206
V14MLA1206
100
10
1
1000
ML Varistor Series
Surface Mount Varistors
Multilayer Transient Voltage Surge Suppressors
145
www .littelfuse .com
3
Next
Previous


Similar Part No. - V3.5MLA0805

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V3.5MLA0805LN LITTELFUSE-V3.5MLA0805LN Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V3.5MLA0805LN LITTELFUSE-V3.5MLA0805LN Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V3.5MLA0805LN LITTELFUSE-V3.5MLA0805LN Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V3.5MLA0805LN LITTELFUSE-V3.5MLA0805LN Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V3.5MLA0805LN LITTELFUSE-V3.5MLA0805LN Datasheet
875Kb / 8P
   MLA Varistor Seriesv
More results

Similar Description - V3.5MLA0805

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
logo
Littelfuse
AUML LITTELFUSE-AUML Datasheet
431Kb / 9P
   Multilayer Transient Voltage Surge Suppressor
V18AUMLA1206 LITTELFUSE-V18AUMLA1206_06 Datasheet
1Mb / 9P
   Multilayer Transient Voltage Surge Suppressor
logo
AVX Corporation
VC120630D650DP AVX-VC120630D650DP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120631M650RP AVX-VC120631M650RP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120605D150RP AVX-VC120605D150RP Datasheet
418Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120605D150DP AVX-VC120605D150DP Datasheet
518Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VCH4AG100R8MATWA AVX-VCH4AG100R8MATWA Datasheet
235Kb / 2P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080518C400DP AVX-VC080518C400DP Datasheet
206Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com