Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT7403A-UR-A Datasheet(PDF) 5 Page - Marktech Corporate

Part # MT7403A-UR-A
Description  ROUND LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MT7403A-UR-A Datasheet(HTML) 5 Page - Marktech Corporate

  MT7403A-UR-A_15 Datasheet HTML 1Page - Marktech Corporate MT7403A-UR-A_15 Datasheet HTML 2Page - Marktech Corporate MT7403A-UR-A_15 Datasheet HTML 3Page - Marktech Corporate MT7403A-UR-A_15 Datasheet HTML 4Page - Marktech Corporate MT7403A-UR-A_15 Datasheet HTML 5Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
3.0mm ROUND
LED LAMP
REV.: 02
Date: 2006/04/24
Page: 4/
Precautions:
TAKE NOTE OF THE FOLLOWING IN USE OF LED
1.
Temperature in use
Since the light generated inside the LED needs to be emitted to outside efficiently, a resin with
high light transparency is used; therefore, additives to improve the heat resistance or moisture
resistance (silica gel , etc) which are used for semiconductor products such as transistors
cannot be added to the resin.
Consequently, the heat resistant ability of the resin used for LED is usually low; therefore,
please be careful on the following during use.
Avoid applying external force, stress, and excessive vibration to the resins and terminals at
high temperature. The glass transition temperature of epoxy resin used for the LED is
approximately 120-130℃.
At a temperature exceeding this limit, the coefficient of liner expansion of the resin doubles or
more compared to that at normal temperature and the resin is softened.
If external force or stress is applied at that time, it may cause a wire rupture.
2. Soldering
Please be careful on the following at soldering.
After soldering, avoided applying external force, stress, and excessive vibration until the
products go to cooling process (normal temperature), <Same for products with terminal leads>
(1)
Soldering measurements:
Distance between melted solder side to bottom of resin shall be 1.6mm or longer.
(2)
Solder dip: Preheat: 90℃ max. (Backside of PCB), Within 60 seconds
Solder bath: 260±5℃ (Solder temperature), Within 5 seconds
(3)
Soldering iron : 350℃ max. (Temperature of soldering iron tip), Within 3 seconds
3. Insertion
Pitch of the LED leads and pitch of mounting holes need to be same
4. Others
Since the heat resistant ability of the LED resin is low, SMD components are used on the same
PCB, please mount the LED after adhesive baking process for SMD components. In case
adhesive baking is done after LED lamp insertion due to a production process reason, make
sure not to apply external force, stress, and excessive vibration to the LED and follow the
conditions below.
Baking temperature: 120℃ max. Baking time: Within 60 seconds
If soldering is done sequentially after the adhesive baking, please perform the soldering after cooling down
the LED to normal temperature.


Similar Part No. - MT7403A-UR-A_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT7403A-UR-A MARKTECH-MT7403A-UR-A Datasheet
183Kb / 3P
   Ultra Bright LEDs
MT7403A-UR-A MARKTECH-MT7403A-UR-A Datasheet
247Kb / 5P
   ROUND LED LAMP
More results

Similar Description - MT7403A-UR-A_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT3101N-UR-A MARKTECH-MT3101N-UR-A Datasheet
195Kb / 5P
   ROUND LED LAMP
MT3118-Y-A MARKTECH-MT3118-Y-A Datasheet
249Kb / 5P
   ROUND LED LAMP
MT3301N-UY-A MARKTECH-MT3301N-UY-A Datasheet
275Kb / 5P
   ROUND LED LAMP
MT4118-HR-A MARKTECH-MT4118-HR-A Datasheet
136Kb / 6P
   ROUND LED LAMP
MT3101N-UR-A MARKTECH-MT3101N-UR-A_15 Datasheet
195Kb / 5P
   ROUND LED LAMP
MT3203N-UG-A MARKTECH-MT3203N-UG-A_15 Datasheet
195Kb / 5P
   ROUND LED LAMP
MT4118-HR-A MARKTECH-MT4118-HR-A_15 Datasheet
136Kb / 6P
   ROUND LED LAMP
MT240-G-A MARKTECH-MT240-G-A_15 Datasheet
443Kb / 5P
   ROUND LED LAMP
MT3301N-UY-A MARKTECH-MT3301N-UY-A_15 Datasheet
275Kb / 5P
   ROUND LED LAMP
MT1403 MARKTECH-MT1403_15 Datasheet
181Kb / 5P
   ROUND LED LAMP
MT7315B-UR-A MARKTECH-MT7315B-UR-A Datasheet
136Kb / 6P
   ROUND LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com