Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V150LA1 Datasheet(PDF) 6 Page - Littelfuse

Part # V150LA1
Description  Line Voltage Operation, Radial Lead
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V150LA1 Datasheet(HTML) 6 Page - Littelfuse

Back Button V150LA1 Datasheet HTML 2Page - Littelfuse V150LA1 Datasheet HTML 3Page - Littelfuse V150LA1 Datasheet HTML 4Page - Littelfuse V150LA1 Datasheet HTML 5Page - Littelfuse V150LA1 Datasheet HTML 6Page - Littelfuse V150LA1 Datasheet HTML 7Page - Littelfuse V150LA1 Datasheet HTML 8Page - Littelfuse V150LA1 Datasheet HTML 9Page - Littelfuse V150LA1 Datasheet HTML 10Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2
LA Varistor Series
Varistor Products
Line Voltage Operation, Radial Lead
55
www .littelfuse .com
FIGURE 9. CLAMPINGVOLTAGE FOR V385LA20A-
V1000LA80A
FIGURE 10. CLAMPINGVOLTAGE FOR V130LA20A- V275LA40A
FIGURE 11. CLAMPINGVOLTAGE FOR V130LA20B- V275LA40B
FI GURE 12. CLAMPINGVOLTAGE FOR V140LA20A- V230LA40A
FIGURE 13. CLAMPINGVOLTAGE FOR V300LA40A - V1000LA160B
5,000
3,000
1,000
500
300
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
2,000
103
10-4
V1000LA80A
V660LA50A
V575LA40A
V510LA40A
V480LA40A
V420LA20A
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 14mm
385 TO 1000VM(AC) RATING
TA = -55
oC TO 85oC
V385LA20A
700
V625LA40A
3,000
2,000
1,000
900
800
700
600
500
400
300
200
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
103
V275LA40A
V250LA40A
V150LA20A
V130LA20A
V175LA20A
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 20mm
130 TO 275VM(AC) RATING
TA = -55
oC TO 85oC
3,000
2,000
1,000
900
800
700
600
500
400
300
200
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
103
V275LA40B
V250LA40B
V130LA20B
V150LA20B
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 20mm
130 TO 275VM(AC) RATING
TA = -55
oC TO 85oC
3,000
2,000
500
200
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
1,000
103
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 20mm
140 TO 230VM(AC) RATING
TA = -55
oC TO 85oC
300
V140LA20A
V230LA40A
5,000
3,000
1,000
500
10-3
10-2
10-1
100
101
102
104
PEAK AMPERES (A)
2,000
103
V625LA80B
V660LA100B
V1000LA160B
MAXIMUM CLAMPINGVOLTAGE
MODEL SIZE 20mm
300 TO 1000VM(AC) RATING
TA = -55
oC TO 85oC
V575LA80B
V420LA40B
V385LA40B
V320LA40B
V300LA40A
V510LA80B
V480LA80B
Transient V-I Characteristics Curves (Continued)
Next
Previous


Similar Part No. - V150LA1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V150LA1 LITTELFUSE-V150LA1 Datasheet
222Kb / 11P
   Line Voltage Operation, Radial Lead
V150LA1 LITTELFUSE-V150LA1 Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V150LA1 LITTELFUSE-V150LA1 Datasheet
309Kb / 11P
   Line Voltage Operation, Radial Lead
V150LA10A LITTELFUSE-V150LA10A Datasheet
222Kb / 11P
   Line Voltage Operation, Radial Lead
V150LA10A LITTELFUSE-V150LA10A Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
More results

Similar Description - V150LA1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V320LS20A LITTELFUSE-V320LS20A Datasheet
309Kb / 11P
   Line Voltage Operation, Radial Lead
V175LS5 LITTELFUSE-V175LS5 Datasheet
309Kb / 11P
   Line Voltage Operation, Radial Lead
V575LS80 LITTELFUSE-V575LS80 Datasheet
222Kb / 11P
   Line Voltage Operation, Radial Lead
V130LA1P LITTELFUSE-V130LA1P Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
logo
Vicor Corporation
03040 VICOR-03040 Datasheet
100Kb / 1P
   VARISTOR, RADIAL LEAD MOV, LINE-VOLTAGE
20461 VICOR-20461 Datasheet
96Kb / 1P
   VARISTOR, RADIAL LEAD MOV, LINE-VOLTAGE
logo
Harris Corporation
V18ZA05 HARRIS-V18ZA05 Datasheet
423Kb / 12P
   Radial Lead Metal-Oxide Varistors for Low to Medium Voltage Operation
logo
Socay Electornics Co., ...
K1-076 SOCAY-K1-076 Datasheet
191Kb / 3P
   Radial Lead Transient Voltage Suppressors
KB-012 SOCAY-KB-012 Datasheet
189Kb / 4P
   Radial Lead Transient Voltage Suppressors
KD-012 SOCAY-KD-012 Datasheet
185Kb / 4P
   Radial Lead Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com