Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V18MLE0603 Datasheet(PDF) 6 Page - Littelfuse

Part # V18MLE0603
Description  Multilayer Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V18MLE0603 Datasheet(HTML) 6 Page - Littelfuse

  V18MLE0603 Datasheet HTML 1Page - Littelfuse V18MLE0603 Datasheet HTML 2Page - Littelfuse V18MLE0603 Datasheet HTML 3Page - Littelfuse V18MLE0603 Datasheet HTML 4Page - Littelfuse V18MLE0603 Datasheet HTML 5Page - Littelfuse V18MLE0603 Datasheet HTML 6Page - Littelfuse V18MLE0603 Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Multilayer Transient Voltage Suppressor
MLE Varistor Series
Surface Mount Varistors
138
www .littelfuse .com
Standard Shipping Quantities
D
E
W
L
Mechanical Dimensions
DIMENSION
1206 SIZE
0805 SIZE
0603 SIZE
IN
MM
IN
MM
IN
MM
E
0.071
L
0.02
±0.01
W
0.125
±0.012
DEVICE DIMENSIONS
0402 SIZE
IN
MM
D Max
0.06
±0.011
1.80
0.50
±0.25
3.20
±0.03
1.60
±0.28
0.043
0.02
±0.01
0.079
±0.008
0.049
±0.008
1.1
0.50
±0.25
2.01
±0.2
1.25
±0.2
0.035
0.015
±0.008
0.063
±0.006
0.032
±0.006
0.9
0.4
±0.2
1.6
±0.15
0.8
±0.15
0.024
0.010
±0.006
0.039
±0.004
0.020
±0.004
0.6
0.25
±0.15
1.0
±0.1
0.5
±0.1
V
18
1206
PACKING OPTIONS
A: Bulk Pack (not 0402 size)
H: 7in (178mm) Diameter Reel
T: 13in (330mm) Diameter Reel
DEVICE SIZE:
i.e., 120 mil x 60 mil
DEVICE FAMILY
Littelfuse TVSS Device
X
MAXIMUM DC
WORKING VOLTAGE
MLE
X
X
CAPACITANCE OPTION
No Letter: Standard
L: Low Capacitance Version
END TERMINATION OPTION
No Letter: Ag/Pt (Standard)
W: Ag/Pd
MULTILAYER SERIES
DESIGNATOR
(3mm x 1.5mm)
(not 0402 size)
N: Nickel Barrier (0402-1210) For 0402 package size,
Nickel Barrier termination is subject to availibility.
Please contact a Littelfuse sales representative.
Ordering Information
VXXMLE TYPES
DEVICE SIZE
“13”INCH REEL (“T”OPTION)
“7”INCH REEL (“H”OPTION)
BULK PACK (“A”OPTION)
1206
10,000
2,500
2500
0805
10,000
2,500
2500
0603
10,000
2,500
2500
0402
N/A
N/A
10,000
Next
Previous


Similar Part No. - V18MLE0603

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V18MLE0603H LITTELFUSE-V18MLE0603H Datasheet
853Kb / 6P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLE Series
V18MLE0603LN LITTELFUSE-V18MLE0603LN Datasheet
248Kb / 6P
   Surface Mount Multilayer Varistors
V18MLE0603LN LITTELFUSE-V18MLE0603LN Datasheet
853Kb / 6P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLE Series
V18MLE0603LN LITTELFUSE-V18MLE0603LN Datasheet
248Kb / 6P
   Surface Mount Multilayer Varistors (MLVs) MLE Series
V18MLE0603LNH LITTELFUSE-V18MLE0603LNH Datasheet
853Kb / 6P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLE Series
More results

Similar Description - V18MLE0603

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AUML LITTELFUSE-AUML Datasheet
431Kb / 9P
   Multilayer Transient Voltage Surge Suppressor
V18AUMLA1206 LITTELFUSE-V18AUMLA1206_06 Datasheet
1Mb / 9P
   Multilayer Transient Voltage Surge Suppressor
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com