Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ8P1-1CH-12DE Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # AZ8P1-1CH-12DE
Description  10 A MINIATURE POWER RELAY BISTABLE (LATCHING)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ8P1-1CH-12DE Datasheet(HTML) 2 Page - ZETTLER Electronics

  AZ8P1-1CH-12DE Datasheet HTML 1Page - ZETTLER Electronics AZ8P1-1CH-12DE Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AZ8P
RELAY ORDERING DATA
COIL SPECIFICATIONS
ORDER NUMBER*
BISTABLE (LATCHING): 1 COIL
Nominal Coil
Set
Max. Continuous
Reset
Max. Reset
Coil Resistance
VDC
VDC
VDC
VDC
VDC
Ohm ± 10%
3
2.2
3.0
-0.75
-1.35
8
AZ8P1–1CH–3DE
5
3.7
5.0
-1.25
-2.25
22
AZ8P1–1CH–5DE
6
4.5
6.0
-1.50
-2.70
33
AZ8P1–1CH–6DE
9
6.7
9.0
-2.25
-4.05
74
AZ8P1–1CH–9DE
12
9.0
12.0
-3.00
-5.40
119
AZ8P1–1CH–12DE
18
13.5
18.0
-4.50
-8.10
280
AZ8P1–1CH–18DE
24
18.0
24.0
-6.00
-10.80
475
AZ8P1–1CH–24DE
36
27.0
36.0
-9.00
-16.20
1,050
AZ8P1–1CH–36DE
48
36.0
48.0
-12.00
-21.60
1,750
AZ8P1–1CH–48DE
60
45.0
60.0
-15.00
-27.00
2,750
AZ8P1–1CH–60DE
* “1CH” denotes silver nickel contacts.
Substitute “1AE” in place of “1CH” for 1 Form A silver tin oxide contacts
MECHANICAL DATA
WIRING DIAGRAMS
PC BOARD LAYOUT
Viewed toward terminals
Viewed toward terminals
Form A
Form C
ventilation
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
-
A ZETTLER
Company
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
GROUP
GROUP
2014-09-08


Similar Part No. - AZ8P1-1CH-12DE

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ8P1-1CH-12DE ZETTLER-AZ8P1-1CH-12DE Datasheet
52Kb / 2P
   10 A MINIATURE POWER RELAY BISTABLE (LATCHING)
More results

Similar Description - AZ8P1-1CH-12DE

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ8P ZETTLER-AZ8P Datasheet
52Kb / 2P
   10 A MINIATURE POWER RELAY BISTABLE (LATCHING)
logo
Willow Technologies Ltd
DG79 WILLOW-DG79 Datasheet
371Kb / 3P
   industrial bistable (latching) power relay
logo
ZETTLER Electronics
AZ956P ZETTLER-AZ956P Datasheet
154Kb / 2P
   MICROMINIATURE POLARIZED BISTABLE (LATCHING) RELAY
logo
List of Unclassifed Man...
AZ832P ETC1-AZ832P Datasheet
52Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
American Zettler, Inc.
AZ830P AZETTLER-AZ830P Datasheet
89Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ832P AZETTLER-AZ832P Datasheet
126Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
ZETTLER Electronics
AZ830P ZETTLER-AZ830P_13 Datasheet
137Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ830P ZETTLER-AZ830P Datasheet
78Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ832P ZETTLER-AZ832P Datasheet
50Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
American Zettler, Inc.
AZ956P AZETTLER-AZ956P Datasheet
94Kb / 2P
   MICROMINIATURE POLARIZED BISTABLE (LATCHING) RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com