Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T10B Datasheet(PDF) 1 Page - Littelfuse

Part # T10B
Description  Glass passivated junction
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

T10B Datasheet(HTML) 1 Page - Littelfuse

  T10B Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www .littelfuse .com
55
FEATURES
G Glass passivated junction
G High current diverting capability 250A
G Low capacitance, less than 200pF
APPLICATION
G Bi-directional device for telephone and line card protection
ELECTRICAL CHARACTERISTICS (Tamb = +25°C)
25.4 min
9.400
+0.127
-0.254
Ø5.080
+0.127
-0.254
25.4 min
Ø1.016
±0.050
T10B
Voltage
Holding
Current Option
Packaging Option
B = Bulk (500 pcs)
T = Tape and reeled (1500 pcs)
ORDERING INFORMATION
G UL recognized
G Automatic reset
G Does not degrade
ABSOLUTE RATINGS (limiting values) (Tj = + 25°C) L = 10mm
SYMBOL
P
Ipp
Itsm
di/dt
T stg
Tj
TI
PARAMETER
Power dissipation on infinite heatsink
Peak Pulse Current
Non-repetitive surge peak on-state current
Critical rate of rise of on-state current
Storage and operating junction
Temperature range
Maximum lead temperature for soldering
during 10s at 4mm from case
Tamb = 50°C
10x1000µsec
10/700 1.5KV
8-20 us expo
tp = 20 ms
Non repetitive
VALUE
5
100
125
250
50
100
-40 to 150
150
230
UNIT
W
A
A
A/us
°C
°C
°C
THERMAL RESISTANCES
SYMBOL
Rth(j-i)
Rth(j-a)
PARAMETER
Junction-leads on infinite heatsink
Junction-ambient on printed circuit
L = 10mm
VALUE
20
75
UNIT
°C/W
°C/W
All parameters are tested using Fet Test ™ Model 3600
All dimensions in mm
DEVICE
TYPE
T10B035
T10B065
T10B120
T10B140
T10B200
T10B230
T10B270
IRM @ VRM
max
µAV
32
55
110
120
170
200
230
2
2
2
2
2
2
2
IR @ VR
max
µAV
35
65
120
140
200
230
270
50
50
50
50
50
50
50
VBO @ IBO
max
VmA
800
800
800
800
800
800
800
55
80
160
200
265
300
350
IH
min
mA
150
150
150
150
150
150
150
C
typ
pF
180
160
140
140
130
120
120
T10B series Sibod
PARAMETER
Stand-off Voltage
Breakdown Voltage
Holding Current
Continuous Reverse Voltage
SYMBOL
VRM
VBR
IH
VR


Similar Part No. - T10B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
T10B080B LITTELFUSE-T10B080B Datasheet
143Kb / 2P
   SIDAtor Device
T10B080BXX LITTELFUSE-T10B080BXX Datasheet
121Kb / 4P
   T10B Series are SIDACtor짰 devices designed protect baseband equipment
T10B080E LITTELFUSE-T10B080E Datasheet
143Kb / 2P
   SIDAtor Device
T10B080EXX LITTELFUSE-T10B080EXX Datasheet
121Kb / 4P
   T10B Series are SIDACtor짰 devices designed protect baseband equipment
logo
Edal Industries, Inc.
T10B1 EDAL-T10B1 Datasheet
83Kb / 1P
   T10A1
More results

Similar Description - T10B

ManufacturerPart #DatasheetDescription
logo
SynSemi, Inc.
GN3A SYNSEMI-GN3A Datasheet
40Kb / 2P
   GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION
logo
Leshan Radio Company
FR156G LRC-FR156G_15 Datasheet
206Kb / 7P
   Glass Passivated Junction
RGP30J LRC-RGP30J_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
UGP10D LRC-UGP10D_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
1N4944G LRC-1N4944G_15 Datasheet
199Kb / 7P
   Glass Passivated Junction
UGP10B LRC-UGP10B_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
logo
Jinan Jing Heng Electro...
U1A JINGHENG-U1A Datasheet
69Kb / 2P
   GLASS PASSIVATED JUNCTION
logo
Taiwan Semiconductor Co...
ABS6-T TSC-ABS6-T Datasheet
240Kb / 4P
   Glass passivated junction
logo
Leshan Radio Company
EGP15J LRC-EGP15J_15 Datasheet
207Kb / 7P
   Glass Passivated Junction
EGP30D LRC-EGP30D_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com