Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ733W-2A-18D Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # AZ733W-2A-18D
Description  DPST MINIATURE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ733W-2A-18D Datasheet(HTML) 2 Page - ZETTLER Electronics

  AZ733W-2A-18D Datasheet HTML 1Page - ZETTLER Electronics AZ733W-2A-18D Datasheet HTML 2Page - ZETTLER Electronics AZ733W-2A-18D Datasheet HTML 3Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2010-12-17
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
AZ733W
8
1
65
3
4
1.14
(29)
.51
(13)
.08
(2.1)
.787
(20.0)
.197
(5)
.295 (7.5)
Terminal No.
1,4,5,8
3,6
Dimensions Tol.: ± 0.005 (0.13)
0.018 (0.457) x 0.038 (0.965)
0.011 (0.279) x 0.038 (0.965)
WIRING DIAGRAM
PC BOARD LAYOUT
6 x ø .05
[ø 1.3]
Viewed toward terminals
Viewed toward terminals
RELAY ORDERING DATA
COIL SPECIFICATIONS
ORDER NUMBER
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
VDC
VDC
VDC
Ohm
Unsealed
Sealed
3
2.25
4.7
11.3 ± 10%
AZ733W–2A–3D
AZ733W–2A–3DE
5
3.8
7.9
31 ± 10%
AZ733W–2A–5D
AZ733W–2A–5DE
6
4.5
9.5
45 ± 10%
AZ733W–2A–6D
AZ733W–2A–6DE
9
6.8
14.2
101 ± 10%
AZ733W–2A–9D
AZ733W–2A–9DE
12
9.0
18.9
180 ± 10%
AZ733W–2A–12D
AZ733W–2A–12DE
18
13.5
28.4
405 ± 10%
AZ733W–2A–18D
AZ733W–2A–18DE
24
18.0
37.9
720 ± 15%
AZ733W–2A–24D
AZ733W–2A–24DE
48
36.0
75.9
2,880 ± 15%
AZ733W–2A–48D
AZ733W–2A–48DE
60
45.0
94.8
4,500 ± 15%
AZ733W–2A–60D
AZ733W–2A–60DE
110
82.5
183.3
16,800 ± 15%
AZ733W–2A–110D
AZ733W–2A–110DE
MECHANICAL DATA
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
* Add suffix “B” to “2A” for silver nickel contacts.
Add suffix “E” to “2A” for silver tin oxide contacts.


Similar Part No. - AZ733W-2A-18D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ733W-2A-18D ZETTLER-AZ733W-2A-18D Datasheet
50Kb / 2P
   DPST MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ733W-2A-18D AZETTLER-AZ733W-2A-18D Datasheet
133Kb / 2P
   DPST MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ733W-2A-18DE ZETTLER-AZ733W-2A-18DE Datasheet
50Kb / 2P
   DPST MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ733W-2A-18DE AZETTLER-AZ733W-2A-18DE Datasheet
133Kb / 2P
   DPST MINIATURE POWER RELAY
More results

Similar Description - AZ733W-2A-18D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ733W ZETTLER-AZ733W Datasheet
50Kb / 2P
   DPST MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ733W AZETTLER-AZ733W Datasheet
133Kb / 2P
   DPST MINIATURE POWER RELAY
AZ734 AZETTLER-AZ734 Datasheet
79Kb / 2P
   DPST MINIATURE POWER RELAY
logo
Standex Electronics, In...
8812285100 STANDEX-8812285100 Datasheet
99Kb / 2P
   RELAY REED DPST 1A 12V
Version: 03
8812285200 STANDEX-8812285200 Datasheet
99Kb / 2P
   RELAY REED DPST 1A 12V
Version : 06
logo
List of Unclassifed Man...
AZ726 ETC-AZ726 Datasheet
77Kb / 2P
   MINIATURE POWER RELAY
AZ961 ETC1-AZ961 Datasheet
62Kb / 2P
   MINIATURE POWER RELAY
logo
Tyco Electronics
PTF MACOM-PTF Datasheet
199Kb / 3P
   Miniature Power Relay
logo
American Zettler, Inc.
AZ960 AZETTLER-AZ960 Datasheet
78Kb / 2P
   MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ732 ETC1-AZ732 Datasheet
18Kb / 1P
   MINIATURE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com