Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V5.5MLA0805L Datasheet(PDF) 3 Page - Littelfuse

Part # V5.5MLA0805L
Description  Multilayer Transient Voltage Surge Suppressors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V5.5MLA0805L Datasheet(HTML) 3 Page - Littelfuse

  V5.5MLA0805L Datasheet HTML 1Page - Littelfuse V5.5MLA0805L Datasheet HTML 2Page - Littelfuse V5.5MLA0805L Datasheet HTML 3Page - Littelfuse V5.5MLA0805L Datasheet HTML 4Page - Littelfuse V5.5MLA0805L Datasheet HTML 5Page - Littelfuse V5.5MLA0805L Datasheet HTML 6Page - Littelfuse V5.5MLA0805L Datasheet HTML 7Page - Littelfuse V5.5MLA0805L Datasheet HTML 8Page - Littelfuse V5.5MLA0805L Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Multilayer Transient Voltage Surge Suppressors
ML Varistor Series
Surface Mount Varistors
142
www .littelfuse .com
Device Ratings and Specifications (Continued)
V18MLA0603
18
14
30
0.1
40 at 2A
22
28.0
125
V18MLA0402
18
14
20
0.050
40 at 1A
22
28.0
40
V18MLA0805
18
14
120
0.3
40 at 5A
22
28.0
450
V18MLA0805L
18
14
40
0.1
40 at 2A
22
28.0
250
V18MLA1206
18
14
150
0.4
40
22
28.0
1100
V18MLA1210
18
14
500
2.5
40
22
28.0
1250
V26MLA0603
26
20
30
0.1
58 at 2A
31
38
90
V26MLA0805
26
20
100
0.3
58 at 5A
29.5
38.5
190
V26MLA0805L
26
20
40
0.1
58 at 2A
29.5
38.5
115
V26MLA1206
26
20
150
0.6
56
29.5
38.5
900
V26MLA1210
26
20
300
1.2
54
29.5
38.5
1000
V30MLA0603
30
25
30
0.1
65 at 2A
37
46
75
V30MLA0805L
30
25
30
0.1
65 at 2A
37
46
80
V30MLA1210
30
25
280
1.2
62
35
43
1575
V30MLA1210L
30
25
220
0.9
62
35
43
1530
V33MLA1206
33
26
180
0.8
72
38
49
550
V42MLA1206
42
30
180
0.8
86
46
60
550
V48MLA1210
48
40
250
1.2
100
54.5
66.5
450
V48MLA1210L
48
40
220
0.9
100
54.5
66.5
430
V56MLA1206
56
40
180
1.0
110
61
77
150
V60MLA1210
60
50
250
1.5
120
67
83
375
V68MLA1206
68
50
180
1.0
130
76
90
150
V85MLA1210
85
67
250
2.5
160
95
115
225
V120MLA1210
120
107
125
2.0
230
135
165
65
NOTES:
1.
2.
3.
PART
NUMBER
MAXIMUM RATINGS (125 oC)
SPECIFICATIONS (25oC)
MAXIMUM
CONTINUOUS
WORKING
VOLTAGE
MAXIMUM
NON-
REPETITIVE
SURGE
CURRENT
(8/20
µs)
MAXIMUM
NON-
REPETITIVE
SURGE
ENERGY
(10/1000
µs)
MAXIMUM
CLAMPING
VOLTAGE AT
10A
(OR AS NOTED)
(8/20
µs)
NOMINAL VOLTAGE
AT 1mA DC TEST
CURRENT
TYPICAL
CAPACITANCE
AT f = 1MHz
VM(DC) VM(AC)
ITM
WTM
VC
VN(DC)
MIN
VN(DC)
MAX
C
(V)
(V)
(A)
(J)
(V)
(V)
(V)
(pF)
L suffix is a low capacitance and energy version; Contact your Littelfuse Sales Representative for custom capacitance requirements.
Typical leakage at 25 C<25
µA, maximum leakage 50µA at V
; for 0402 size, typical leakage <5
µA, maximum leakage 10µA at V
o
M(DC)
M(DC).
Average power dissipation of transients for 0402, 0603, 0805, 1206 and 1210 sizes not to exceed 0.03W, 0.05W, 0.1W, 0.1W and 0.15W respectively.
NEW
Next
Previous


Similar Part No. - V5.5MLA0805L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V5.5MLA0805LN LITTELFUSE-V5.5MLA0805LN Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V5.5MLA0805LN LITTELFUSE-V5.5MLA0805LN Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V5.5MLA0805LN LITTELFUSE-V5.5MLA0805LN Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V5.5MLA0805LN LITTELFUSE-V5.5MLA0805LN Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V5.5MLA0805LN LITTELFUSE-V5.5MLA0805LN Datasheet
875Kb / 8P
   MLA Varistor Seriesv
More results

Similar Description - V5.5MLA0805L

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
logo
Littelfuse
AUML LITTELFUSE-AUML Datasheet
431Kb / 9P
   Multilayer Transient Voltage Surge Suppressor
V18AUMLA1206 LITTELFUSE-V18AUMLA1206_06 Datasheet
1Mb / 9P
   Multilayer Transient Voltage Surge Suppressor
logo
AVX Corporation
VC120630D650DP AVX-VC120630D650DP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120631M650RP AVX-VC120631M650RP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120605D150RP AVX-VC120605D150RP Datasheet
418Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120605D150DP AVX-VC120605D150DP Datasheet
518Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VCH4AG100R8MATWA AVX-VCH4AG100R8MATWA Datasheet
235Kb / 2P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080518C400DP AVX-VC080518C400DP Datasheet
206Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com