Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ762T-1AE-12D Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # AZ762T-1AE-12D
Description  16 AMP HIGH INRUSH MINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ762T-1AE-12D Datasheet(HTML) 2 Page - ZETTLER Electronics

  AZ762T-1AE-12D Datasheet HTML 1Page - ZETTLER Electronics AZ762T-1AE-12D Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
AZ762T
COIL SPECIFICATION - DC COIL
ORDER NUMBER*
Nominal Coil
VDC
Must Operate
VDC
Max. Continuous
VDC
Coil Resistance
Ohm
1 Form A
5
3.5
7.5
62 ±10%
AZ762T-1AE-5D
6
4.2
9
90 ±10%
AZ762T-1AE-6D
9
6.3
13.5
202 ±10%
AZ762T-1AE-9D
12
8.4
18
360 ±10%
AZ762T-1AE-12D
18
12.6
27
810 ±10%
AZ762T-1AE-18D
24
16.8
36
1,440 ±10%
AZ762T-1AE-24D
48
33.6
72
5,760 ±15%
AZ762T-1AE-48D
60
42.0
90
7,500 ±15%
AZ762T-1AE-60D
110
77.0
165
25,200 ±15%
AZ762T-1AE-110D
* “1AE” denote silver tin oxide contacts with tungsten premake contact.
Add suffix “E” at the end of the order number for sealed version.
Add suffix “F” at the end of the order number for Class F insulation system.
2013-07-17
MECHANICAL DATA
5.04
20.16
2.6
5.04
6 x ø 1.3
4 x 0.5
2
1
4
7
5
8
12.7 ± 0.3
PC BOARD LAYOUT
WIRING DIAGRAM
1 Form A
Viewed toward terminals
Viewed toward terminals
29 ± 0.3
20.16
2.6
2 x 0.5 x 0.5
Dimensions in mm. Tolerance: ± 0.25 mm
RELAY ORDERING DATA


Similar Part No. - AZ762T-1AE-12D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ762 ZETTLER-AZ762 Datasheet
54Kb / 2P
   16 A SPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ762 AZETTLER-AZ762 Datasheet
172Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ762 AZETTLER-AZ762 Datasheet
172Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ762 ZETTLER-AZ762 Datasheet
51Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ762-1A-110D ZETTLER-AZ762-1A-110D Datasheet
54Kb / 2P
   16 A SPDT MINIATURE POWER RELAY
More results

Similar Description - AZ762T-1AE-12D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ725 ZETTLER-AZ725 Datasheet
57Kb / 2P
   16 AMP MINIATURE POWER RELAY HIGH INRUSH VERSION 120 AMP
AZ764H ZETTLER-AZ764H_13 Datasheet
55Kb / 2P
   16 AMP HIGH TEMPERATURE MINIATURE POWER RELAY
AZ764H ZETTLER-AZ764H Datasheet
59Kb / 2P
   16 AMP HIGH TEMPERATURE MINIATURE POWER RELAY
AZ762H ZETTLER-AZ762H Datasheet
50Kb / 3P
   16 AMP HIGH TEMPERATURE MINIATURE POWER RELAY
logo
Nihon Kaiheiki Industry...
JW_SERIES NKK-JW_SERIES Datasheet
1Mb / 9P
   High Inrush 10 & 16 Amp Rockers
04/19/22
logo
List of Unclassifed Man...
JWLW21RA1A ETC2-JWLW21RA1A Datasheet
309Kb / 9P
   High Inrush 10 & 16 Amp Rockers
logo
Tyco Electronics
PCK-112D2M MACOM-PCK-112D2M Datasheet
234Kb / 2P
   Slim 16 Amp Miniature Power PC Board Relay
RT334012F MACOM-RT334012F Datasheet
77Kb / 2P
   16 Amp PC Board Miniature Relay
logo
ZETTLER Electronics
AZ942H ZETTLER-AZ942H_15 Datasheet
497Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
logo
Tyco Electronics
2-1415031-1 MACOM-2-1415031-1 Datasheet
85Kb / 2P
   16 Amp PC Board Miniature Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com