Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ762T-1AE-18D Datasheet(PDF) 1 Page - ZETTLER Electronics

Part # AZ762T-1AE-18D
Description  16 AMP HIGH INRUSH MINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ762T-1AE-18D Datasheet(HTML) 1 Page - ZETTLER Electronics

  AZ762T-1AE-18D Datasheet HTML 1Page - ZETTLER Electronics AZ762T-1AE-18D Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
AZ762T
16 AMP HIGH INRUSH
MINIATURE POWER RELAY
FEATURES
• Dielectric strength 5000 Vrms
• Low height: 15.7 mm
• 16 Amp switching
• Tungsten premake contact for extreme high inrush
• Isolation spacing greater than 10 mm
• Reinforced insulation, EN 60730-1 (VDE 0631, part 1)
EN 60335-1 (VDE 0700, part 1)
• UL, CUR file E44211
• VDE certificate 40006031
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.
CONTACTS
COIL
Life Expectancy
Mechanical
Electrical
Minimum operations
5 x 106
1 x 104
Operate Time (typical)
7 ms at nominal coil voltage
Release Time (typical)
3 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
(at sea level for 1 min.)
5000 Vrms coil to contact
1250 Vrms between open contacts
Insulation
Resistance
1000 megaohms min. at 20°C
500 VDC 50% RH
Insulation
(according to
DIN VDE 0110,
IEC 60664-1)
C250
Overvoltage category: III
Pollution degree: 3
Nominal voltage: 250 VAC
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
Operating
At nominal coil voltage
-40°C (-40°F) to 85°C (185°F)
Vibration
0.062” (1.5 mm) DA at 10-55 Hz
Shock
10 g
Enclosure
P.B.T. polyester
Terminals
tinned copper alloy, P.C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
13.5 grams
Packing unit in pcs.
50 per tray / 500 per carton box
Power
At Pickup Voltage
(typical)
Max. Continuous
Dissipation
Temperature Rise
200 mW (235 mW at 60 V and 110 V)
0.9 W at 20°C (68°F) ambient
26°C (47°F) at nominal coil voltage
Temperature
Max. 130°C (266°F) Class B
Max. 155°C (311°F) Class F
Arrangement
SPST (1 Form A)
Ratings
Resistive load:
Max. switched power:
4000 VA
Max. switched current: 16 A
Max. inrush current:
165 A, 20 ms
500 A, 2 ms
800 A, 200 µs
Max. switched voltage: 125 VDC* or 440 VAC
* Note:
If switching voltage is greater than 30 VDC,
special precautions must be taken.
Please contact the factory.
Rated Load
UL, CUR
VDE
16 A at 277 VAC, general use, 10k cycles, 85°C
2.2 A at 277 VAC, standard ballast, 10k cycles, 50°C
3000 W at 230 VAC, tungsten, 12k cycles, 40°C
1200 W at 277 VAC, tungsten, 6k cycles, 50°C
1200 W at 120 VAC, tungsten, 6k cycles, 50°C
TV-8 at 120 VAC, 25k cycles, 40°C
16 A at 250 VAC resistive, 30k cycles, 85°C
Material
Silver tin oxide + tungsten
Resistance
< 100 milliohms initially
GENERAL DATA
2013-07-17


Similar Part No. - AZ762T-1AE-18D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ762 ZETTLER-AZ762 Datasheet
54Kb / 2P
   16 A SPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ762 AZETTLER-AZ762 Datasheet
172Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ762 AZETTLER-AZ762 Datasheet
172Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ762 ZETTLER-AZ762 Datasheet
51Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ762-1A-110D ZETTLER-AZ762-1A-110D Datasheet
54Kb / 2P
   16 A SPDT MINIATURE POWER RELAY
More results

Similar Description - AZ762T-1AE-18D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ725 ZETTLER-AZ725 Datasheet
57Kb / 2P
   16 AMP MINIATURE POWER RELAY HIGH INRUSH VERSION 120 AMP
AZ764H ZETTLER-AZ764H_13 Datasheet
55Kb / 2P
   16 AMP HIGH TEMPERATURE MINIATURE POWER RELAY
AZ764H ZETTLER-AZ764H Datasheet
59Kb / 2P
   16 AMP HIGH TEMPERATURE MINIATURE POWER RELAY
AZ762H ZETTLER-AZ762H Datasheet
50Kb / 3P
   16 AMP HIGH TEMPERATURE MINIATURE POWER RELAY
logo
Nihon Kaiheiki Industry...
JW_SERIES NKK-JW_SERIES Datasheet
1Mb / 9P
   High Inrush 10 & 16 Amp Rockers
04/19/22
logo
List of Unclassifed Man...
JWLW21RA1A ETC2-JWLW21RA1A Datasheet
309Kb / 9P
   High Inrush 10 & 16 Amp Rockers
logo
Tyco Electronics
PCK-112D2M MACOM-PCK-112D2M Datasheet
234Kb / 2P
   Slim 16 Amp Miniature Power PC Board Relay
RT334012F MACOM-RT334012F Datasheet
77Kb / 2P
   16 Amp PC Board Miniature Relay
logo
ZETTLER Electronics
AZ942H ZETTLER-AZ942H_15 Datasheet
497Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
logo
Tyco Electronics
2-1415031-1 MACOM-2-1415031-1 Datasheet
85Kb / 2P
   16 Amp PC Board Miniature Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com