Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ761-1C-60D Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # AZ761-1C-60D
Description  12 A SPDT MINIATURE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ761-1C-60D Datasheet(HTML) 2 Page - ZETTLER Electronics

  AZ761-1C-60D Datasheet HTML 1Page - ZETTLER Electronics AZ761-1C-60D Datasheet HTML 2Page - ZETTLER Electronics AZ761-1C-60D Datasheet HTML 3Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AZ761
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
2014-01-29
RELAY ORDERING DATA
DC COIL SPECIFICATIONS – STANDARD COIL
ORDER NUMBER*
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
1 Form C
1 Form A
VDC
VDC
VDC
Ohm ± 10%
5
3.5
10.2
62
AZ761–1A–5D
AZ761–1C–5D
6
4.2
12.3
90
AZ761–1A–6D
AZ761–1C–6D
9
6.3
18.3
200
AZ761–1A–9D
AZ761–1C–9D
12
8.4
24.7
360
AZ761–1A–12D
AZ761–1C–12D
18
12.6
37.0
810
AZ761–1A–18D
AZ761–1C–18D
24
16.8
49.4
1,440
AZ761–1A–24D
AZ761–1C–24D
48
33.6
98.0
5,760
AZ761–1A–48D
AZ761–1C–48D
60
42.0
112.9
7,500
AZ761–1A–60D
AZ761–1C–60D
110
77.0
206.9
25,200
AZ761–1A–110D
AZ761–1C–110D
* “1A” or “1C” denote silver cadmium oxide contacts. Substitute “1B” in place of “1A” for 1 Form B contact.
Add suffix “E” to “1A” or “1B” or “1C” for silver tin oxide contacts.
Add suffix “B” to “1A” or “1B” or “1C” for silver nickel contacts.
Add suffix “E” at the end of order number for sealed version.
Add suffix “A” at the end of order number for gold plated contacts.
Add suffix “K” at the end of order number for 5 mm pin spacing version.
Add suffix “F” at the end of order number for Class F version.
CONTACTS
Rated Load
VDE
1 Form A - DC coil
12 A at 250 VAC, 50k cycles, 85°C [3]
12 A at 250 VAC, 20k cycles, 85°C [2]
12 A at 250 VAC, 30k cycles, 70°C [1]
10 A at 250 VAC, 100k cycles, 70°C [1]
1 Form A - DC coil sensitive
10 A at 250 VAC, 100k cycles, 85°C [1]
10 A at 250 VAC, 20k cycles, 85°C [2]
6 A at 400 VAC, 100k cycles, 85°C [1]
1 Form A - AC coil
12 A at 250 VAC, 50k cycles, 70°C [3][2]
1 Form C - DC coil
12 A at 250 VAC, 50k cycles, 85°C [3]
12 A at 250 VAC, 20k cycles, 85°C [2]
12 A at 250 VAC, 30k cycles, 70°C [1]
1 Form C - DC coil sensitive
10 A at 250 VAC, 70k cycles, 85°C [1]
10 A at 250 VAC, 20k cycles, 85°C [2]
6 A at 400 VAC, 70k cycles, 85°C [1]
1 Form C - AC coil
12 A at 250 VAC, 30k cycles, 70°C [3][2]
Rated Load
UL, CUR
Standard coil
12 A at 277 VAC, Resistive, 50k cycles, 85°C [1]
12 A at 277 VAC, Resistive, 100 k cycles, 85°C [2][3]
1
/2 HP at 250 VAC, 85°C [1]
1
/4 HP at 125 VAC, 85°C [1]
B300, 85°C [2]
R300, 85°C [2]
Sensitive coil
10 A at 250 VAC Resistive, 100k cycles, 85°C [1]


Similar Part No. - AZ761-1C-60D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ761-1C-60D ZETTLER-AZ761-1C-60D Datasheet
56Kb / 2P
   12 A SPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ761-1C-60D AZETTLER-AZ761-1C-60D Datasheet
162Kb / 3P
   12 A SPDT MINIATURE POWER RELAY
AZ761-1C-60DE AZETTLER-AZ761-1C-60DE Datasheet
162Kb / 3P
   12 A SPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ761-1C-60DS ZETTLER-AZ761-1C-60DS Datasheet
56Kb / 2P
   12 A SPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ761-1C-60DS AZETTLER-AZ761-1C-60DS Datasheet
162Kb / 3P
   12 A SPDT MINIATURE POWER RELAY
More results

Similar Description - AZ761-1C-60D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ763 ZETTLER-AZ763 Datasheet
207Kb / 4P
   12 A SPDT MINIATURE POWER RELAY
AZ763 ZETTLER-AZ763_13 Datasheet
109Kb / 4P
   12 A SPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ761 AZETTLER-AZ761 Datasheet
162Kb / 3P
   12 A SPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ761 ZETTLER-AZ761 Datasheet
56Kb / 2P
   12 A SPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ763 AZETTLER-AZ763 Datasheet
104Kb / 2P
   12 A SPDT MINIATURE POWER RELAY
AZ762 AZETTLER-AZ762 Datasheet
172Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ762P AZETTLER-AZ762P Datasheet
1Mb / 3P
   20 A SPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ762 ZETTLER-AZ762_14 Datasheet
51Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ764 ZETTLER-AZ764_13 Datasheet
99Kb / 4P
   16 A SPDT MINIATURE POWER RELAY
AZ762 ZETTLER-AZ762 Datasheet
54Kb / 2P
   16 A SPDT MINIATURE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com