Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ761-1C-110D Datasheet(PDF) 3 Page - ZETTLER Electronics

Part # AZ761-1C-110D
Description  12 A SPDT MINIATURE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ761-1C-110D Datasheet(HTML) 3 Page - ZETTLER Electronics

  AZ761-1C-110D Datasheet HTML 1Page - ZETTLER Electronics AZ761-1C-110D Datasheet HTML 2Page - ZETTLER Electronics AZ761-1C-110D Datasheet HTML 3Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AZ761
MECHANICAL DATA
[7.6]
.299
.101
[2.56]
.260
[6.6]
[5.04]
.198
[5.04]
.198
[3.5]
.138
[ø 1.3]
5 x ø .051
[6.6]
.260
[20.16]
.794
[ø 1.3]
5 x ø .051
[29.3]
1.155 Max.
[13.0]
.512 Max.
[0.5]
3 x .020
[0.3]
.012
[16.0]
.63 Max.
[3.6]
.142
[0.5]
2 x .020
[0.8]
3 x .031
[0.5]
2 x .020
[20.16]
.794
[7.6]
.299
[3.5]
.138
WIRING DIAGRAMS
PC BOARD LAYOUT
5.0mm spacing Form C
3.5mm spacing Form C
1 Form C
1 Form A
Viewed toward terminals
Viewed toward terminals
1 Form B
* Not used on 1 Form A relay
** Not used on 1 Form B relay
**
**
*
*
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
2014-01-29
AC COIL SPECIFICATIONS - STANDARD COIL
ORDER NUMBER*
Nominal Coil
Must Operate
Max. Continuous
Nominal Current
Coil Resistance
1 Form A
1 Form C
VAC
VAC
VAC
mA ± 10%
Ohm ± 15%
24
18.0
31.2
31.6
350
AZ761–1A–24AF
AZ761–1C–24AF
115
86.3
149.5
6.6
8,100
AZ761–1A–115AF
AZ761–1C–115AF
230
172.5
299.0
3.2
32,500
AZ761–1A–230AF
AZ761–1C–230AF
* “1A” or “1C” denote silver cadmium oxide contacts.
Add suffix “E” to “1A” or “1C” for silver tin oxide contacts.
Add suffix “B” to “1A” or “1C” for silver nickel contacts.
Add suffix “E” before “F” (AC coils) at the end of order number for sealed version.
Add suffix “A” before “F” (AC coils) at the end of order number for gold plated contacts.
RELAY ORDERING DATA
DC COIL SPECIFICATIONS – SENSITIVE COIL
ORDER NUMBER*
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
1 Form C
1 Form A
VDC
VDC
VDC
Ohm ± 10%
5
3.8
13.0
100
AZ761–1A–5DS
AZ761–1C–5DS
6
4.5
15.6
144
AZ761–1A–6DS
AZ761–1C–6DS
12
9.0
31.3
576
AZ761–1A–12DS
AZ761–1C–12DS
18
13.5
46.9
1,296
AZ761–1A–18DS
AZ761–1C–18DS
24
18.0
62.6
2,304
AZ761–1A–24DS
AZ761–1C–24DS
48
36.0
125.2
9,216
AZ761–1A–48DS
AZ761–1C–48DS
60
45.0
147.8
12,867
AZ761–1A–60DS
AZ761–1C–60DS
* “1A” or “1C” denote silver cadmium oxide contacts. Substitute “1B” in place of “1A” for 1 Form B contact.
Add suffix “E” to “1A” or “1B” or “1C” for silver tin oxide contacts.
Add suffix “B” to “1A” or “1B” or “1C” for silver nickel contacts. (Not VDE approved!)
Add suffix “E” at the end of order number for sealed version.
Add suffix “A” at the end of order number for gold plated contacts.
Add suffix “K” at the end of order number for 5 mm pin spacing version.
Add suffix “F” at the end of order number for Class F version.


Similar Part No. - AZ761-1C-110D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ761-1C-110D ZETTLER-AZ761-1C-110D Datasheet
56Kb / 2P
   12 A SPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ761-1C-110D AZETTLER-AZ761-1C-110D Datasheet
162Kb / 3P
   12 A SPDT MINIATURE POWER RELAY
AZ761-1C-110DE AZETTLER-AZ761-1C-110DE Datasheet
162Kb / 3P
   12 A SPDT MINIATURE POWER RELAY
More results

Similar Description - AZ761-1C-110D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ763 ZETTLER-AZ763 Datasheet
207Kb / 4P
   12 A SPDT MINIATURE POWER RELAY
AZ763 ZETTLER-AZ763_13 Datasheet
109Kb / 4P
   12 A SPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ761 AZETTLER-AZ761 Datasheet
162Kb / 3P
   12 A SPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ761 ZETTLER-AZ761 Datasheet
56Kb / 2P
   12 A SPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ763 AZETTLER-AZ763 Datasheet
104Kb / 2P
   12 A SPDT MINIATURE POWER RELAY
AZ762 AZETTLER-AZ762 Datasheet
172Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ762P AZETTLER-AZ762P Datasheet
1Mb / 3P
   20 A SPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ762 ZETTLER-AZ762_14 Datasheet
51Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ764 ZETTLER-AZ764_13 Datasheet
99Kb / 4P
   16 A SPDT MINIATURE POWER RELAY
AZ762 ZETTLER-AZ762 Datasheet
54Kb / 2P
   16 A SPDT MINIATURE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com