Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ764-1C-6D Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # AZ764-1C-6D
Description  16 A SPDT MINIATURE POWER RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ764-1C-6D Datasheet(HTML) 2 Page - ZETTLER Electronics

  AZ764-1C-6D Datasheet HTML 1Page - ZETTLER Electronics AZ764-1C-6D Datasheet HTML 2Page - ZETTLER Electronics AZ764-1C-6D Datasheet HTML 3Page - ZETTLER Electronics AZ764-1C-6D Datasheet HTML 4Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AZ764
COIL SPECIFICATIONS - AC COIL
ORDER NUMBER*
Nominal Coil
Must Operate
Max. Continuous
Nominal Current
Coil Resistance
1 Form A
1 Form C
VAC
VAC
VAC
mA ± 10%
Ohm ± 10%
12
9.0
18.0
63.0
100
AZ764–1A–12A
AZ764–1C–12A
24
18.0
36.0
31.3
400
AZ764–1A–24A
AZ764–1C–24A
48
36.0
72.0
15.6
1,550
AZ764–1A–48A
AZ764–1C–48A
60
45.0
90.0
12.5
2,600
AZ764–1A–60A
AZ764–1C–60A
110
82.5
165.0
6.8
8,900
AZ764–1A–110A
AZ764–1C–110A
115
86.3
172.5
6.5
9,600
AZ764–1A–115A
AZ764–1C–115A
120
90.0
180.0
6.3
10,200
AZ764–1A–120A
AZ764–1C–120A
220
165.0
330.0
3.4
35,500
AZ764–1A–220A
AZ764–1C–220A
230
172.5
345.0
3.3
38,500
AZ764–1A–230A
AZ764–1C–230A
240
180.0
360.0
3.1
42,500
AZ764–1A–240A
AZ764–1C–240A
RELAY ORDERING DATA
COIL SPECIFICATIONS - DC COIL
ORDER NUMBER*
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
1 Form A
1 Form C
VDC
VDC
VDC
Ohm ± 10%
3
2.1
7.6
22
AZ764–1A–3D
AZ764–1C–3D
5
3.5
12.7
60
AZ764–1A–5D
AZ764–1C–5D
6
4.2
15.3
90
AZ764–1A–6D
AZ764–1C–6D
9
6.3
22.9
200
AZ764–1A–9D
AZ764–1C–9D
12
8.4
30.6
360
AZ764–1A–12D
AZ764–1C–12D
18
12.6
45.9
710
AZ764–1A–18D
AZ764–1C–18D
24
16.8
61.2
1,440
AZ764–1A–24D
AZ764–1C–24D
36
25.2
92.0
3,140
AZ764–1A–36D
AZ764–1C–36D
48
33.6
122.0
5,700
AZ764–1A–48D
AZ764–1C–48D
60
42.0
153.0
7,500
AZ764–1A–60D
AZ764–1C–60D
110
77.0
280.0
25,200
AZ764–1A–110D
AZ764–1C–110D
B
A
0
IN= 16 A
10
20
30
40
50
60
70
80
90 100
0,6
0,8
1,0
1,2
1,4
1,6
1,8
2,0
2,2
2,4
2,6
2,8
3,0
1
2
3
1 - no load on contacts
2 - half of rated load on contacts
3 - rated load on contacts
DC - Coil operating range
A - Cold coil ( Tcoil = Tambient)
B - Hot coil (1,1 x UN), contact load = IN
Ambient temperature [°C]
0
10
203040
5060
708090 100
0,6
0,8
1,0
1,2
1,4
1,6
1,8
2,0
2,2
2,4
2,6
2,8
3,0
1 - no load on contacts
3 - rated load on contacts
AC - Coil operating range
B - Hot coil (1,1 x UN), contact load = IN
Ambient temperature [°C]
IN= 16 A
B
1
3
* “1A” or “1C” denote silver nickel contacts.
Substitute “1AE” or “1CE” in place of “1A” or “1C” for silver tin oxide contacts.
Substitute “1AT” in place of “1A” for high inrush 80A silver tin oxide contacts. (DC coils only)
Add suffix “E” at the end of order number for sealed version.
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
2013-02-26


Similar Part No. - AZ764-1C-6D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ764-1CE--12AE AZETTLER-AZ764-1CE--12AE Datasheet
90Kb / 2P
   16 A SPDT MINIATURE POWER RELAY
AZ764-1CE-110A AZETTLER-AZ764-1CE-110A Datasheet
90Kb / 2P
   16 A SPDT MINIATURE POWER RELAY
AZ764-1CE-110AE AZETTLER-AZ764-1CE-110AE Datasheet
90Kb / 2P
   16 A SPDT MINIATURE POWER RELAY
AZ764-1CE-110D AZETTLER-AZ764-1CE-110D Datasheet
90Kb / 2P
   16 A SPDT MINIATURE POWER RELAY
AZ764-1CE-110DE AZETTLER-AZ764-1CE-110DE Datasheet
90Kb / 2P
   16 A SPDT MINIATURE POWER RELAY
More results

Similar Description - AZ764-1C-6D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ762 AZETTLER-AZ762 Datasheet
172Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ762 ZETTLER-AZ762_14 Datasheet
51Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ762 ZETTLER-AZ762 Datasheet
54Kb / 2P
   16 A SPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ762-1AE AZETTLER-AZ762-1AE Datasheet
172Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ764 AZETTLER-AZ764 Datasheet
90Kb / 2P
   16 A SPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ764 ZETTLER-AZ764 Datasheet
131Kb / 4P
   16 A SPDT MINIATURE POWER RELAY
AZ764S ZETTLER-AZ764S_12 Datasheet
82Kb / 4P
   16 A SPDT MINIATURE POWER RELAY SMT
AZ764S ZETTLER-AZ764S Datasheet
80Kb / 4P
   16 A SPDT MINIATURE POWER RELAY SMT
logo
American Zettler, Inc.
AZ762H AZETTLER-AZ762H Datasheet
171Kb / 3P
   16 A SPDT MINIATURE HIGH TEMPERATURE POWER RELAY
logo
ZETTLER Electronics
AZ763 ZETTLER-AZ763 Datasheet
207Kb / 4P
   12 A SPDT MINIATURE POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com