Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ765-1C-18D Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # AZ765-1C-18D
Description  SPST SUBMINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ765-1C-18D Datasheet(HTML) 2 Page - ZETTLER Electronics

  AZ765-1C-18D Datasheet HTML 1Page - ZETTLER Electronics AZ765-1C-18D Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2003-06-30
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
AZ765
RELAY ORDERING DATA
COIL SPECIFICATIONS
ORDER NUMBER*
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
1 Form A
1 Form C
VDC
VDC
VDC
Ohm ± 10%
32.25
6.0
20
AZ765–1A–3D
AZ765–1C–3D
53.75
9.9
55
AZ765–1A–5D
AZ765–1C–5D
64.5
12.0
80
AZ765–1A–6D
AZ765–1C–6D
96.75
18.0
180
AZ765–1A–9D
AZ765–1C–9D
12
9.0
24.0
320
AZ765–1A–12D
AZ765–1C–12D
18
13.5
36.0
720
AZ765–1A–18D
AZ765–1C–18D
24
18.0
48.0
1,280
AZ765–1A–24D
AZ765–1C–24D
*Add suffix “E” for epoxy sealed version.
MECHANICAL DATA
[1.3]
[1.4]
.051
[1.4]
.055
.055
[10.2]
.402
.150
[0.3]
.012 TYP.
[0.45]
2 x .018 SQR.
[1.0]
.039 TYP.
[18.2]
.717
.585
[14.85]
[3.8]
[12.55]
5 x ø.051
.494
[ø1.3]
[ø1.3]
4 x ø.051
[1.48]
.058
[12.7]
.100
[2.54]
.500
[7.6]
.300
.300
[7.6]
FORM C
FORM A
VIEWED TOWARD TERMINALS
FORM C
FORM A
VIEWED TOWARD TERMINALS
WIRING DIAGRAM
PC BOARD LAYOUT
54
13
54
13
2
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"


Similar Part No. - AZ765-1C-18D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ765-1A-12D AZETTLER-AZ765-1A-12D Datasheet
247Kb / 2P
   SPST SUBMINIATURE POWER RELAY
AZ765-1A-18D AZETTLER-AZ765-1A-18D Datasheet
247Kb / 2P
   SPST SUBMINIATURE POWER RELAY
AZ765-1A-24D AZETTLER-AZ765-1A-24D Datasheet
247Kb / 2P
   SPST SUBMINIATURE POWER RELAY
AZ765-1A-3D AZETTLER-AZ765-1A-3D Datasheet
247Kb / 2P
   SPST SUBMINIATURE POWER RELAY
AZ765-1A-48D AZETTLER-AZ765-1A-48D Datasheet
247Kb / 2P
   SPST SUBMINIATURE POWER RELAY
More results

Similar Description - AZ765-1C-18D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ7709 ZETTLER-AZ7709 Datasheet
490Kb / 3P
   SPST SUBMINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ765 AZETTLER-AZ765 Datasheet
247Kb / 2P
   SPST SUBMINIATURE POWER RELAY
AZ766 AZETTLER-AZ766 Datasheet
101Kb / 2P
   SPST SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ766 ZETTLER-AZ766_12 Datasheet
44Kb / 2P
   SPST SUBMINIATURE POWER RELAY
AZ766 ZETTLER-AZ766 Datasheet
46Kb / 2P
   SPST SUBMINIATURE POWER RELAY
AZ770H ZETTLER-AZ770H Datasheet
45Kb / 2P
   SPST HIGH TEMPERATURE SUBMINIATURE POWER RELAY
logo
Hongfa Technology
HF7520 HONGFA-HF7520 Datasheet
85Kb / 4P
   SUBMINIATURE POWER RELAY
HF41F HONGFA-HF41F Datasheet
79Kb / 4P
   SUBMINIATURE POWER RELAY
logo
List of Unclassifed Man...
HG4231 ETC-HG4231 Datasheet
116Kb / 2P
   Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
logo
DB Lectro Inc
HG4232 DBLECTRO-HG4232 Datasheet
60Kb / 2P
   Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com