Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMMR1S-02 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMMR1S-02
Description  SURFACE MOUNT SUPER FAST RECOVERY SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMMR1S-02 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMMR1S-02_15 Datasheet HTML 1Page - Central Semiconductor Corp CMMR1S-02_15 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMMR1S-02
SURFACE MOUNT
SUPER FAST RECOVERY
SILICON RECTIFIER
1 AMP, 200 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMMR1S-02 is a
1.0 Amp Silicon Super Fast Recovery Rectifier in the
SOD-123F surface mount package. This high quality,
well constructed, highly reliable device is designed for
use in all types of commercial, industrial, entertainment,
computer and automotive applications.
MARKING CODE: CSF02F
FEATURES:
• Small size (58% smaller than the SMA package)
• 67% lower profile than SMA
• Greatly improved power dissipation
per board area compared to the SMA
• Low Forward Voltage
• High Current
• Thermally efficient Flat Lead package design
SOD-123F CASE
MAXIMUM RATINGS: (TA=25°C unless otherwise noted) SYMBOL
UNITS
Peak Repetitive Reverse Voltage
VRRM
200
V
DC Blocking Voltage
VR
200
V
RMS Reverse Voltage
VR(RMS)
140
V
Average Forward Current (TL=110°C)
IO
1.0
A
Peak Forward Surge Current (8.3ms)
IFSM
30
A
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
180
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
TYP
MAX
UNITS
IR
VR=200V
10
µA
IR
VR=200V, TA=100°C
50
µA
VF
IF=1.0A
0.95
V
trr
IF=0.5A, IR=1.0A, Rec. to 0.25A
35
ns
CJ
VR=4.0V, f=1.0MHz
4.0
pF
R2 (25-January 2010)
www.centra lsemi.com


Similar Part No. - CMMR1S-02_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMMR1S-02 CENTRAL-CMMR1S-02_10 Datasheet
280Kb / 2P
   SURFACE MOUNT SUPER FAST RECOVERY SILICON RECTIFIER 1 AMP, 200 VOLTS
More results

Similar Description - CMMR1S-02_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMMR1U-02 CENTRAL-CMMR1U-02_15 Datasheet
281Kb / 2P
   SURFACE MOUNT SUPER FAST RECOVERY SILICON RECTIFIER
logo
Pan Jit International I...
ED1002CS PANJIT-ED1002CS_04 Datasheet
39Kb / 2P
   SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
logo
TAITRON Components Inco...
MFPU1S TAITRON-MFPU1S Datasheet
141Kb / 3P
   Surface Mount Super Fast Recovery Rectifier
logo
Microdiode Electronics ...
ES3ABF CHENDA-ES3ABF_V01 Datasheet
985Kb / 3P
   SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
ES1AF CHENDA-ES1AF_V01 Datasheet
1Mb / 3P
   SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
MER2DMB PANJIT-MER2DMB Datasheet
242Kb / 5P
   Surface Mount Super Fast Recovery Rectifier
April 21,2022 MER2DMB-REV.00
MER2DAH-AU PANJIT-MER2DAH-AU Datasheet
188Kb / 5P
   Surface Mount Super Fast Recovery Rectifier
April 21,2022 MER2DAH-AU-REV.00
logo
YENYO TECHNOLOGY Co., L...
FS2A YENYO-FS2A Datasheet
751Kb / 2P
   Surface Mount Super Fast Recovery Rectifier
logo
Microdiode Electronics ...
ES3ABG CHENDA-ES3ABG_V01 Datasheet
1Mb / 3P
   SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
MSR2DAFC PANJIT-MSR2DAFC Datasheet
350Kb / 5P
   Surface Mount Super Fast Recovery Rectifier
March 30,2021 MSR2DAFC-REV.00
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com