Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ822 Datasheet(PDF) 1 Page - ZETTLER Electronics

Part # AZ822
Description  SUBMINIATURE DIP RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ822 Datasheet(HTML) 1 Page - ZETTLER Electronics

  AZ822_14 Datasheet HTML 1Page - ZETTLER Electronics AZ822_14 Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CONTACTS
Arrangement
DPDT (2 Form C)
Bifurcated crossbar contacts
Ratings
Resistive load:
Max. switched power:
60 W or 125 VA
Max. switched current:
2 A
Max. switched voltage: 220 VDC* or 250 VAC
*
Note: If switching voltage is greater than 30 VDC,
special precautions must be taken.
Please contact the factory.
Rated Load
UL, CUR
1.0 A at 24 VDC
0.5 A at 120 VAC
Material
Silver palladium, gold clad
Resistance
< 50 milliohms initially
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 108
Electrical
5 x 105 at 1 A 30 VDC
(see table for additional figures)
Operate Time (typical)
5 ms at nominal coil voltage
Release Time (typical)
2 ms at nominal coil voltage
(with no coil suppression)
Capacitance
Contact to contact: 1.2 pF
Contact set to contact set: 1.6 pF
Contact to coil: 1.5 pF
Bounce
At 10 mA contact current
(typical)
2 ms at operate N.O. side
3 ms at operate N.C. side
Dielectric Strength
1000 Vrms contact to coil
(at sea level for 1 min.) 1000 Vrms contact to contact
1000 Vrms between contact sets
Insulation Resistance
1000 megohms min. at 20°C, 500 VDC,
50% RH
Dropout
Greater than 5% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
-55°C (-67°F) to 90°C (194°F)
Vibration
0.062" (1.5 mm) DA at 10–55 Hz
Shock
20 g
Enclosure
P.B.T. polyester (UL94 V-0)
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
4.5 grams
Packing unit in pcs
20 per plastic tube / 1000 per carton box
AZ822
-
A ZETTLER
Company
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
GROUP
GROUP
2014-06-17
SUBMINIATURE
DIP RELAY
FEATURES
• Low profile for compact board spacing
• DC coils to 48 VDC
• Life expectancy to 10 million operations
• Standard PC 0.1" grid terminal spacing
• Fits standard 16 pin IC socket
• Minimum switching load 10 mV, 10 µA
• Epoxy sealed
• Meets FCC Part 68.302 1500 V lightning surge
• Meets FCC Part 68.304 1000 V dielectric
• UL, CUR file E43203
COIL
Power
At Pickup Voltage
74 mW 3 - 12 V coils
(typical)
98 mW 15 - 24 V coils
147 mW 48 V coils
Max. Continuous
0.94 W at 20°C (68°F)
Dissipation
Temperature Rise
15°C (27°F) at nominal coil voltage
Temperature
Max. 105°C (221°F)
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Relay adjustment may be affected if undue pressure is exerted
on relay case.
4. Specifications subject to change without notice.


Similar Part No. - AZ822_14

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ822-2C-12DE AZETTLER-AZ822-2C-12DE Datasheet
81Kb / 2P
   SUBMINIATURE DIP RELAY
logo
ZETTLER Electronics
AZ822-2C-12DSE ZETTLER-AZ822-2C-12DSE Datasheet
52Kb / 2P
   SUBMINIATURE DIP RELAY
logo
American Zettler, Inc.
AZ822-2C-12DSE AZETTLER-AZ822-2C-12DSE Datasheet
81Kb / 2P
   SUBMINIATURE DIP RELAY
logo
ZETTLER Electronics
AZ822-2C-18DSE ZETTLER-AZ822-2C-18DSE Datasheet
52Kb / 2P
   SUBMINIATURE DIP RELAY
logo
American Zettler, Inc.
AZ822-2C-18DSE AZETTLER-AZ822-2C-18DSE Datasheet
81Kb / 2P
   SUBMINIATURE DIP RELAY
More results

Similar Description - AZ822_14

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ822 AZETTLER-AZ822 Datasheet
81Kb / 2P
   SUBMINIATURE DIP RELAY
logo
List of Unclassifed Man...
JRC-27F ETC1-JRC-27F Datasheet
112Kb / 3P
   SUBMINIATURE DIP RELAY
HFD27 ETC2-HFD27 Datasheet
59Kb / 3P
   SUBMINIATURE DIP RELAY
logo
Hongfa Technology
HFD27 HONGFA-HFD27 Datasheet
58Kb / 3P
   SUBMINIATURE DIP RELAY
HFD2 HONGFA-HFD2 Datasheet
67Kb / 4P
   SUBMINIATURE DIP RELAY
logo
List of Unclassifed Man...
HFD2 ETC-HFD2 Datasheet
41Kb / 3P
   SUBMINIATURE DIP RELAY
logo
American Zettler, Inc.
AZ820 AZETTLER-AZ820 Datasheet
82Kb / 2P
   SUBMINIATURE DIP RELAY
logo
List of Unclassifed Man...
AZ821 ETC2-AZ821_05 Datasheet
88Kb / 2P
   SUBMINIATURE DIP RELAY
logo
EVER-WAY INDUSTRY COMPA...
HK19F EVER-WAY-HK19F Datasheet
239Kb / 3P
   SUBMINIATURE DIP RELAY
logo
List of Unclassifed Man...
AZ821 ETC-AZ821 Datasheet
61Kb / 2P
   SUBMINIATURE DIP RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com