Electronic Components Datasheet Search |
|
AZ764-1A-230A Datasheet(PDF) 2 Page - ZETTLER Electronics |
|
AZ764-1A-230A Datasheet(HTML) 2 Page - ZETTLER Electronics |
2 / 4 page AZ764 COIL SPECIFICATIONS - AC COIL ORDER NUMBER* Nominal Coil Must Operate Max. Continuous Nominal Current Coil Resistance 1 Form A 1 Form C VAC VAC VAC mA ± 10% Ohm ± 10% 12 9.0 18.0 63.0 100 AZ764–1A–12A AZ764–1C–12A 24 18.0 36.0 31.3 400 AZ764–1A–24A AZ764–1C–24A 48 36.0 72.0 15.6 1,550 AZ764–1A–48A AZ764–1C–48A 60 45.0 90.0 12.5 2,600 AZ764–1A–60A AZ764–1C–60A 110 82.5 165.0 6.8 8,900 AZ764–1A–110A AZ764–1C–110A 115 86.3 172.5 6.5 9,600 AZ764–1A–115A AZ764–1C–115A 120 90.0 180.0 6.3 10,200 AZ764–1A–120A AZ764–1C–120A 220 165.0 330.0 3.4 35,500 AZ764–1A–220A AZ764–1C–220A 230 172.5 345.0 3.3 38,500 AZ764–1A–230A AZ764–1C–230A 240 180.0 360.0 3.1 42,500 AZ764–1A–240A AZ764–1C–240A RELAY ORDERING DATA COIL SPECIFICATIONS - DC COIL ORDER NUMBER* Nominal Coil Must Operate Max. Continuous Coil Resistance 1 Form A 1 Form C VDC VDC VDC Ohm ± 10% 3 2.1 7.6 22 AZ764–1A–3D AZ764–1C–3D 5 3.5 12.7 60 AZ764–1A–5D AZ764–1C–5D 6 4.2 15.3 90 AZ764–1A–6D AZ764–1C–6D 9 6.3 22.9 200 AZ764–1A–9D AZ764–1C–9D 12 8.4 30.6 360 AZ764–1A–12D AZ764–1C–12D 18 12.6 45.9 710 AZ764–1A–18D AZ764–1C–18D 24 16.8 61.2 1,440 AZ764–1A–24D AZ764–1C–24D 36 25.2 92.0 3,140 AZ764–1A–36D AZ764–1C–36D 48 33.6 122.0 5,700 AZ764–1A–48D AZ764–1C–48D 60 42.0 153.0 7,500 AZ764–1A–60D AZ764–1C–60D 110 77.0 280.0 25,200 AZ764–1A–110D AZ764–1C–110D B A 0 IN= 16 A 10 20 30 40 50 60 70 80 90 100 0,6 0,8 1,0 1,2 1,4 1,6 1,8 2,0 2,2 2,4 2,6 2,8 3,0 1 2 3 1 - no load on contacts 2 - half of rated load on contacts 3 - rated load on contacts DC - Coil operating range A - Cold coil ( Tcoil = Tambient) B - Hot coil (1,1 x UN), contact load = IN Ambient temperature [°C] 0 10 203040 5060 708090 100 0,6 0,8 1,0 1,2 1,4 1,6 1,8 2,0 2,2 2,4 2,6 2,8 3,0 1 - no load on contacts 3 - rated load on contacts AC - Coil operating range B - Hot coil (1,1 x UN), contact load = IN Ambient temperature [°C] IN= 16 A B 1 3 * “1A” or “1C” denote silver nickel contacts. Substitute “1AE” or “1CE” in place of “1A” or “1C” for silver tin oxide contacts. Substitute “1AT” in place of “1A” for high inrush 80A silver tin oxide contacts. (DC coils only) Add suffix “E” at the end of order number for sealed version. ZETTLER electronics GmbH Junkersstr. 3, D-82178 Puchheim, Germany phone: +49 89 800 97-0 fax: +49 89 800 97-200 office@ZETTLERelectronics.com www.ZETTLERelectronics.com This product specification to be used only together with the application notes which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf 2013-02-26 |
Similar Part No. - AZ764-1A-230A |
|
Similar Description - AZ764-1A-230A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |