Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ742S-2C-120A Datasheet(PDF) 1 Page - ZETTLER Electronics

Part # AZ742S-2C-120A
Description  8 A DPDT MINIATURE POWER RELAY SMT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ742S-2C-120A Datasheet(HTML) 1 Page - ZETTLER Electronics

  AZ742S-2C-120A Datasheet HTML 1Page - ZETTLER Electronics AZ742S-2C-120A Datasheet HTML 2Page - ZETTLER Electronics AZ742S-2C-120A Datasheet HTML 3Page - ZETTLER Electronics AZ742S-2C-120A Datasheet HTML 4Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
3 x 107
Electrical
1 x 105 at 8 A 250 VAC res.
Operate Time (typical)
7 ms at nominal coil voltage
Release Time (typical)
3 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
5000 Vrms coil to contact
(at sea level for 1 min.) 2500 Vrms between contact sets
1000 Vrms between open contacts
Insulation
105 megohms min. at 500 VDC,
Resistance
20°C, 50% RH
Insulation
B250 at 2 Form C
(according to
C250 at 2 Form A
DIN VDE 0110,
Overvoltage category: III
IEC 60664-1)
Pollution degree: 3
Nominal voltage: 250 VAC
Dropout DC coils
Greater than 10% of nominal coil voltage
AC coils
Greater than 15% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 85°C (185°F) - DC coils
-40°C (-40°F) to 70°C (158°F) - AC coils
Storage
-40°C (-40°F) to 105°C (221°F)
Vibration
Break contacts: 5 g at 20…500 Hz
Make contacts: 20 g at 30…500 Hz
Shock
20 g
Enclosure
P.B.T. polyester, UL-94 : V0
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
see soldering profile
Weight
14 grams
Packing unit in pcs
20 per carton tube / 1000 per carton box
AZ742S
8 A DPDT MINIATURE
POWER RELAY SMT
FEATURES
• Dielectric strength 5000 Vrms
• Low height: 15.7 mm
• AC and DC coils
• Flux proof version
• Isolation spacing greater than 10 mm
• Proof tracking index (PTI/CTI) 250
• Reinforced insulation, EN 60730-1 (VDE 0631, part 1)
EN 60335-1 (VDE 0700, part 1)
• UL, CUR file E43203
• VDE certificate 40012572
CONTACTS
Arrangement
DPDT (2 Form C)
DPST (2 Form A)
Ratings
Resistive load:
Max. switched power:
2 X 240 W or 2000 VA
Max. switched current: 2 X 8 A
Max. switched voltage: 300 VDC* or 400 VAC
*
Note: If switching voltage is greater than 30 VDC,
special precautions must be taken.
Please contact the factory.
Rated Load
UL, CUR
8 A at 250 VAC General Use
VDE
8 A at 250 VAC
Material
Silver nickel, silver nickel gold plated
or silver tin oxide
Resistance
< 100 milliohms initially
COIL
Power
At Pickup Voltage
200 mW (DC coil)
(typical)
.422 VA (AC coil)
Max. Continuous
1.7 W at 20°C (68°F) ambient
Dissipation
1.7 VA at 20°C (68°F) ambient
Temperature Rise
26°C (47°F) at nominal coil voltage
Max. Temperature
155°C (311°F) Class F
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
2012-03-22


Similar Part No. - AZ742S-2C-120A

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ742S-2C-120A ZETTLER-AZ742S-2C-120A Datasheet
84Kb / 4P
   8 A DPDT MINIATURE POWER RELAY SMT
More results

Similar Description - AZ742S-2C-120A

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ742S ZETTLER-AZ742S Datasheet
84Kb / 4P
   8 A DPDT MINIATURE POWER RELAY SMT
AZ742 ZETTLER-AZ742 Datasheet
182Kb / 4P
   8 A DPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ742 AZETTLER-AZ742 Datasheet
91Kb / 2P
   8 A DPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ742 ZETTLER-AZ742_12 Datasheet
99Kb / 4P
   10 A DPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ733 AZETTLER-AZ733 Datasheet
117Kb / 2P
   DPDT MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ733 ETC-AZ733 Datasheet
85Kb / 2P
   DPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ733 ZETTLER-AZ733 Datasheet
47Kb / 2P
   DPDT MINIATURE POWER RELAY
logo
Picker Components
PC459 PICKER-PC459_14 Datasheet
195Kb / 2P
   DPDT Miniature PCB Power Relay
PC459 PICKER-PC459 Datasheet
183Kb / 2P
   DPDT Miniature PCB Power Relay
logo
ZETTLER Electronics
AZ743 ZETTLER-AZ743 Datasheet
52Kb / 2P
   10 AMP DPDT MINIATURE POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com