Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ763L-1C-115A Datasheet(PDF) 1 Page - ZETTLER Electronics

Part # AZ763L-1C-115A
Description  12 A SPDT MINIATURE POWER RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ763L-1C-115A Datasheet(HTML) 1 Page - ZETTLER Electronics

  AZ763L-1C-115A Datasheet HTML 1Page - ZETTLER Electronics AZ763L-1C-115A Datasheet HTML 2Page - ZETTLER Electronics AZ763L-1C-115A Datasheet HTML 3Page - ZETTLER Electronics AZ763L-1C-115A Datasheet HTML 4Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
3 x 107
Electrical
1 x 105 at 12 A 250 VAC res.
Operate Time (typical)
7 ms at nominal coil voltage
Release Time (typical)
3 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
5000 Vrms coil to contact
(at sea level for 1 min.) 1000 Vrms between open contacts
Insulation
105 megohms min. at 500 VDC,
Resistance
20°C, 50% RH
Insulation
B250 at 1 Form C, flux proof version
(according to
C250 at other relay versions
DIN VDE 0110,
Overvoltage category: III
IEC 60664-1)
Pollution degree: 3
Nominal voltage: 250 VAC
Dropout DC coils
Greater than 10% of nominal coil voltage
AC coils
Greater than 15% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 85°C (185°F) - DC coils
-40°C (-40°F) to 70°C (158°F) - AC coils
Vibration
Break contacts: 5 g at 20…500 Hz
Make contacts: 20 g at 30…500 Hz
Shock
20 g
Enclosure
P.B.T. polyester, UL-94 : V0
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
14 grams
Packing unit in pcs
20 per carton tube / 1000 per carton box
AZ763
12 A SPDT MINIATURE
POWER RELAY
FEATURES
• Dielectric strength 5000 Vrms
• Low height: 15.7 mm
• Epoxy sealed version available
• 12 Amp switching
• AC and DC coils
• Isolation spacing greater than 10 mm
• Proof tracking index (PTI/CTI) 250
• Reinforced insulation, EN 60730-1 (VDE 0631, part 1)
EN 60335-1 (VDE 0700, part 1)
• UL, CUR file E43203
• VDE certificate 40012572
COIL
Power
At Pickup Voltage
200 mW (DC coil)
(typical)
.422 VA (AC coil)
Max. Continuous
1.7 W at 20°C (68°F) ambient
Dissipation
1.7 VA at 20°C (68°F) ambient
Temperature Rise
26°C (47°F) at nominal coil voltage
Max. Temperature
155°C (311°F) Class F
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.
CONTACTS
Arrangement
SPDT (1 Form C)
SPST (1 Form A)
Ratings
Resistive load:
Max. switched power:
360 W or 3000 VA
Max. switched current: 12 A
Max. switched voltage: 300 VDC* or 400 VAC
* Note:
If switching voltage is greater than 30 VDC,
special precautions must be taken.
Please contact the factory.
Rated Load
UL, CUR
VDE
12 A at 250 VAC, General use [1][2]
1 Form A - DC coil
12 A at 250 VAC, 50k cycles, 85°C [1]
12 A at 250 VAC, 10k cycles, 85°C [2]
1 Form A - AC coil
12 A at 250 VAC, 60k cycles, 70°C [1][2]
1 Form C - DC coil
12 A at 250 VAC, 50k cycles, 85°C [1]
12 A at 250 VAC, 10k cylces, 85°C [2]
1 Form C - AC coil
12 A at 250 VAC, 60k cycles, 70°C [1]
12 A at 250 VAC, 10k cycles, 70°C [2]
Material
Silver nickel [1], silver tin oxide [2]
gold plating available
Resistance
< 100 miliohms initially
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
2013-02-26


Similar Part No. - AZ763L-1C-115A

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ763L-1C-115A ZETTLER-AZ763L-1C-115A Datasheet
207Kb / 4P
   12 A SPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ763L-1C-115A AZETTLER-AZ763L-1C-115A Datasheet
104Kb / 2P
   12 A SPDT MINIATURE POWER RELAY
AZ763L-1C-115AE AZETTLER-AZ763L-1C-115AE Datasheet
104Kb / 2P
   12 A SPDT MINIATURE POWER RELAY
More results

Similar Description - AZ763L-1C-115A

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ763 ZETTLER-AZ763 Datasheet
207Kb / 4P
   12 A SPDT MINIATURE POWER RELAY
AZ761 ZETTLER-AZ761_14 Datasheet
56Kb / 3P
   12 A SPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ761 AZETTLER-AZ761 Datasheet
162Kb / 3P
   12 A SPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ761 ZETTLER-AZ761 Datasheet
56Kb / 2P
   12 A SPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ763 AZETTLER-AZ763 Datasheet
104Kb / 2P
   12 A SPDT MINIATURE POWER RELAY
AZ762 AZETTLER-AZ762 Datasheet
172Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ762P AZETTLER-AZ762P Datasheet
1Mb / 3P
   20 A SPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ762 ZETTLER-AZ762_14 Datasheet
51Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ764 ZETTLER-AZ764_13 Datasheet
99Kb / 4P
   16 A SPDT MINIATURE POWER RELAY
AZ762 ZETTLER-AZ762 Datasheet
54Kb / 2P
   16 A SPDT MINIATURE POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com