Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V14MLA0805 Datasheet(PDF) 7 Page - Littelfuse

Part # V14MLA0805
Description  Multilayer Transient Voltage Surge Suppressors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V14MLA0805 Datasheet(HTML) 7 Page - Littelfuse

Back Button V14MLA0805 Datasheet HTML 3Page - Littelfuse V14MLA0805 Datasheet HTML 4Page - Littelfuse V14MLA0805 Datasheet HTML 5Page - Littelfuse V14MLA0805 Datasheet HTML 6Page - Littelfuse V14MLA0805 Datasheet HTML 7Page - Littelfuse V14MLA0805 Datasheet HTML 8Page - Littelfuse V14MLA0805 Datasheet HTML 9Page - Littelfuse V14MLA0805 Datasheet HTML 10Page - Littelfuse V14MLA0805 Datasheet HTML 11Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Multilayer Transient Voltage Surge Suppressors
ML Varistor Series
Surface Mount Varistors
146
www .littelfuse .com
Device Characteristics
At low current levels, the V-I curve of the multilayer transient voltage
suppressor approaches a linear (ohmic) relationship and shows a
temperature dependent effect (Figure 10). At or below the maximum
working voltage, the suppressor is in a high resistance mode (approach-
ing 106
Ω at its maximum rated working voltage). Leakage currents at
maximum rated voltage are below 50µA, typically 25µA; for 0402 size
below 10µA, typically 5µA.
Speed of Response
The Multilayer Suppressor is a leadless device. Its response time is not
limited by the parasitic lead inductances found in other surface mount
packages. The response time of the Zinc Oxide dielectric material is less
than 1 nanosecond and the ML can clamp very fast dV/dT events such
as ESD. Additionally, in “real world” applications, the associated circuit
wiring is often the greatest factor effecting speed of response. Therefore,
transient suppressor placement within a circuit can be considered
important in certain instances.
100%
1E-9
1E-8
SUPPRESSOR CURRENT (ADC)
10%
1E-7
1E-6
1E-5
1E-4
1E-3
1E-2
25
50
75
100
125oC
FIGURE 10. TYPICAL TEMPERATURE DEPENDANCE OF THE CHARACTERISTIC
CURVE IN THE LEAKAGE REGION
o
o
o
o
GRAINS
DEPLETION
FIRED CERAMIC
DIELECTRIC
REGION
METAL
ELECTRODES
DEPLETION
REGION
METAL END
TERMINATION
FIGURE 11. MULTILAYER INTERNAL CONSTRUCTION
Energy Absorption/Peak Current Capability
Energy dissipated within the ML is calculated by multiplying the clamping
voltage, transient current and transient duration. An important advantage
of the multilayer is its interdigitated electrode construction within the mass
of dielectric material. This results in excellent current distribution and the
peak temperature per energy absorbed is very low. The matrix of semicon-
ducting grains combine to absorb and distribute transient energy (heat)
(Figure 11). This dramatically reduces peak temperature; thermal stresses
and enhances device reliability.
As a measure of the device capability in energy and peak current
handling, the V26MLA1206A part was tested with multiple pulses at its
peak current rating (150A, 8/20µs). At the end of the test, 10,000 pulses
later, the device voltage characteristics are still well within specification
(Figure 13).
100
10
20
V26MLA1206
40
60
80
100
120
140
TEMPERATURE (oC)
V5.5MLA1206
0
-20
-40
-60
FIGURE 12. CLAMPING VOLTAGE OVER TEMPERATURE
(VC AT 10A)
100
10
0
V26MLA1206
2000
4000
6000
8000
10000
12000
NUMBER OF PULSES
FIGURE 13.
REPETITIVE PULSE CAPABILITY
PEAK CURRENT = 150A
8/20
µs DURATION, 30s BETWEEN PULSES
Next
Previous


Similar Part No. - V14MLA0805

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V14MLA0805H LITTELFUSE-V14MLA0805H Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors
V14MLA0805LH LITTELFUSE-V14MLA0805LH Datasheet
875Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V14MLA0805LN LITTELFUSE-V14MLA0805LN Datasheet
466Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > ML Series
V14MLA0805LN LITTELFUSE-V14MLA0805LN Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Series
V14MLA0805LN LITTELFUSE-V14MLA0805LN Datasheet
466Kb / 8P
   Varistor Products
More results

Similar Description - V14MLA0805

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
logo
Littelfuse
AUML LITTELFUSE-AUML Datasheet
431Kb / 9P
   Multilayer Transient Voltage Surge Suppressor
V18AUMLA1206 LITTELFUSE-V18AUMLA1206_06 Datasheet
1Mb / 9P
   Multilayer Transient Voltage Surge Suppressor
logo
AVX Corporation
VC120630D650DP AVX-VC120630D650DP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120631M650RP AVX-VC120631M650RP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120605D150RP AVX-VC120605D150RP Datasheet
418Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120605D150DP AVX-VC120605D150DP Datasheet
518Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VCH4AG100R8MATWA AVX-VCH4AG100R8MATWA Datasheet
235Kb / 2P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080518C400DP AVX-VC080518C400DP Datasheet
206Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com