Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ830-2C-12DSE Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # AZ830-2C-12DSE
Description  POLARIZED DIP RELAY SINGLE SIDE STABLE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ830-2C-12DSE Datasheet(HTML) 2 Page - ZETTLER Electronics

  AZ830-2C-12DSE Datasheet HTML 1Page - ZETTLER Electronics AZ830-2C-12DSE Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL CONTACT LIFE EXPECTANCY
NUMBER OF OPERATIONS
VOLTAGE
POWER
RESISTIVE
INDUCTIVE
LOAD
LOAD
50 mV
50 µW
5x 107
5 x 107
30 VDC
60 W
5 x 105
15 x 104
30 VDC
40 W
1 x 106
3 x 105
30 VDC
20 W
3 x 106
1 x 106
60 VDC
60 W
5 x 105
60 VDC
40 W
1 x 106
60 VDC
20 W
3 x 106
30 VAC
120 VA
5 x 105
15 x 104
30 VAC
80 VA
1 x 106
3 x 105
30 VAC
40 VA
3 x 106
1 x 106
60 VAC
120 VA
5 x 105
15 x 104
60 VAC
80 VA
1 x 106
3 x 105
60 VAC
40 VA
3 x 106
1 x 106
125 VAC
125 VA
5 x 105
15 x 104
125 VAC
80 VA
1 x 106
3 x 105
125 VAC
40 VA
3 x 106
1 x 106
RELAY ORDERING DATA
STANDARD COIL
COIL SPECIFICATIONS
Nominal
Max.
Coil
Must
Coil
Continuous Resistance
Operate
ORDER NUMBER*
VDC
VDC
± 10%
VDC
57.5
62.5
3.5
AZ830–2C–5DE
69.0
90
4.2
AZ830–2C–6DE
12
18.0
360
8.4
AZ830–2C–12DE
24
36.0
1440
16.8
AZ830–2C–24DE
48
72.0
5760
33.6
AZ830–2C–48DE
SENSITIVE RELAYS
511.0
125
3.5
AZ830–2C–5DSE
613.0
180
4.2
AZ830–2C–6DSE
12
26.0
720
8.4
AZ830–2C–12DSE
24
53.0
2880
16.8
AZ830–2C–24DSE
48
106.0
11520
33.6
AZ830–2C–48DSE
* Add suffix “R” to indicate reversed polarity.
AZ830
ZETTLER electronics GmbH
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
MECHANICAL DATA
.788
(20.0)
.044
(1.1)
.138
(3.5)
.015
(0.38)
.386
(9.8)
.300
(7.61)
.200
(5.07)
.200
(5.07)
.390
(9.9)
(.024 ± .005)
(0.6 ± 0.13)
TYP
.012 ± .005
(0.3 ± 0.13)
TYP





0.1
(2.54)
.044
(1.1) REF
.044
(1.1) REF
0.03 DIA
(0.8)
(8 HOLES)
1
16
4
13
6
11
8
9
+

Maximum Switching Capacity

.2
.3
.4
.5
.6
.7
.8
.9

2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0




Coil Temperature Rise



























Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
NOTES: 1. Relays operated at nominal coil voltage.
2. Inductive load tests are at 0.7 power factor.
3. Table represents typical life figures and are not
guaranteed minimums.
Discontinuation Notice
Discontinuation date:
31.12.2012
Date of last order:
30.06.2012
Recommended replacement:
AZ832


Similar Part No. - AZ830-2C-12DSE

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ830-2C-12DSE ZETTLER-AZ830-2C-12DSE Datasheet
58Kb / 2P
   POLARIZED DIP RELAY SINGLE SIDE STABLE
logo
American Zettler, Inc.
AZ830-2C-12DSE AZETTLER-AZ830-2C-12DSE Datasheet
92Kb / 2P
   POLARIZED DIP RELAY SINGLE SIDE STABLE
More results

Similar Description - AZ830-2C-12DSE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ832 ETC1-AZ832 Datasheet
55Kb / 2P
   POLARIZED DIP RELAY SINGLE SIDE STABLE
logo
ZETTLER Electronics
AZ832 ZETTLER-AZ832 Datasheet
46Kb / 2P
   POLARIZED DIP RELAY SINGLE SIDE STABLE
AZ830 ZETTLER-AZ830 Datasheet
58Kb / 2P
   POLARIZED DIP RELAY SINGLE SIDE STABLE
logo
American Zettler, Inc.
AZ832 AZETTLER-AZ832 Datasheet
228Kb / 3P
   POLARIZED DIP RELAY SINGLE SIDE STABLE
AZ830 AZETTLER-AZ830 Datasheet
92Kb / 2P
   POLARIZED DIP RELAY SINGLE SIDE STABLE
logo
ZETTLER Electronics
AZ832P ZETTLER-AZ832P Datasheet
50Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
List of Unclassifed Man...
AZ832P ETC1-AZ832P Datasheet
52Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
American Zettler, Inc.
AZ830P AZETTLER-AZ830P Datasheet
89Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ832P AZETTLER-AZ832P Datasheet
126Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
ZETTLER Electronics
AZ830P ZETTLER-AZ830P_13 Datasheet
137Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com