Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ833P2-5DE Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # AZ833P2-5DE
Description  MICROMINIATURE POLARIZED LATCHING RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ833P2-5DE Datasheet(HTML) 2 Page - ZETTLER Electronics

  AZ833P2-5DE Datasheet HTML 1Page - ZETTLER Electronics AZ833P2-5DE Datasheet HTML 2Page - ZETTLER Electronics AZ833P2-5DE Datasheet HTML 3Page - ZETTLER Electronics AZ833P2-5DE Datasheet HTML 4Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
STANDARD RELAYS: Bistable, 1 coil
Order Number
Nominal Coil
Set / Reset
Max. Continuous
Coil Resistance
THT
SMT
SMT
VDC
VDC
VDC
Ohm ± 10%
Through Hole
Long
Short
32.25
9.2
128
AZ833P1–3DE
AZ833P1S1–3DE
AZ833P1S2–3DE
4.5
3.38
13.8
289
AZ833P1–4.5DE
AZ833P1S1–4.5DE
AZ833P1S2–4.5DE
53.75
15.3
357
AZ833P1–5DE
AZ833P1S1–5DE
AZ833P1S2–5DE
64.50
18.5
514
AZ833P1–6DE
AZ833P1S1–6DE
AZ833P1S2–6DE
96.75
27.7
1,157
AZ833P1–9DE
AZ833P1S1–9DE
AZ833P1S2–9DE
12
9.00
37.0
2,057
AZ833P1–12DE
AZ833P1S1–12DE
AZ833P1S2–12DE
24
18.00
74.0
8,228
AZ833P1–24DE
AZ833P1S1–24DE
AZ833P1S2–24DE
2010-07-07
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
AZ833P
RELAY ORDERING DATA
COIL SPECIFICATIONS
STANDARD RELAYS: Bistable, 2 coils
Order Number
Nominal Coil
Set / Reset
Max. Continuous
Coil Resistance
THT
SMT
SMT
VDC
VDC
VDC
Ohm ± 10%
Through Hole
Long
Short
32.25
6.5
64.3
AZ833P2–3DE
AZ833P2S1–3DE
AZ833P2S2–3DE
4.5
3.38
9.8
145
AZ833P2–4.5DE
AZ833P2S1–4.5DE
AZ833P2S2–4.5DE
53.75
10.9
178
AZ833P2–5DE
AZ833P2S1–5DE
AZ833P2S2–5DE
64.50
13.0
257
AZ833P2–6DE
AZ833P2S1–6DE
AZ833P2S2–6DE
96.75
19.6
578
AZ833P2–9DE
AZ833P2S1–9DE
AZ833P2S2–9DE
12
9.00
26.2
1,029
AZ833P2–12DE
AZ833P2S1–12DE
AZ833P2S2–12DE
24
18.00
52.3
4,114
AZ833P2–24DE
AZ833P2S1–24DE
AZ833P2S2–24DE
* For 1 coil version only
LOAD LIMIT CURVE
RECOMMENDED SOLDERING PROFILE
V
Convection Soldering
INITIAL DIELECTRIC STRENGTH (minimum)
Vrms 1 min.
Surge peak (V) according to
IEC 60950 (10/700 µs) and
Telecordia TR-NWT-001089 (2/10 µs)
Between open contacts
1,000
2,500
Between contact set
1,000
2,500
Between coil and contacts
1,500
2,500*
Discontinuation Notice
Discontinuation date:
31.12.2012
Date of last order:
30.06.2012
Recommended replacement:
AZ8462


Similar Part No. - AZ833P2-5DE

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ833P2-5DE ZETTLER-AZ833P2-5DE Datasheet
265Kb / 4P
   MICROMINIATURE POLARIZED LATCHING RELAY
More results

Similar Description - AZ833P2-5DE

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ833P ZETTLER-AZ833P Datasheet
265Kb / 4P
   MICROMINIATURE POLARIZED LATCHING RELAY
AZ956P ZETTLER-AZ956P Datasheet
154Kb / 2P
   MICROMINIATURE POLARIZED BISTABLE (LATCHING) RELAY
logo
American Zettler, Inc.
AZ956P AZETTLER-AZ956P Datasheet
94Kb / 2P
   MICROMINIATURE POLARIZED BISTABLE (LATCHING) RELAY
AZ8463 AZETTLER-AZ8463 Datasheet
147Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ956 ZETTLER-AZ956 Datasheet
147Kb / 2P
   MICROMINIATURE POLARIZED RELAY
logo
American Zettler, Inc.
AZ852 AZETTLER-AZ852 Datasheet
230Kb / 3P
   MICROMINIATURE POLARIZED RELAY
AZ846 AZETTLER-AZ846 Datasheet
80Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ851 AZETTLER-AZ851 Datasheet
109Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ851 ZETTLER-AZ851_14 Datasheet
64Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
American Zettler, Inc.
AZ956 AZETTLER-AZ956 Datasheet
92Kb / 2P
   MICROMINIATURE POLARIZED RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com