Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ851 Datasheet(PDF) 1 Page - ZETTLER Electronics

Part # AZ851
Description  MICROMINIATURE POLARIZED RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ851 Datasheet(HTML) 1 Page - ZETTLER Electronics

  AZ851 Datasheet HTML 1Page - ZETTLER Electronics AZ851 Datasheet HTML 2Page - ZETTLER Electronics AZ851 Datasheet HTML 3Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NOTES
1. All values at 20°C (68°F).
2. Relay has fixed coil polarity.
3. Relay may pull in with less than “Must Operate” value.
4. Relay adjustment may be affected if undue pressure is exerted
on relay case.
5. For complete isolation between the relay’s magnetic fields, it is
recommended that a .197" (5.0 mm) space be provided between
adjacent relays.
6. Specifications subject to change without notice.
7. Ultrasonic cleaning is not recommended.
-
A ZETTLER
Company
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
GROUP
GROUP
AZ851
MICROMINIATURE
POLARIZED RELAY
FEATURES
• Microminiature size: Height: .244 inches (6.2 mm);
Length: .559 inches (14.2 mm); Width: .366 inches (9.3 mm)
• High sensitivity, 79 mW pickup
• Meets FCC Part 68.302 1500 V lightning surge
• Surface mount type with “L” shaped terminals
• Monostable
• Minimum switching load 10 mV, 10 µA
• Epoxy sealed
• UL, CUR file E43203
CONTACTS
Arrangement
DPDT (2 Form C)
Bifurcated crossbar contacts
Ratings
Resistive load:
Max. switched power: 30 W or 62.5 VA
Max. switched current: 1 A
Max. switched voltage: 220 VDC* or 250 VAC
Max. carry current:
2 A
*
Note: If switching voltage is greater than 30 VDC,
special precautions must be taken.
Please contact the factory.
Rated Load
UL, CUR
1 A at 30 VDC resistive
0.5 A at 125 VAC resistive
Material
Silver palladium, gold clad
Resistance
< 50 milliohms initially
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 108
Electrical
2 x 105 at 1 A, 30 VDC resistive
1 x 105 at 0.5 A, 125 VAC resistive
Operate Time (typical)
2 ms at nominal coil voltage
Release Time (typical)
1 ms at nominal coil voltage
(with no coil suppression)
Set Time
2 ms at nominal coil voltage (typical)
(bistable versions)
Recommended coil pulse: 20 ms
Reset Time
2 ms at nominal coil voltage (typical)
(bistable versions)
Recommended coil pulse: 20 ms
Dropout
Greater than 10% of nominal coil voltage
Capacitance
Contact to contact: 0.4 pF
Contact set to contact set: 0.2 pF
Contact to coil: 0.9 pF
Dielectric Strength
1000 Vrms between contact sets
(at sea level)
1000 Vrms across contacts
1000 Vrms contact to coil
Meets FCC part 68.302 1500 V lightning
surge
Insulation Resistance
1000 megohms min. at 25°C, 500 VDC,
50% RH
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 85°C (185°F)
Vibration
.130" (3.3 mm) DA at 10–55 Hz
Shock
50 g
Enclosure
LCP
Terminals
Tinned copper alloy, P.C.
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
1.5 grams
Packing unit in pcs
25 per plastic tube / 1000 per carton box
(TR Tape & Reel)
500 per reel
COIL (Polarized)
Power
At Pickup Voltage
79–169 mW
(typical)
Max. Continuous
875 mW at 20°C (68°F) ambient
Dissipation
Temperature Rise
18°C (32°F) at nominal coil voltage
Temperature
Max. 105°C (221°F)
2014-08-06


Similar Part No. - AZ851

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ851 ZETTLER-AZ851 Datasheet
70Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
American Zettler, Inc.
AZ851 AZETTLER-AZ851 Datasheet
109Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ851-12 ZETTLER-AZ851-12 Datasheet
70Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
American Zettler, Inc.
AZ851-12 AZETTLER-AZ851-12 Datasheet
109Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ851-24 ZETTLER-AZ851-24 Datasheet
70Kb / 3P
   MICROMINIATURE POLARIZED RELAY
More results

Similar Description - AZ851

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ8463 AZETTLER-AZ8463 Datasheet
147Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ956 ZETTLER-AZ956 Datasheet
147Kb / 2P
   MICROMINIATURE POLARIZED RELAY
logo
American Zettler, Inc.
AZ852 AZETTLER-AZ852 Datasheet
230Kb / 3P
   MICROMINIATURE POLARIZED RELAY
AZ846 AZETTLER-AZ846 Datasheet
80Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ851 AZETTLER-AZ851 Datasheet
109Kb / 3P
   MICROMINIATURE POLARIZED RELAY
AZ956 AZETTLER-AZ956 Datasheet
92Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ850 AZETTLER-AZ850 Datasheet
72Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ8462 AZETTLER-AZ8462 Datasheet
162Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
List of Unclassifed Man...
AZ833 ETC-AZ833 Datasheet
163Kb / 4P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ851 ZETTLER-AZ851 Datasheet
70Kb / 3P
   MICROMINIATURE POLARIZED RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com