Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ880-1A-24D Datasheet(PDF) 3 Page - ZETTLER Electronics

Part # AZ880-1A-24D
Description  10 A SPST / 8 A DPST POLARIZED SUBMINIATURE POWER RELAY MONOSTABLE OR LATCHING
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ880-1A-24D Datasheet(HTML) 3 Page - ZETTLER Electronics

  AZ880-1A-24D Datasheet HTML 1Page - ZETTLER Electronics AZ880-1A-24D Datasheet HTML 2Page - ZETTLER Electronics AZ880-1A-24D Datasheet HTML 3Page - ZETTLER Electronics AZ880-1A-24D Datasheet HTML 4Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AZ880
-
A ZETTLER
Company
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
GROUP
GROUP
2014-06-17
AZ880P2
COIL SPECIFICATIONS - DUAL COIL LATCHING
ORDER NUMBER*
Nominal
Must
Max. Continuous
Coil
Coil
Operate
VDC
Resistance
1 Form A
2 Form A
1 Form A / 1 Form B
VDC
VDC
± 10%
3
2.1
4.9
32.1
AZ880P2-1A-3D
AZ880P2-2A-3D
AZ880P2-1AB-3D
5
3.5
8.2
89.3
AZ880P2-1A-5D
AZ880P2-2A-5D
AZ880P2-1AB-5D
6
4.2
9.8
129
AZ880P2-1A-6D
AZ880P2-2A-6D
AZ880P2-1AB-6D
9
6.3
14.7
289
AZ880P2-1A-9D
AZ880P2-2A-9D
AZ880P2-1AB-9D
12
8.4
19.6
514
AZ880P2-1A-12D
AZ880P2-2A-12D
AZ880P2-1AB-12D
24
16.8
39.3
2056
AZ880P2-1A-24D
AZ880P2-2A-24D
AZ880P2-1AB-24D
*Add “E” after “1A” or “1AB” or “2A” for silver tin oxide contacts. Add suffix “E” for epoxy sealed version. Add suffix “A” for gold plated contacts.
Add suffix “R” for reversed polarity coil.
*Add “E” after “1A” or “1AB” or “2A” for silver tin oxide contacts. Add suffix “E” for epoxy sealed version. Add suffix “A” for gold plated contacts.
Add suffix “R” for reversed polarity coil.
AZ880P1
COIL SPECIFICATIONS - SINGLE COIL LATCHING
ORDER NUMBER*
Nominal
Must
Max. Continuous
Coil
Coil
Operate
VDC
Resistance
1 Form A
2 Form A
1 Form A / 1 Form B
VDC
VDC
± 10%
3
2.1
5.8
45
AZ880P1-1A-3D
AZ880P1-2A-3D
AZ880P1-1AB-3D
5
3.5
9.7
125
AZ880P1-1A-5D
AZ880P1-2A-5D
AZ880P1-1AB-5D
6
4.2
11.6
180
AZ880P1-1A-6D
AZ880P1-2A-6D
AZ880P1-1AB-6D
9
6.3
17.4
405
AZ880P1-1A-9D
AZ880P1-2A-9D
AZ880P1-1AB-9D
12
8.4
23.2
720
AZ880P1-1A-12D
AZ880P1-2A-12D
AZ880P1-1AB-12D
24
16.8
46.5
2880
AZ880P1-1A-24D
AZ880P1-2A-24D
AZ880P1-1AB-24D
RELAY ORDERING DATA
AZ880
COIL SPECIFICATIONS - 2 FORM A
ORDER NUMBER*
Nominal
Must
Max. Continuous
Coil
Coil
Operate
VDC
Resistance
2 Form A
VDC
VDC
± 10%
3
2.1
4.9
32.1
AZ880-2A-3D
5
3.5
8.2
89.3
AZ880-2A-5D
6
4.2
9.8
129
AZ880-2A-6D
9
6.3
14.7
289
AZ880-2A-9D
12
8.4
19.6
514
AZ880-2A-12D
24
16.8
39.3
2056
AZ880-2A-24D
*Add “E” after “2A” for silver tin oxide contacts. Add suffix “E” for epoxy sealed version. Add suffix “A” for gold plated contacts.
Add suffix “R” for reversed polarity coil.


Similar Part No. - AZ880-1A-24D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ880-1A-24D AZETTLER-AZ880-1A-24D Datasheet
217Kb / 3P
   10 A SPST / 8 A DPST POLARIZED SUBMINIATURE POWER RELAY SINGLE SIDE STABLE (NON-LATCHING) AND BISTABLE (LATCHING)
More results

Similar Description - AZ880-1A-24D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ881 ZETTLER-AZ881 Datasheet
59Kb / 3P
   8 A SPST / 5 A DPST POLARIZED SUBMINIATURE POWER RELAY MONOSTABLE OR LATCHING
logo
American Zettler, Inc.
AZ880 AZETTLER-AZ880 Datasheet
217Kb / 3P
   10 A SPST / 8 A DPST POLARIZED SUBMINIATURE POWER RELAY SINGLE SIDE STABLE (NON-LATCHING) AND BISTABLE (LATCHING)
AZ881 AZETTLER-AZ881 Datasheet
221Kb / 3P
   8 A SPST / 5 A DPST POLARIZED SUBMINIATURE POWER RELAY SINGLE SIDE STABLE (NON-LATCHING) AND BISTABLE (LATCHING)
logo
ZETTLER Electronics
AZ8P ZETTLER-AZ8P Datasheet
52Kb / 2P
   10 A MINIATURE POWER RELAY BISTABLE (LATCHING)
AZ8P ZETTLER-AZ8P_14 Datasheet
54Kb / 2P
   10 A MINIATURE POWER RELAY BISTABLE (LATCHING)
AZ7709 ZETTLER-AZ7709 Datasheet
490Kb / 3P
   SPST SUBMINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ765 AZETTLER-AZ765 Datasheet
247Kb / 2P
   SPST SUBMINIATURE POWER RELAY
AZ766 AZETTLER-AZ766 Datasheet
101Kb / 2P
   SPST SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ765 ZETTLER-AZ765 Datasheet
64Kb / 2P
   SPST SUBMINIATURE POWER RELAY
AZ766 ZETTLER-AZ766_12 Datasheet
44Kb / 2P
   SPST SUBMINIATURE POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com