Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78322GF Datasheet(PDF) 9 Page - NEC

Part # UPD78322GF
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLER
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78322GF Datasheet(HTML) 9 Page - NEC

Back Button UPD78322GF Datasheet HTML 5Page - NEC UPD78322GF Datasheet HTML 6Page - NEC UPD78322GF Datasheet HTML 7Page - NEC UPD78322GF Datasheet HTML 8Page - NEC UPD78322GF Datasheet HTML 9Page - NEC UPD78322GF Datasheet HTML 10Page - NEC UPD78322GF Datasheet HTML 11Page - NEC UPD78322GF Datasheet HTML 12Page - NEC UPD78322GF Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 88 page
background image
BCU
ROM/Peripheral RAM
SYSTEM
CONTROL
&
BUS
CONTROL
&
PREFETCH
CONTROL
ROM
16K bytes/
Peripheral
RAM
384 bytes
EXU
ALU
GENERAL
REGISTERS
128 bytes
&
DATA
MEMORY
128 bytes
MICRO SEQUENCE
CONTROL
MICRO ROM.
Main RAM
PROGRAMMABLE
INTERRUPT
CONTROLLER
TIMER/COUNTER UNIT
(REALTIME PULSE UNIT)
SERIAL INTERFACE
(SBI)
(UART)
(P20) NMI
INTP0–INTP5
(P21–P26)
(P80) TO00
(P81) TO01
(P82) TO02
(P83) TO03
(P84) TO10
(P85) TO11
(P27) TI/INTP6
(P34) SCK
(P32) SO/SB0
(P33) SI/SB1
(P30) TXD
(P31) RXD
WDT
A/D CONVERTER
(10 BITS)
PORT
VDD
VSS
AD0–AD7 (P40–P47)
A8–A15 (P50–P57)
EA
TMD (P93)
TAS (P92)
WR (P91)
RD (P90)
ASTB
RESET
X2
X1
Note
Note The
µPD78320 does not incorporate ROM.


Similar Part No. - UPD78322GF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78322GF-XXX-3B9 RENESAS-UPD78322GF-XXX-3B9 Datasheet
656Kb / 90P
   MOS INTEGRATED CIRCUIT
1989
More results

Similar Description - UPD78322GF

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784031 NEC-UPD784031 Datasheet
377Kb / 90P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P328 NEC-UPD78P328 Datasheet
1Mb / 48P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78361A NEC-UPD78361A Datasheet
782Kb / 88P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4038 NEC-UPD78P4038 Datasheet
324Kb / 72P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4038Y NEC-UPD78P4038Y Datasheet
435Kb / 72P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78323 NEC-UPD78323 Datasheet
454Kb / 86P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD784035 NEC-UPD784035 Datasheet
401Kb / 90P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD784031 NEC-UPD784031 Datasheet
539Kb / 86P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P322 NEC-UPD78P322 Datasheet
340Kb / 56P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD70320 NEC-UPD70320 Datasheet
439Kb / 74P
   V25TM 16/8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com