Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78362ACW Datasheet(PDF) 6 Page - NEC

Part # UPD78362ACW
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLER
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78362ACW Datasheet(HTML) 6 Page - NEC

Back Button UPD78362ACW Datasheet HTML 2Page - NEC UPD78362ACW Datasheet HTML 3Page - NEC UPD78362ACW Datasheet HTML 4Page - NEC UPD78362ACW Datasheet HTML 5Page - NEC UPD78362ACW Datasheet HTML 6Page - NEC UPD78362ACW Datasheet HTML 7Page - NEC UPD78362ACW Datasheet HTML 8Page - NEC UPD78362ACW Datasheet HTML 9Page - NEC UPD78362ACW Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 88 page
background image
6
µPD78361A, 78362A
DIFFERENCES BETWEEN
µPD78362A AND µPD78366A
ROM
Internal ROM
RAM
Input
I/O lines
I/O
Serial Interface
External expansion function
ROM-less mode
MODE setting
Package
Product name
Item
24K bytes
32K bytes
786 bytes
2K bytes
14 (of which 8 are multiplexed with analog input)
38
Dedicated baud rate generator
UART: 1 channel
Clocked serial interface/SBI: 1 channel
None
None
Always set as follows:
MODE = L
64-pin plastic shrink DIP (750 mil)
49
Dedicated baud rate generator
UART (with pin selection function):
1 channel
Clocked serial interface/SBI:
1 channel
Provided
Provided
In ordinary operation mode:
MODE0, 1 = LL
In ROM-less mode:
MODE0, 1 = HH
80-pin plastic QFP (14
× 20 mm)
µPD78362A
µPD78366A


Similar Part No. - UPD78362ACW

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78362ACW-XXX RENESAS-UPD78362ACW-XXX Datasheet
638Kb / 90P
   MOS INTEGRATED CIRCUIT
1996
More results

Similar Description - UPD78362ACW

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784031 NEC-UPD784031 Datasheet
377Kb / 90P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P328 NEC-UPD78P328 Datasheet
1Mb / 48P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4038 NEC-UPD78P4038 Datasheet
324Kb / 72P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4038Y NEC-UPD78P4038Y Datasheet
435Kb / 72P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78323 NEC-UPD78323 Datasheet
454Kb / 86P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78320 NEC-UPD78320 Datasheet
479Kb / 88P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD784035 NEC-UPD784035 Datasheet
401Kb / 90P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD784031 NEC-UPD784031 Datasheet
539Kb / 86P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P322 NEC-UPD78P322 Datasheet
340Kb / 56P
   16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD70320 NEC-UPD70320 Datasheet
439Kb / 74P
   V25TM 16/8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com