Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ936-1A-48DE Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # AZ936-1A-48DE
Description  10 AMP LOW PROFILE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ936-1A-48DE Datasheet(HTML) 2 Page - ZETTLER Electronics

  AZ936-1A-48DE Datasheet HTML 1Page - ZETTLER Electronics AZ936-1A-48DE Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2003-06-15
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
AZ936
RELAY ORDERING DATA
COIL SPECIFICATIONS SPST-NO (1 Form A)
ORDER NUMBER
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
Unsealed
Sealed
VDC
VDC
VDC
±10%
32.4
3.9
30
AZ936–1A–3D
AZ936–1A–3DE
54.0
6.5
83
AZ936–1A–5D
AZ936–1A–5DE
64.8
7.8
120
AZ936–1A–6D
AZ936–1A–6DE
97.2
11.7
270
AZ936–1A–9D
AZ936–1A–9DE
12
9.6
15.6
480
AZ936–1A–12D
AZ936–1A–12DE
24
19.2
31.2
1,920
AZ936–1A–24D
AZ936–1A–24DE
48
33.6
52.8
4,608
AZ936–1A–48D
AZ936–1A–48DE
100
70.0
110.0
20,000
AZ936–1A–100D
AZ936–1A–100DE
MECHANICAL DATA
Dimensions in inches with metric equivalents in parentheses. Tolerance: ±0.010"
1
4
2
3
4
3
1
2
PC BOARD LAYOUT
WIRING DIAGRAM
VIEWED TOWARD TERMINALS
VIEWED TOWARD TERMINALS
1
2
4
3
[10.2]
.400
[ø0.9]
2xø.035
[2.1]
.083
[12.7]
.500
[ø1.3]
2xø.051
[1.6]
.065
[17.8]
.700
[0.4]
.016
[6.4]
.252
[0.3]
2x.012
[3.6]
.142
[0.8]
2x.020 SQ.
[22.0]
.866
[1.0]
2x.040
[12.7]
.500
[16.0]
.630


Similar Part No. - AZ936-1A-48DE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ936-1A-48DE ETC2-AZ936-1A-48DE Datasheet
42Kb / 2P
   10 AMP LOW PROFILE POWER RELAY
logo
American Zettler, Inc.
AZ936-1A-48DE AZETTLER-AZ936-1A-48DE Datasheet
76Kb / 2P
   10 AMP LOW PROFILE POWER RELAY
More results

Similar Description - AZ936-1A-48DE

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ936 AZETTLER-AZ936 Datasheet
76Kb / 2P
   10 AMP LOW PROFILE POWER RELAY
logo
List of Unclassifed Man...
AZ936 ETC2-AZ936 Datasheet
42Kb / 2P
   10 AMP LOW PROFILE POWER RELAY
logo
ZETTLER Electronics
AZ944 ZETTLER-AZ944 Datasheet
103Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
logo
American Zettler, Inc.
AZ944 AZETTLER-AZ944 Datasheet
76Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
AZ9481 AZETTLER-AZ9481 Datasheet
117Kb / 3P
   16 AMP LOW PROFILE POWER RELAY
logo
ZETTLER Electronics
AZ948 ZETTLER-AZ948 Datasheet
139Kb / 3P
   16 AMP LOW PROFILE POWER RELAY
logo
American Zettler, Inc.
AZ948 AZETTLER-AZ948 Datasheet
80Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
logo
List of Unclassifed Man...
AZ948 ETC-AZ948 Datasheet
48Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
logo
ZETTLER Electronics
AZ9481 ZETTLER-AZ9481 Datasheet
56Kb / 3P
   16 AMP LOW PROFILE POWER RELAY
logo
American Zettler, Inc.
AZ9481F AZETTLER-AZ9481F Datasheet
105Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com